Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC4520PW Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74HC4520PW
Description  Dual 4-bit synchronous binary counter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC4520PW Datasheet(HTML) 2 Page - NXP Semiconductors

  74HC4520PW Datasheet HTML 1Page - NXP Semiconductors 74HC4520PW Datasheet HTML 2Page - NXP Semiconductors 74HC4520PW Datasheet HTML 3Page - NXP Semiconductors 74HC4520PW Datasheet HTML 4Page - NXP Semiconductors 74HC4520PW Datasheet HTML 5Page - NXP Semiconductors 74HC4520PW Datasheet HTML 6Page - NXP Semiconductors 74HC4520PW Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
December 1990
2
Philips Semiconductors
Product specification
Dual 4-bit synchronous binary counter
74HC/HCT4520
FEATURES
• Output capability: standard
• ICC category: MSI
GENERAL DESCRIPTION
The 74HC/HCT4520 are high-speed Si-gate CMOS
devices and are pin compatible with the “4520” of the
“4000B” series. They are specified in compliance with
JEDEC standard no. 7A.
The 74HC/HCT4520 are dual 4-bit internally synchronous
binary counters with an active HIGH clock input (nCP0)
and an active LOW clock input (nCP1), buffered outputs
from all four bit positions (nQ0 to nQ3) and an active HIGH
overriding asynchronous master reset input (nMR).
The counter advances on either the LOW-to-HIGH
transition of nCP0 if nCP1 is HIGH or the HIGH-to-LOW
transition of nCP1 if nCP0 is LOW. Either nCP0 or nCP1
may be used as the clock input to the counter and the other
clock input may be used as a clock enable input. A HIGH
on nMR resets the counter (nQ0 to nQ3 = LOW)
independent of nCP0 and nCP1.
APPLICATIONS
• Multistage synchronous counting
• Multistage asynchronous counting
• Frequency dividers
QUICK REFERENCE DATA
GND = 0 V; Tamb =25 °C; tr =tf = 6 ns
Notes
1. CPD is used to determine the dynamic power dissipation (PD in µW):
PD =CPD × VCC2 × fi +∑ (CL × VCC2 × fo) where:
fi = input frequency in MHz
fo = output frequency in MHz
∑ (CL × VCC2 × fo) = sum of outputs
CL = output load capacitance in pF
VCC = supply voltage in V
2. For HC the condition is VI = GND to VCC
For HCT the condition is VI = GND to VCC − 1.5 V
ORDERING INFORMATION
See
“74HC/HCT/HCU/HCMOS Logic Package Information”.
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
HC
HCT
tPHL/ tPLH
propagation delay nCP0, nCP1 to nQn
CL = 15 pF; VCC = 5 V 2424ns
tPHL
propagation delay nMR to nQn
13
13
ns
fmax
maximum clock frequency
68
64
MHz
CI
input capacitance
3.5
3.5
pF
CPD
power dissipation capacitance per counter
notes 1 and 2
29
24
pF


Similar Part No. - 74HC4520PW

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HC4520PW NEXPERIA-74HC4520PW Datasheet
253Kb / 14P
   Dual 4-bit synchronous binary counter
Rev. 6 - 9 October 2020
74HC4520PW-Q100 NEXPERIA-74HC4520PW-Q100 Datasheet
256Kb / 15P
   Dual 4-bit synchronous binary counter
Rev. 3 - 9 October 2020
More results

Similar Description - 74HC4520PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4520N NXP-74HC4520N Datasheet
52Kb / 7P
   Dual 4-bit synchronous binary counter
December 1990
logo
Nexperia B.V. All right...
74HCT4520-Q100 NEXPERIA-74HCT4520-Q100 Datasheet
256Kb / 15P
   Dual 4-bit synchronous binary counter
Rev. 3 - 9 October 2020
74HCT4520 NEXPERIA-74HCT4520 Datasheet
253Kb / 14P
   Dual 4-bit synchronous binary counter
Rev. 6 - 9 October 2020
74HC4520-Q100 NEXPERIA-74HC4520-Q100 Datasheet
226Kb / 13P
   Dual 4-bit synchronous binary counter
logo
NXP Semiconductors
74HC4520 PHILIPS-74HC4520 Datasheet
55Kb / 7P
   Dual 4-bit synchronous binary counter
December 1990
74HC4520DB PHILIPS-74HC4520DB Datasheet
59Kb / 7P
   Dual 4-bit synchronous binary counter
December 1990
74HC4520D NXP-74HC4520D Datasheet
59Kb / 7P
   Dual 4-bit synchronous binary counter
December 1990
logo
Texas Instruments
SN74F163A TI-SN74F163A Datasheet
124Kb / 9P
[Old version datasheet]   SYNCHRONOUS 4-BIT BINARY COUNTER
SN74F163A TI-SN74F163A_06 Datasheet
372Kb / 14P
[Old version datasheet]   SYNCHRONOUS 4-BIT BINARY COUNTER
SN74F161A TI-SN74F161A Datasheet
124Kb / 9P
[Old version datasheet]   SYNCHRONOUS 4-BIT BINARY COUNTER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com