Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FC250B1 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # FC250B1
Description  Capacitors for High Current, Power Semiconductor, and DC Applications
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FC250B1 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  FC250B1 Datasheet HTML 1Page - List of Unclassifed Manufacturers FC250B1 Datasheet HTML 2Page - List of Unclassifed Manufacturers FC250B1 Datasheet HTML 3Page - List of Unclassifed Manufacturers FC250B1 Datasheet HTML 4Page - List of Unclassifed Manufacturers FC250B1 Datasheet HTML 5Page - List of Unclassifed Manufacturers FC250B1 Datasheet HTML 6Page - List of Unclassifed Manufacturers FC250B1 Datasheet HTML 7Page - List of Unclassifed Manufacturers FC250B1 Datasheet HTML 8Page - List of Unclassifed Manufacturers FC250B1 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
©
2000 GE Company
This family of capacitors is designed for high-current applications, such as
(1) SCR commutation, (2) snubbers for SCRs, GTOs and other power
semiconductors, and (3) for any other circuits where the combination of
frequency and voltage results in high RMS currents. An Application Note is
provided to assist in the proper use of these devices. It is strongly recom-
mended that users refer to GE engineers for assistance if there are any
questions as to the correct selection of capacitors. The A97F8600/
A97F8700 Series have an all-film dielectric and, due to the much lower
dissipation factor, can handle much higher currents than the older film paper
designs.
Advances in capacitor Dielectric technology have made paint
unnecesary, in most cases. This along with GE’s commitment to
environmental programs has led to the elimination of painted cases in
this product line. Removal of the paint has minimal affect on the RMS
current ratings; see the standard ratings charts for proper application.
SPECIFICATIONS
Available Capacitance Range:
1 to 50 µF
Capacitance Tolerance:
± 10%
Capacitance Variation with Temperature:
± 3% from -55 °C to +85 °C
Rated Voltage:
See Ratings Tables. Rating is the Maximum Peak voltage
permissible in either polarity.
Rated Current:
See Ratings Tables. The value given is for derating purposes
only. Refer to the Application Note on Page 12 to determine
the required derating. In no circumstances should the RMS
Current rating of the terminals be exceeded.
Operating Temperature:
-40 °C to +75 °C
Storage Temperature:
-55 °C to +90 °C
Operating Life:
40,000 hours with 95% survival with proper derating
Dissipation Factor:
0.02% maximum
Case Material/Finish:
Oval Case & Cover:
Unpainted Aluminum
Rectangular Case & Cover:
Unpainted Steel
Terminations/Hardware:
1/4 - 20 screw thread studs (60 A RMS maximum)
3/8 - 16 screw thread studs (100 A RMS maximum)
Case Styles C* and D* have 100-A terminals.
Nut and washer hardware is supplied in bag
Dielectric Fluid:
A97F8600/ A97F8700 series:
Dielektrol VII
Internal Protection:
These capacitors do not contain an internal protection
mechanism. The user is responsible for ensuring that the
capacitors are correctly applied for safe use.
SCR Commutation Capacitors
A97F8600 / A97F8700 Series
600 to 1500 Volts Peak
4


Similar Part No. - FC250B1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
FC250F1 MACOM-FC250F1 Datasheet
1Mb / 20P
   Power Module: dc-dc Converter; 18 Vdc to 36 Vdc Input, 3.3 Vdc Output; 165 W
FC250R MACOM-FC250R Datasheet
1Mb / 20P
   Power Module:dc-dc Converter; 18 Vdc to 36 Vdc Input, 28 Vdc Output; 250 W
FC250R1 MACOM-FC250R1 Datasheet
1Mb / 20P
   Power Module:dc-dc Converter; 18 Vdc to 36 Vdc Input, 28 Vdc Output; 250 W
More results

Similar Description - FC250B1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A97F8620 ETC2-A97F8620 Datasheet
196Kb / 18P
   Capacitors for High Current, Power Semiconductor, and DC Applications
A97F8676S ETC2-A97F8676S Datasheet
590Kb / 18P
   Capacitors for High Current, Power Semiconductor, and DC Applications
logo
Infineon Technologies A...
PEB1757E INFINEON-PEB1757E Datasheet
256Kb / 4P
   Semiconductor Solutions for High Speed Communication and Fiber Optic Applications
2003
PEB1756E INFINEON-PEB1756E Datasheet
255Kb / 4P
   Semiconductor Solutions for High Speed Communication and Fiber Optic Applications
2003-07-01
TITAN19244 INFINEON-TITAN19244 Datasheet
904Kb / 2P
   Semiconductor Solutions for High Speed Communications and Fiber Optic Applications
PEB1755E INFINEON-PEB1755E Datasheet
684Kb / 2P
   Semiconductor Solutions for High Speed Communication and Fiber Optic Applications
logo
Toshiba Semiconductor
2SK1602 TOSHIBA-2SK1602 Datasheet
673Kb / 9P
   HIGH SPEED, HIGH CURRENT SWITCHING APPLICATIONS / DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS
2SK1746 TOSHIBA-2SK1746 Datasheet
668Kb / 9P
   HIGH SPEED, HIGH CURRENT SWITCHING APPLICATIONS. DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS.
2SA1934 TOSHIBA-2SA1934 Datasheet
160Kb / 5P
   High-Current Switching Applications DC-DC Converter Applications
logo
Infineon Technologies A...
FOA4400 INFINEON-FOA4400 Datasheet
190Kb / 2P
   Semiconductor Solutions for High Speed Communi cation and Fiber Optic Applications
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com