Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT7132SA100CB Datasheet(PDF) 9 Page - Integrated Device Technology

Part # IDT7132SA100CB
Description  HIGH-SPEED 2K x 8 DUAL-PORT STATIC RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7132SA100CB Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button IDT7132SA100CB Datasheet HTML 3Page - Integrated Device Technology IDT7132SA100CB Datasheet HTML 4Page - Integrated Device Technology IDT7132SA100CB Datasheet HTML 5Page - Integrated Device Technology IDT7132SA100CB Datasheet HTML 6Page - Integrated Device Technology IDT7132SA100CB Datasheet HTML 7Page - Integrated Device Technology IDT7132SA100CB Datasheet HTML 8Page - Integrated Device Technology IDT7132SA100CB Datasheet HTML 9Page - Integrated Device Technology IDT7132SA100CB Datasheet HTML 10Page - Integrated Device Technology IDT7132SA100CB Datasheet HTML 11Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
6.02
9
IDT7132SA/LA AND IDT7142SA/LA
HIGH-SPEED 2K x 8 DUAL-PORT STATIC RAM
MILITARY AND COMMERCIAL TEMPERATURE RANGES
BUSYR
2692 drw 12
R/
WL
tWP
tWH
tWB
R/
WR
(2)
(1)
TIMING WAVEFORM OF WRITE WITH
BUSY
BUSY
BUSY
BUSY
BUSY(3)
NOTES:
1. tWH must be met for both
BUSY Input (IDT7142, slave) or Output (IDT7132, master).
2.
BUSY is asserted on port 'B' blocking R/W'B', until BUSY'B' goes High.
3. All timing is the same for the left and right ports. Port 'A' may be either the left or right port. Port 'B' is opposite from port 'A'.
TIMING WAVEFORM OF BUSY ARBITRATION CONTROLLED BY
CE
CE
CE
CE
CE TIMING (1)
tAPS
ADDR
'A'
and 'B'
ADDRESSES MATCH
tBAC
tBDC
CE'B'
CE'A'
BUSY'A'
2692 drw 13
(2)
TIMING WAVEFORM OF BUSY ARBITRATION CONTROLLED BY ADDRESS MATCH TIMING (1)
BUSY'B'
ADDRESSES DO NOT MATCH
ADDRESSES MATCH
tAPS
ADDR'A'
ADDR'B'
2692 drw 14
(2)
tBAA
tBDA
tRC or tWC
NOTES:
1. All timing is the same for left and right ports. Port 'A' may be either left or right port. Port 'B' is the opposite from port 'A'.
2. If tAPS is not satisified, the
BUSY will be asserted on one side or the other, but there is no guarantee on which side BUSY will be asserted (7132 only).


Similar Part No. - IDT7132SA100CB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7132SA100CB IDT-IDT7132SA100CB Datasheet
255Kb / 16P
   HIGH-SPEED 2K x 8 DUAL-PORT STATIC RAM WITH INTERRUPTS
More results

Similar Description - IDT7132SA100CB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7132SA IDT-IDT7132SA_15 Datasheet
203Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
IDT71321SA IDT-IDT71321SA_08 Datasheet
143Kb / 17P
   HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
IDT7132SA IDT-IDT7132SA_18 Datasheet
169Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
IDT71321SA IDT-IDT71321SA_18 Datasheet
184Kb / 18P
   HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
7132SA100J IDT-7132SA100J Datasheet
292Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
7132SA55JI IDT-7132SA55JI Datasheet
292Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
logo
Cypress Semiconductor
CY7C132 CYPRESS-CY7C132_05 Datasheet
562Kb / 18P
   2K x 8 Dual-Port Static RAM
CY7C146 CYPRESS-CY7C146 Datasheet
455Kb / 15P
   2K x 8 Dual-Port Static RAM
CY7C136 CYPRESS-CY7C136 Datasheet
455Kb / 15P
   2K x 8 Dual-Port Static RAM
CY7C132 CYPRESS-CY7C132_12 Datasheet
364Kb / 17P
   2K x 8 Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com