Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT74FCT823CT Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDT74FCT823CT
Description  HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FCT823CT Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT74FCT823CT Datasheet HTML 1Page - Integrated Device Technology IDT74FCT823CT Datasheet HTML 2Page - Integrated Device Technology IDT74FCT823CT Datasheet HTML 3Page - Integrated Device Technology IDT74FCT823CT Datasheet HTML 4Page - Integrated Device Technology IDT74FCT823CT Datasheet HTML 5Page - Integrated Device Technology IDT74FCT823CT Datasheet HTML 6Page - Integrated Device Technology IDT74FCT823CT Datasheet HTML 7Page - Integrated Device Technology IDT74FCT823CT Datasheet HTML 8Page - Integrated Device Technology IDT74FCT823CT Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
IDT54/74FCT821AT/BT/CT, 823/825AT/BT/CT/DT
HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTERS
MILITARY AND COMMERCIAL TEMPERATURE RANGES
6.21
4
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE
Following Conditions Apply Unless Otherwise Specified:
Commercial: TA = 0
°C to +70°C, VCC = 5.0V ± 5%; Military: TA = –55°C to +125°C, VCC = 5.0V ± 10%
Symbol
Parameter
Test Conditions(1)
Min.
Typ.(2)
Max.
Unit
VIH
Input HIGH Level
Guaranteed Logic HIGH Level
2.0
V
VIL
Input LOW Level
Guaranteed Logic LOW Level
0.8
V
II H
Input HIGH Current(4)
VCC = Max.
VI = 2.7V
±1
µA
II L
Input LOW Current(4)
VI = 0.5V
±1
IOZH
High Impedance Output Current
VCC = Max.
VO = 2.7V
±1
µA
IOZL
(3-State Output pins)(4)
VO = 0.5V
±1
II
Input HIGH Current(4)
VCC = Max., VI = VCC (Max.)
±1
µA
VIK
Clamp Diode Voltage
VCC = Min., IIN = –18mA
–0.7
–1.2
V
VH
Input Hysteresis
200
mV
ICC
Quiescent Power Supply Current
VCC = Max., VIN = GND or VCC
0.01
1
mA
2567 lnk 05
OUTPUT DRIVE CHARACTERISTICS FOR FCT821/823/825T
Symbol
Parameter
Test Conditions(1)
Min.
Typ.(2)
Max.
Unit
VOH
Output HIGH Voltage
VCC = Min.
VIN = VIH or VIL
IOH = –6mA MIL.
IOH = –8mA COM'L.
2.4
3.3
V
IOH = –12mA MIL.
IOH = –15mA COM'L.
2.0
3.0
V
VOL
Output LOW Voltage
VCC = Min.
VIN = VIH or VIL
IOL = 32mA MIL.
IOL = 48mA COM'L.
0.3
0.5
V
IOS
Short Circuit Current
VCC = Max., VO = GND(3)
–60
–120
–225
mA
IOFF
Input/Output Power Off Leakage(5)
VCC = 0V, VIN or VO
≤ 4.5V
±1
µA
2567 lnk 06
NOTES:
1. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at Vcc = 5.0V, +25
°C ambient.
3. Not more than one output should be shorted at one time. Duration of the short circuit test should not exceed one second.
4. The test limit for this parameter is
±5µA at TA = –55°C.
5. This parameter is guaranteed but not tested.


Similar Part No. - IDT74FCT823CT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT823CT IDT-IDT74FCT823CT Datasheet
78Kb / 7P
   HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTER
IDT74FCT823CTQ IDT-IDT74FCT823CTQ Datasheet
78Kb / 7P
   HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTER
IDT74FCT823CTQG IDT-IDT74FCT823CTQG Datasheet
78Kb / 7P
   HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTER
IDT74FCT823CTSO IDT-IDT74FCT823CTSO Datasheet
78Kb / 7P
   HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTER
IDT74FCT823CTSOG IDT-IDT74FCT823CTSOG Datasheet
78Kb / 7P
   HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTER
More results

Similar Description - IDT74FCT823CT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT821A IDT-IDT74FCT821A Datasheet
186Kb / 8P
   HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTERS
logo
Pericom Semiconductor C...
PI74FCT821T PERICOM-PI74FCT821T Datasheet
85Kb / 7P
   Fast CMOS Bus Interface Registers
logo
List of Unclassifed Man...
WS59820 ETC1-WS59820 Datasheet
574Kb / 9P
   CMOS / BI - DIRECTIONAL BUS INTERFACE REGISTERS
logo
Integrated Device Techn...
IDT54FCT821A IDT-IDT54FCT821A Datasheet
77Kb / 7P
   HIGH PERFORMANCE CMOS BUS INTERFACE REGISTER
IDT74FCT823AT IDT-IDT74FCT823AT_06 Datasheet
78Kb / 7P
   HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTER
IDT54FCT823 IDT-IDT54FCT823 Datasheet
89Kb / 7P
   HIGH PERFORMANCE CMOS BUS INTERFACE REGISTER
logo
Renesas Technology Corp
IDT74FCT823AT RENESAS-IDT74FCT823AT Datasheet
678Kb / 8P
   HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTER
February 19, 2009
logo
Integrated Device Techn...
IDT74FCT841A IDT-IDT74FCT841A Datasheet
140Kb / 7P
   HIGH-PERFORMANCE CMOS BUS INTERFACE LATCHES
logo
NXP Semiconductors
74F821 PHILIPS-74F821 Datasheet
140Kb / 18P
   Bus interface registers
1996 Jan 05
logo
Advanced Micro Devices
AM29843 AMD-AM29843 Datasheet
597Kb / 15P
   HIGH PERFORMANCE BUS INTERFACE LATCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com