Electronic Components Datasheet Search |
|
AD704 Datasheet(PDF) 4 Page - Analog Devices |
|
AD704 Datasheet(HTML) 4 Page - Analog Devices |
4 / 16 page AD704 Rev. E | Page 4 of 16 AD704J/A Parameters Conditions Min Typ Max Unit OPEN-LOOP GAIN VO = ±12 V RLOAD = 10 kΩ 200 2000 V/mV TMIN − TMAX 150 1500 V/mV VO = ±10 V RLOAD = 2 kΩ 200 1000 V/mV TMIN − TMAX 150 1000 V/mV OUTPUT CHARACTERISTICS Voltage Swing RLOAD = 10 kΩ V TMIN − TMAX ±13 ±14 Current Short circuit ±15 mA CAPACITIVE LOAD Drive Capability Gain = 1 10,000 pF POWER SUPPLY Rated Performance ±15 V Operating Range ±2.0 ±18 V Quiescent Current 1.5 2.4 mA TMIN − TMAX 1.6 2.6 mA TRANSISTOR COUNT Number of transistors 180 1 Bias current specifications are guaranteed maximum at either input. 2 Input bias current match is the maximum difference between corresponding inputs of all four amplifiers. 3 CMRR match is the difference of ΔVOS/ΔVCM between any two amplifiers, expressed in dB. 4 PSRR match is the difference between ΔVOS/ΔVSUPPLY for any two amplifiers, expressed in dB. 5 See Figure 5 for test circuit. |
Similar Part No. - AD704_15 |
|
Similar Description - AD704_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |