Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KTA1A80 Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

Part # KTA1A80
Description  4 Quadrants Sensitive TRIACS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

KTA1A80 Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  KTA1A80 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd KTA1A80 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd KTA1A80 Datasheet HTML 3Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMD Type
1
Thyristor
4 Quadrants Sensitive TRIACS
KTA1A60 / KTA1A80
Features
Repetitive peak off-state voltages :600V/800V
RMS on-state current :1A
Sensitive Gate Trigger Current
- 5mA of IGT at I, II and III Quadrants.
- 12mA of IGT at IV Quadrant.
1.T1
2.T2
3.Gate
1.70 0.1
0.42 0.1
0.46 0.1
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
KTT1A60
KTT1A80
Unit
Peak Repetitive Forward and Reverse Blocking
Voltages
VDRM
VRRM
600
800
V
Average On-State Current Tc=72℃
IT(AV)
RMS on-state Current Tc=72℃
IT(RMS)
Non-Repetitive Peak on-state Current
ITSM
Circuit Fusing Considerations (t = 10ms)
I2t
A2s
Forward Peak Gate Current TJ=125℃
IFGM
A
Reverse Peak Gate Voltage TJ=125℃
VRGM
V
Peak Gate Power TJ=125℃
PGM
Average Gate Power TJ = 125℃
PG(AV)
Thermal Resistance Junction to Ambient
RthJA
Thermal Resistance Junction to Case
RthJC
junction Temperature
TJ
Storage Temperature range
Tstg
150
48
125
-40to150
0.5
6
2
0.2
0.9
1
12/13
0.7
K/W
W
A
TIGER ELECTRONIC CO.,LTD


Similar Part No. - KTA1A80

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KTA1A80 KEXIN-KTA1A80 Datasheet
1Mb / 3P
   4 Quadrants Sensitive TRIACS
KTA1A80-HF KEXIN-KTA1A80-HF Datasheet
1Mb / 3P
   4 Quadrants Sensitive TRIACS
More results

Similar Description - KTA1A80

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KTA1A60-89 KEXIN-KTA1A60-89 Datasheet
1Mb / 3P
   4 Quadrants Sensitive TRIACS
KTA1A60-HF-89 KEXIN-KTA1A60-HF-89 Datasheet
1Mb / 3P
   4 Quadrants Sensitive TRIACS
logo
SemiHow Co.,Ltd.
HTB1A80 SEMIHOW-HTB1A80 Datasheet
423Kb / 6P
   4 Quadrants Sensitive TRIAC
BT136-600 SEMIHOW-BT136-600_13 Datasheet
380Kb / 6P
   4 Quadrants Sensitive TRIAC
HTC4A60S SEMIHOW-HTC4A60S Datasheet
551Kb / 6P
   4 Quadrants Sensitive TRIAC
HTP4A60S SEMIHOW-HTP4A60S Datasheet
380Kb / 6P
   4 Quadrants Sensitive TRIAC
HTB1A60 SEMIHOW-HTB1A60 Datasheet
423Kb / 6P
   4 Quadrants Sensitive TRIAC
BT136-600 SEMIHOW-BT136-600 Datasheet
380Kb / 6P
   4 Quadrants Sensitive TRIAC
HTK1A60 SEMIHOW-HTK1A60 Datasheet
423Kb / 5P
   4 Quadrants Sensitive TRIAC
logo
Guangdong Kexin Industr...
KTA1A60 KEXIN-KTA1A60 Datasheet
1Mb / 3P
   4 Quadrants Sensitive TRIAC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com