Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB1960MC Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LB1960MC
Description  2-phase Half-Wave Driver
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1960MC Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LB1960MC Datasheet HTML 1Page - Sanyo Semicon Device LB1960MC Datasheet HTML 2Page - Sanyo Semicon Device LB1960MC Datasheet HTML 3Page - Sanyo Semicon Device LB1960MC Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
's products or
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment. The products mentioned herein
shall not be intended for use for any "special application" (medical equipment whose purpose is to sustain life,
aerospace instrument, nuclear control device, burning appliances, transportation machine, traffic signal system,
safety equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives
in case of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any
guarantee thereof. If you should intend to use our products for new introduction or other application different
from current conditions on the usage of automotive device, communication device, office equipment, industrial
equipment etc. , please consult with us about usage condition (temperature, operation time etc.) prior to the
intended use. If there is no consultation or inquiry before the intended use, our customer shall be solely
responsible for the use.
70412 SY 20120417-S00001 No.A2078-1/4
LB1960MC
Overview
The LB1960MC is a 2-phase half-wave driver for fan motor. The LB1960MC is a compact package. Low external parts
count, easy wiring, and small PCB area allow use also with miniature fan motors.
Functions
• Dual power supply voltage design (5/12V) and wide voltage handling range.
(3V also supported for rotation functions only)
• Constant-voltage Hall bias power supply (1.3V across HB to GND) assures stable Hall output over entire temperature
and power supply voltage range. External limiting resistor not required.
• Built-in Hall amplifier with hysteresis (supports core without commutating pole).
• Built-in lockup protection and automatic recovery circuits (External capacitor for rotation detection need only be 0.1μF,
allowing compact, cost-saving design).
• Built-in output transistor with output withstand voltage 24V (max)/output current 500mA (average), 1A (peak).
• Built-in thermal protection circuit.
Specifications
Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
18
V
Maximum output current
IOUT ave
500
mA
IOUT peak
t
≤ 1ms
1000
mA
Maximum output voltage
VOUT max
Internal
V
Maximum HB output current
IH max
10
mA
Allowable power dissipation
Pd max
Mounted on a specified board *
750
mW
Operating temperature
Topr
-30 to +85
°C
Storage temperature
Tstg
-55 to +150
°C
* Specified board: 114.3mm
× 76.1mm × 1.6mm, glass epoxy board.
Caution 1) Absolute maximum ratings represent the value which cannot be exceeded for any length of time.
Caution 2) Even when the device is used within the range of absolute maximum ratings, as a result of continuous usage under high temperature, high current, high
voltage, or drastic temperature change, the reliability of the IC may be degraded. Please contact us for the further details.
Monolithic Digital IC
For Fan Motor
2-phase Half-Wave Driver
Ordering number : ENA2078


Similar Part No. - LB1960MC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LB1960MC ONSEMI-LB1960MC Datasheet
135Kb / 4P
   2-phase Half-Wave Driver
May, 2013
More results

Similar Description - LB1960MC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LB1960MC ONSEMI-LB1960MC Datasheet
135Kb / 4P
   2-phase Half-Wave Driver
May, 2013
logo
Sanyo Semicon Device
LB11966M SANYO-LB11966M Datasheet
71Kb / 4P
   2-phase Half-Wave Driver
logo
Rohm
BA6407AF ROHM-BA6407AF Datasheet
84Kb / 6P
   2-phase half-wave motor driver
BA6809F ROHM-BA6809F Datasheet
88Kb / 6P
   2-phase half-wave motor driver
logo
Fairchild Semiconductor
FAN8408D FAIRCHILD-FAN8408D Datasheet
84Kb / 12P
   2 Phase Half Wave BLDC Motor Driver
logo
List of Unclassifed Man...
BA6409F ETC1-BA6409F Datasheet
89Kb / 2P
   2-phase half-wave motor pre-driver
logo
Sanyo Semicon Device
LB1960M SANYO-LB1960M Datasheet
34Kb / 4P
   Fan Motor 2-Phase Half-Wave Driver
LB1966M SANYO-LB1966M Datasheet
32Kb / 4P
   Fan Motor 2-Phase Half-Wave Driver
LB1967M SANYO-LB1967M Datasheet
35Kb / 4P
   Fan Motor 2-Phase Half-Wave Driver
logo
Fairchild Semiconductor
FAN8404D FAIRCHILD-FAN8404D Datasheet
89Kb / 12P
   2 Phase Half Wave BLDC Motor Driver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com