Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD741 Datasheet(PDF) 3 Page - Analog Devices

Part # AD741
Description  LOW COST, HIGH ACCURACY IC OP AMPS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD741 Datasheet(HTML) 3 Page - Analog Devices

  AD741_15 Datasheet HTML 1Page - Analog Devices AD741_15 Datasheet HTML 2Page - Analog Devices AD741_15 Datasheet HTML 3Page - Analog Devices AD741_15 Datasheet HTML 4Page - Analog Devices AD741_15 Datasheet HTML 5Page - Analog Devices AD741_15 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
–3–
REV. A
AD741 Series
AD741K
AD741L
AD741S
Model
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Units
OPEN-LOOP GAIN
RL = 1 k
Ω, V
O =
±10 V
50,000
200,000
V/V
RL = 2 kΩ, VO = ± 10 V
50,000
200,000
50,000
200,000
V/V
TA = min to max RL = 2 k
25,000
25,000
25,000
V/V
OUTPUT CHARACTERISTICS
Voltage @ RL = 1 k
Ω, T
A = min to max
V
Voltage @ RL = 2 k
Ω, T
A = min to max
10
±13
10
±13
10
±13
V
Short Circuit Current
25
25
25
mA
FREQUENCY RESPONSE
Unity Gain, Small Signal
1
1
1
MHz
Full Power Response
10
10
10
kHz
Slew Rate
0.5
0.5
0.5
V/
µs
Transient Response (Unity Gain)
Rise Time
0.3
0.3
0.3
µs
Overshoot
5.0
5.0
5.0
%
INPUT OFFSET VOLTAGE
Initial, RS ≤ 10 kΩ, Adjust to Zero
0.5
2.0
0.2
0.5
1.0
2
mV
TA = min to max
3.0
1.0
4
mV
Average vs. Temperature (Untrimmed)
6.0
15.0
2.0
5.0
6.0
15
µV/°C
vs. Supply, TA = min to max
5
15.0
5
15.0
30
100
µV/V
INPUT OFFSET CURRENT
Initial
2
10
25
2
10
nA
TA = min to max
15
10
25
nA
Average vs. Temperature
0.02
0.02
0.02
0.1
0.1
0.25
nA/
°C
INPUT BIAS CURRENT
Initial
30
75
30
50
30
75
nA
TA = min to max
120
100
250
nA
Average vs. Temperature
0.6
1.5
0.6
1.0
0.6
2.0
nA/
°C
INPUT IMPEDANCE DIFFERENTIAL
2.0
2.0
2.0
M
INPUT VOLTAGE RANGE
1
Differential, max Safe
±30
±30
±30
V
Common-Mode, max Safe
±15
±15
±15
V
Common-Mode Rejection,
RS =
≤ 10 kΩ, T
A = min to max,
VIN =
±12 V
90
100
90
100
90
100
dB
POWER SUPPLY
Rated Performance
±15
±15
±15
V
Operating
±5
±22
±5
±22
±5
±22
V
Power Supply Rejection Ratio
20
20
20
µV/V
Quiescent Current
1.7
2.8
1.7
2.8
2.0
2.8
mA
Power Consumption
50
85
50
85
50
85
mW
TA = min
60
100
mW
TA = max
75
115
mW
TEMPERATURE RANGE
Operating Rated Performance
0
+70
0
+70
–55
+125
°C
Storage
–65
+150
–65
+150
–65
+150
°C


Similar Part No. - AD741_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD74111 AD-AD74111 Datasheet
344Kb / 20P
   Low Cost, Low Power Mono Audio Codec
REV. 0
AD74111 AD-AD74111 Datasheet
214Kb / 20P
   Low Cost, Low Power Mono Audio Codec
REV. 0
AD74111 AD-AD74111 Datasheet
214Kb / 20P
   Low Cost, Low Power Mono Audio Codec
REV. 0
AD74111 AD-AD74111 Datasheet
282Kb / 21P
   Low Cost, Low Power Mono Audio Codec
AD74111YRU AD-AD74111YRU Datasheet
344Kb / 20P
   Low Cost, Low Power Mono Audio Codec
REV. 0
More results

Similar Description - AD741_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD741 AD-AD741 Datasheet
181Kb / 6P
   Low Cost, High Accuracy IC Op Amps
REV. A
AD8034 AD-AD8034_15 Datasheet
620Kb / 25P
   Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8034ARTZ-REEL7 AD-AD8034ARTZ-REEL7 Datasheet
620Kb / 25P
   Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8033 AD-AD8033 Datasheet
374Kb / 20P
   Low Cost, 80 MHz FastFET ??Op Amps
REV. D
AD8033 AD-AD8033_15 Datasheet
620Kb / 25P
   Low Cost, 80 MHz FastFET Op Amps
REV. D
logo
Maxim Integrated Produc...
MAX4385E MAXIM-MAX4385E_02 Datasheet
284Kb / 13P
   Low-Cost, 230MHz, Single/Quad Op Amps
Rev 0; 4/02
logo
Analog Devices
AD8034ARZ AD-AD8034ARZ Datasheet
494Kb / 24P
   Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8033AKSZ AD-AD8033AKSZ Datasheet
620Kb / 25P
   Low Cost, 80 MHz FastFET Op Amps
REV. D
logo
3PEAK INC.
TP2411 3PEAK-TP2411 Datasheet
1Mb / 17P
   Low Cost, Low Noise CMOS RRIO Op-amps
logo
Analog Devices
ADA4851-2 AD-ADA4851-2_15 Datasheet
636Kb / 25P
   Low Cost, High Speed, Rail-to-Rail, Output Op Amps
Rev. J
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com