Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD760 Datasheet(PDF) 5 Page - Analog Devices

Part # AD760
Description  16/18-Bit Self-Calibrating Serial/Byte DACPORT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD760 Datasheet(HTML) 5 Page - Analog Devices

  AD760_15 Datasheet HTML 1Page - Analog Devices AD760_15 Datasheet HTML 2Page - Analog Devices AD760_15 Datasheet HTML 3Page - Analog Devices AD760_15 Datasheet HTML 4Page - Analog Devices AD760_15 Datasheet HTML 5Page - Analog Devices AD760_15 Datasheet HTML 6Page - Analog Devices AD760_15 Datasheet HTML 7Page - Analog Devices AD760_15 Datasheet HTML 8Page - Analog Devices AD760_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AD760
REV. A
–5–
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
AD760AQ
–40°C to +85°C
Cerdip
Q-28
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD760 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
ABSOLUTE MAXIMUM RATINGS*
VCC to AGND . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +17.0 V
VEE to AGND . . . . . . . . . . . . . . . . . . . . . . . +0.3 V to –17.0 V
VLL to DGND . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
AGND to DGND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±1 V
Digital Inputs (Pins 2, 7–14, and 16–21)
to DGND . . . . . . . . . . . . . . . . . . . . . . . . . . –1.0 V to +7.0 V
REF IN to AGND . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±10.5 V
Span/Bipolar Offset to AGND . . . . . . . . . . . . . . . . . . . ±10.5 V
REF OUT, VOUT, MUXOUT, MUXIN . . . . . Indefinite Short to
AGND, DGND, VCC, VEE, and VLL
θ
JA, Thermal Impedance
. . . . . . . . . . . . . . . . . . . . . . . 50°C/W
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . 175°C
Storage Temperature . . . . . . . . . . . . . . . . . . –65°C to +150°C
Lead Temperature (Soldering, 10 sec) . . . . . . . . . . . . . +300°C
*Stresses above those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in the
operational section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
CALOK
CAL
MUX
IN
DGND
DB7, 15
SPAN/BIP OFF
V
OUT
AGND
–V
EE
REF OUT
REF IN
DB6, 14
LDAC
DB5, 13
CLR
DB4, 12
SER
DB3, 11
HBE
DB2, 10, 18/16 SERIAL
LBE, UNI/BIP CLR
DB1, 9, MSB/LSB
CS
DB0, 8, S
IN
S
OUT
13
18
1
2
28
27
5
6
7
24
23
22
3
4
26
25
8
21
9
20
10
19
11
11
12
17
16
14
15
TOP VIEW
(Not to Scale)
AD760
+V
CC
+V
LL
MUX
OUT
PIN CONFIGURATION
DIP
tCLR
tHOLD
"1"= BIP, "0"= UNI
tSET
CLR
UNI/BIP
CLR
Figure 1c. Asynchronous Clear to Bipolar or Unipolar Zero
tBUSY
CAL
CALOK
HBE
tCAL
tCD
tCS
tCV
Figure 1d. Calibration Timing


Similar Part No. - AD760_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7605-4 AD-AD7605-4 Datasheet
720Kb / 28P
   4-Channel DAS with 16-Bit, Bipolar Input, Simultaneous Sampling ADC
AD7605-4BSTZ AD-AD7605-4BSTZ Datasheet
720Kb / 28P
   4-Channel DAS with 16-Bit, Bipolar Input, Simultaneous Sampling ADC
AD7605-4BSTZ-RL AD-AD7605-4BSTZ-RL Datasheet
720Kb / 28P
   4-Channel DAS with 16-Bit, Bipolar Input, Simultaneous Sampling ADC
AD7606 AD-AD7606 Datasheet
799Kb / 36P
   8-/6-/4-Channel DAS with 16-Bit,Bipolar Input,Simultaneous Sampling ADC
REV. 0
AD7606 AD-AD7606 Datasheet
689Kb / 32P
   8-Channel DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
REV. A
More results

Similar Description - AD760_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD760 AD-AD760 Datasheet
324Kb / 12P
   16/18-Bit Self-Calibrating Serial/Byte DACPORT
REV. A
AD660 AD-AD660 Datasheet
426Kb / 12P
   Monolithic 16-Bit Serial/Byte DACPORT
REV. A
AD660 AD-AD660_17 Datasheet
351Kb / 21P
   Monolithic 16-Bit Serial/Byte DACPORT
AD660 AD-AD660_08 Datasheet
337Kb / 20P
   Monolithic 16-Bit Serial/Byte DACPORT
REV. B
logo
Texas Instruments
ADS1100 TI1-ADS1100_10 Datasheet
486Kb / 22P
[Old version datasheet]   Self-Calibrating, 16-Bit ANALOG-TO-DIGITAL CONVERTER
NOVEMBER 2003
logo
Burr-Brown (TI)
ADS1100 BURR-BROWN-ADS1100 Datasheet
282Kb / 18P
   Self-Calibrating, 16-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1100 TI1-ADS1100_15 Datasheet
880Kb / 23P
[Old version datasheet]   Self-Calibrating, 16-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1100 TI1-ADS1100_14 Datasheet
882Kb / 24P
[Old version datasheet]   Self-Calibrating, 16-Bit ANALOG-TO-DIGITAL CONVERTER
logo
List of Unclassifed Man...
MN6450 ETC1-MN6450 Datasheet
1Mb / 8P
   47KHZ 16-BIT SELF-CALIBRATING SAMPLING A/D CONVERTER
logo
API Technologies Corp
MN6400 APITECH-MN6400 Datasheet
1Mb / 8P
   50kHz, 16-bit Self-Calibrating Sampling A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com