Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT7132SA25L48B Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDT7132SA25L48B
Description  HIGH-SPEED 2K x 8 DUAL-PORT STATIC RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7132SA25L48B Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT7132SA25L48B Datasheet HTML 1Page - Integrated Device Technology IDT7132SA25L48B Datasheet HTML 2Page - Integrated Device Technology IDT7132SA25L48B Datasheet HTML 3Page - Integrated Device Technology IDT7132SA25L48B Datasheet HTML 4Page - Integrated Device Technology IDT7132SA25L48B Datasheet HTML 5Page - Integrated Device Technology IDT7132SA25L48B Datasheet HTML 6Page - Integrated Device Technology IDT7132SA25L48B Datasheet HTML 7Page - Integrated Device Technology IDT7132SA25L48B Datasheet HTML 8Page - Integrated Device Technology IDT7132SA25L48B Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
IDT7132SA/LA AND IDT7142SA/LA
HIGH-SPEED 2K x 8 DUAL-PORT STATIC RAM
MILITARY AND COMMERCIAL TEMPERATURE RANGES
6.02
4
5V
1250
30pF*
775
DATA OUT
5V
1250
775
5pF*
DATA OUT
2692 drw 06
100pF for 55 and 100ns versions
270
30pF*
BUSY or INT
100pF for 55 and 100ns versions
5V
DATA RETENTION WAVEFORM
AC TEST CONDITIONS
Input Pulse Levels
Input Rise/Fall Times
Input Timing Reference Levels
Output Reference Levels
Output Load
2692 tbl 07
GND TO 3.0V
5ns
1.5V
1.5V
Figures 1, 2, and 3
DATA RETENTION CHARACTERISTICS (LA Version Only)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDR
VCC for Data Retention
2.0
V
ICCDR
Data Retention Current
VCC = 2.0V,
CE ≥ VCC -0.2V
Mil.
100
4000
µA
VIN
≥ VCC -0.2V or VIN ≤ 0.2V Com’l.
100
1500
µA
tCDR
Chip Deselect to Data
0
ns
Retention Time
tR
Operation Recovery
tRC
——
ns
Time
(3)
(3)
(2)
lDT7132LA/IDT7142LA
Figure 2. Output Test Load
(for tHZ, tLZ, tWZ, and tOW)
* Including scope and jig
Figure 1. AC Output Test Load
2692 tbl 06
NOTES:
1. VCC = 2V, TA = +25
°C, and is not production tested.
2. tRC = Read Cycle Time
3. This parameter is guaranteed but not production tested.
VCC
CE
4.5V
4.5V
DATA RETENTION MODE
tCDR
tR
VIH
VIH
VDR
VDR 2.0V
2692 drw 05
Figure 3.
BUSY
BUSY
BUSY
BUSY
BUSY and INT
INT
INT
INT
INT
AC Output Test Load


Similar Part No. - IDT7132SA25L48B

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7132SA25L48B IDT-IDT7132SA25L48B Datasheet
255Kb / 16P
   HIGH-SPEED 2K x 8 DUAL-PORT STATIC RAM WITH INTERRUPTS
More results

Similar Description - IDT7132SA25L48B

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7132SA IDT-IDT7132SA_15 Datasheet
203Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
IDT71321SA IDT-IDT71321SA_08 Datasheet
143Kb / 17P
   HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
IDT7132SA IDT-IDT7132SA_18 Datasheet
169Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
IDT71321SA IDT-IDT71321SA_18 Datasheet
184Kb / 18P
   HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
7132SA100J IDT-7132SA100J Datasheet
292Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
7132SA55JI IDT-7132SA55JI Datasheet
292Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
logo
Cypress Semiconductor
CY7C132 CYPRESS-CY7C132_05 Datasheet
562Kb / 18P
   2K x 8 Dual-Port Static RAM
CY7C146 CYPRESS-CY7C146 Datasheet
455Kb / 15P
   2K x 8 Dual-Port Static RAM
CY7C136 CYPRESS-CY7C136 Datasheet
455Kb / 15P
   2K x 8 Dual-Port Static RAM
CY7C132 CYPRESS-CY7C132_12 Datasheet
364Kb / 17P
   2K x 8 Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com