Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VNQ6004SA-E Datasheet(PDF) 13 Page - STMicroelectronics

Part # VNQ6004SA-E
Description  for car body applications
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNQ6004SA-E Datasheet(HTML) 13 Page - STMicroelectronics

Back Button VNQ6004SA-E Datasheet HTML 9Page - STMicroelectronics VNQ6004SA-E Datasheet HTML 10Page - STMicroelectronics VNQ6004SA-E Datasheet HTML 11Page - STMicroelectronics VNQ6004SA-E Datasheet HTML 12Page - STMicroelectronics VNQ6004SA-E Datasheet HTML 13Page - STMicroelectronics VNQ6004SA-E Datasheet HTML 14Page - STMicroelectronics VNQ6004SA-E Datasheet HTML 15Page - STMicroelectronics VNQ6004SA-E Datasheet HTML 16Page - STMicroelectronics VNQ6004SA-E Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
12
Door modules
Part number
Package
Driver stages
Max
on-state
resistance
R
DS(on) (mΩ)
Current
limitation
I
lim (A)
Operating
range Vs
(V)
PWM
control
Short-
circuit
protection
Current
sense
Thermal
shutdown
Reverse
battery
protection
Diagnostics
and
programming
EC control LED
mode
H-bridge
control
Description
L9949
PowerSO‑20
1 full bridge
150
6
7 to 28
SPI
Mid‑end front‑door
module
3 half bridges
800
1.6
1 high‑side switch
100
6
L9950
L9950XP
PowerSO‑36
PowerSSO‑36
2 half bridges
300
3
7 to 28
SPI
High‑end front‑door
module
2 half bridges
800
1.5
1 full bridge
150
6
4 high‑side
switches
800
1.5
1 high‑side switch
100
6
L9951
L9951XP
PowerSO‑36
PowerSSO‑36
1 half bridge
150
7.4
7 to 28
SPI
Rear‑door module
2 half bridges
200
5
2 high‑side
switches
800
1.25
L9953
L9953XP
PowerSO‑36
PowerSSO‑36
3 half bridges
800
1.5
7 to 28
SPI
Mid‑end front‑door
module
1 full bridge
150
6
2 high‑side
switches
500
1.5
1 high‑side switch
100
6
L9953LXP
PowerSSO‑36
3 half bridges
800
1.5
7 to 28
SPI
2x
Mid‑end front‑door
module compatible
with bulbs/LEDs
1 full bridge
150
6
2 high‑side
switches
500/1800
1.5/0.35
1 high‑side switch
100
6
L9954
L9954XP
PowerSO‑36
PowerSSO‑36
3 half bridges
800
1.5
7 to 28
SPI
Mid‑end front‑door
module without
door lock
2 high‑side
switches
500
1.5
1 high‑side switch
100
6
L9954LXP
PowerSSO‑36
3 half bridges
800
1.5
7 to 28
SPI
2x
Mid‑end front‑
door module
without door lock
compatible with
bulbs/LEDs
2 high‑side
switches
500/1800
1.5/0.35
1 high‑side switch
100
6


Similar Part No. - VNQ6004SA-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VNQ600 STMICROELECTRONICS-VNQ600 Datasheet
339Kb / 18P
   QUAD CHANNEL HIGH SIDE SOLID STATE RELAY
VNQ60013TR STMICROELECTRONICS-VNQ60013TR Datasheet
339Kb / 18P
   QUAD CHANNEL HIGH SIDE SOLID STATE RELAY
VNQ600A STMICROELECTRONICS-VNQ600A Datasheet
339Kb / 18P
   QUAD CHANNEL HIGH SIDE SOLID STATE RELAY
VNQ600A STMICROELECTRONICS-VNQ600A Datasheet
339Kb / 18P
   QUAD CHANNEL HIGH SIDE SOLID STATE RELAY
VNQ600A-1 STMICROELECTRONICS-VNQ600A-1 Datasheet
339Kb / 18P
   QUAD CHANNEL HIGH SIDE SOLID STATE RELAY
More results

Similar Description - VNQ6004SA-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST26025A STMICROELECTRONICS-ST26025A Datasheet
1Mb / 18P
   Smart power solutions for car body applications
VN1160-1-E STMICROELECTRONICS-VN1160-1-E Datasheet
1Mb / 18P
   Smart power solutions for car body applications
VN1160C-1-E STMICROELECTRONICS-VN1160C-1-E Datasheet
1Mb / 22P
   Smart power solutions for car body applications
VN1160TR-E STMICROELECTRONICS-VN1160TR-E Datasheet
1Mb / 18P
   Smart power solutions for car body applications
TDA7410ND STMICROELECTRONICS-TDA7410ND Datasheet
416Kb / 34P
   Signal processor for car radio applications
TDA7518 STMICROELECTRONICS-TDA7518 Datasheet
124Kb / 8P
   MULTICHIP MODULE FOR CAR-RADIO APPLICATIONS
TDA7519 STMICROELECTRONICS-TDA7519 Datasheet
94Kb / 7P
   MULTICHIP MODULE FOR CAR-RADIO APPLICATIONS
L4952D STMICROELECTRONICS-L4952D Datasheet
167Kb / 8P
   VOLTAGE REGULATOR FOR CAR RADIO APPLICATIONS
L4952 STMICROELECTRONICS-L4952 Datasheet
84Kb / 8P
   VOLTAGE REGULATOR FOR CAR RADIO APPLICATIONS
TDA7511 STMICROELECTRONICS-TDA7511 Datasheet
792Kb / 41P
   AM/FM TUNER FOR CAR RADIO AND HIFI APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com