Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L4995AJ Datasheet(PDF) 6 Page - STMicroelectronics

Part # L4995AJ
Description  for car body applications
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4995AJ Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L4995AJ Datasheet HTML 2Page - STMicroelectronics L4995AJ Datasheet HTML 3Page - STMicroelectronics L4995AJ Datasheet HTML 4Page - STMicroelectronics L4995AJ Datasheet HTML 5Page - STMicroelectronics L4995AJ Datasheet HTML 6Page - STMicroelectronics L4995AJ Datasheet HTML 7Page - STMicroelectronics L4995AJ Datasheet HTML 8Page - STMicroelectronics L4995AJ Datasheet HTML 9Page - STMicroelectronics L4995AJ Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
5
HIGH-SIDE SWITCHES – DUAL CHANNEL
Part number
Package
Technology
Supply voltage (V
CC)
Absolute max
supply voltage
(V)
Max on-state
resistance
R
DS(on) max (mΩ)
Drain current
limit (I
lim) typ
(A)
Digital status
Current sense
Multi-sense
min (V)
max (V)
VND7140AJ-E
PowerSSO‑16
M0‑7
4
28
38
140
12
VND7050AJ-E
PowerSSO‑16
M0‑7
4
28
38
50
30
VND7040AJ-E
PowerSSO‑16
M0‑7
4
28
38
40
34
VND7030AJ-E
PowerSSO‑16
M0‑7
4
28
38
30
56
VND7020AJ-E
PowerSSO‑16
M0‑7
4
28
38
20
63
VND7012AY-E (*)
PowerSSO‑36
M0‑7
4
28
38
12
75
VND7004AY-E (**)
PowerSSO‑36
M0‑7
4
28
38
4
100
VND5E160MJ-E
PowerSSO‑12
M0‑5Enhanced (M vers.)
4.5
28
41
160
10
VND5E050MCJ-E
PowerSSO‑12
M0‑5Enhanced (M vers.)
4.5
28
41
50
27
VND5E050MCK-E
PowerSSO‑24
M0‑5Enhanced (M vers.)
4.5
28
41
50
27
VND5E050MJ-E
PowerSSO‑12
M0‑5Enhanced (M vers.)
4.5
28
41
50
27
VND5E050MK-E
PowerSSO‑24
M0‑5Enhanced (M vers.)
4.5
28
41
50
27
VND5E025MK-E
PowerSSO‑24
M0‑5Enhanced (M vers.)
4.5
28
41
25
60
VND5E012MY-E
PowerSSO‑36
M0‑5Enhanced (M vers.)
4.5
28
41
12
74
VND5E008MY-E
PowerSSO‑36
M0‑5Enhanced (M vers.)
4.5
28
41
8
85
VND5E160AJ-E
PowerSSO‑12
M0‑5Enhanced
4.5
28
41
160
10
VND5E160ASO-E
SO‑16L
M0‑5Enhanced
4.5
28
41
160
10
VND5E160J-E
PowerSSO‑12
M0‑5Enhanced
4.5
28
41
160
10
VND5E050ACJ-E
PowerSSO‑12
M0‑5Enhanced
4.5
28
41
50
27
VND5E050ACK-E
PowerSSO‑24
M0‑5Enhanced
4.5
28
41
50
27
VND5E050AJ-E
PowerSSO‑12
M0‑5Enhanced
4.5
28
41
50
27
VND5E050AK-E
PowerSSO‑24
M0‑5Enhanced
4.5
28
41
50
27
VND5E050ASO-E
SO‑16L
M0‑5Enhanced
4.5
28
41
50
27
VND5E050J-E
PowerSSO‑12
M0‑5Enhanced
4.5
28
41
50
27
VND5E050K-E
PowerSSO‑24
M0‑5Enhanced
4.5
28
41
50
27
VND5E025AK-E
PowerSSO‑24
M0‑5Enhanced
4.5
28
41
25
60
VND5E025AY-E
PowerSSO‑36
M0‑5Enhanced
4.5
28
41
25
47
VND5E025AS-E
SO‑16L
M0‑5Enhanced
4.5
28
41
25
60
VND5E025BK-E
PowerSSO‑24
M0‑5Enhanced
4.5
28
41
25
60
VND5E025LK-E
PowerSSO‑24
M0‑5Enhanced
4.5
28
41
25
40
VND5E025NAY-E
PowerSSO‑36
M0‑5Enhanced
4.5
28
41
25
60


Similar Part No. - L4995AJ

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4995AJ STMICROELECTRONICS-L4995AJ Datasheet
1Mb / 35P
   5V, 500mA low drop voltage regulator
L4995AJ STMICROELECTRONICS-L4995AJ Datasheet
1Mb / 35P
   5V, 500mA low drop voltage regulator
September 2013 Rev 14
L4995AJ-L4995AK STMICROELECTRONICS-L4995AJ-L4995AK Datasheet
1Mb / 35P
   5V, 500mA low drop voltage regulator
September 2013 Rev 14
L4995AJTR STMICROELECTRONICS-L4995AJTR Datasheet
1Mb / 35P
   5V, 500mA low drop voltage regulator
September 2013 Rev 14
More results

Similar Description - L4995AJ

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST26025A STMICROELECTRONICS-ST26025A Datasheet
1Mb / 18P
   Smart power solutions for car body applications
VN1160-1-E STMICROELECTRONICS-VN1160-1-E Datasheet
1Mb / 18P
   Smart power solutions for car body applications
VN1160C-1-E STMICROELECTRONICS-VN1160C-1-E Datasheet
1Mb / 22P
   Smart power solutions for car body applications
VN1160TR-E STMICROELECTRONICS-VN1160TR-E Datasheet
1Mb / 18P
   Smart power solutions for car body applications
TDA7410ND STMICROELECTRONICS-TDA7410ND Datasheet
416Kb / 34P
   Signal processor for car radio applications
TDA7518 STMICROELECTRONICS-TDA7518 Datasheet
124Kb / 8P
   MULTICHIP MODULE FOR CAR-RADIO APPLICATIONS
TDA7519 STMICROELECTRONICS-TDA7519 Datasheet
94Kb / 7P
   MULTICHIP MODULE FOR CAR-RADIO APPLICATIONS
L4952D STMICROELECTRONICS-L4952D Datasheet
167Kb / 8P
   VOLTAGE REGULATOR FOR CAR RADIO APPLICATIONS
L4952 STMICROELECTRONICS-L4952 Datasheet
84Kb / 8P
   VOLTAGE REGULATOR FOR CAR RADIO APPLICATIONS
TDA7511 STMICROELECTRONICS-TDA7511 Datasheet
792Kb / 41P
   AM/FM TUNER FOR CAR RADIO AND HIFI APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com