Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD807 Datasheet(PDF) 7 Page - Analog Devices

Part # AD807
Description  Fiber Optic Receiver with Quantizer and Clock Recovery and Data Retiming
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD807 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD807_15 Datasheet HTML 3Page - Analog Devices AD807_15 Datasheet HTML 4Page - Analog Devices AD807_15 Datasheet HTML 5Page - Analog Devices AD807_15 Datasheet HTML 6Page - Analog Devices AD807_15 Datasheet HTML 7Page - Analog Devices AD807_15 Datasheet HTML 8Page - Analog Devices AD807_15 Datasheet HTML 9Page - Analog Devices AD807_15 Datasheet HTML 10Page - Analog Devices AD807_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
REV. B
AD807
–7–
RMS JITTER – Degrees
30
0
1.4
2.3
1.5
1.6
1.7
1.8
2.2
20
5
15
25
10
1.9
2.0
2.1
TEST CONDITIONS
WORST-CASE:
–40 C, 4.5V
TPC 7. Output Jitter Histogram
FREQUENCY – Hz
1E+3
100E–3
10E+0
10E+6
10E+0
100E+0
1E+3
10E+3
100E+3
100E+0
1E+0
1E+6
AD807
SONET MASK
TPC 8. Jitter Tolerance
NOISE – V p-p @ 311MHz
3.0
0
0
0.6
0.1
0.2
0.3
0.4
0.5
2.0
1.0
1.0
0.7
0.8
0.9
PSR – NO FILTER
CMR
PSR – WITH FILTER
TPC 9. Output Jitter vs. Supply Noise and
Output Jitter vs. Common Mode Noise
THEORY OF OPERATION
Quantizer
The quantizer (comparator) has three gain stages, providing a
net gain of 350. The quantizer takes full advantage of the Extra
Fast Complementary Bipolar (XFCB) process. The input stage
uses a folded cascode architecture to virtually eliminate pulse
width distortion, and to handle input signals with common-
mode voltage as high as the positive supply. The input offset
voltage is factory trimmed and guaranteed to be less than 500
µV.
XFCB’s dielectric isolation allows the different blocks within
this mixed-signal IC to be isolated from each other, hence the
2 mV Sensitivity is achieved. Traditionally, high speed compara-
tors are plagued by crosstalk between outputs and inputs, often
resulting in oscillations when the input signal approaches 10 mV.
The AD807 quantizer toggles at
±650 µV (1.3 mV sensitivity) at
the input without making bit errors. When the input signal is
lowered below
± 650 µV, circuit performance is dominated by
input noise, and not crosstalk.
0.1 F
0.1 F
0.1 F
0.1 F
0.1 F
FERRITE BEAD
OPTIONAL FILTER
0.1 F
50
309
50
50
3.65k
+5V
10 F
CHOKE
“BIAS TEE”
311MHz
NOISE
INPUT
0.1 F
0.1 F
500
500
13
12
14
11
6
3
PIN
NIN
AVCC2
AVCC1
VCC1
VCC2
AD807
0.1 F
QUANTIZER
INPUT
Figure 6. Power Supply Noise Sensitivity Test Circuit
0.1 F
0.1 F
0.1 F
0.1 F
0.1 F
50
309
50
50
3.65k
+5V
10 F
CHOKE
“BIAS TEE”
311MHz
NOISE
INPUT
0.1 F
0.1 F
500
500
13
12
14
11
6
3
PIN
NIN
AVCC2
AVCC1
VCC1
VCC2
AD807
0.1 F
QUANTIZER
INPUT
Figure 7. Common-Mode Rejection Test Circuit
Signal Detect
The input to the signal detect circuit is taken from the first stage
of the quantizer. The input signal is first processed through a gain
stage. The output from the gain stage is fed to both a positive
and a negative peak detector. The threshold value is subtracted
from the positive peak signal and added to the negative peak signal.
The positive and negative peak signals are then compared. If the
positive peak, POS, is more positive than the negative peak,
NEG, the signal amplitude is greater than the threshold, and the
output, SDOUT, will indicate the presence of signal by remain-
ing low. When POS becomes more negative than NEG, the
signal amplitude has fallen below the threshold, and SDOUT
will indicate a loss of signal (LOS) by going high. The circuit
provides hysteresis by adjusting the threshold level higher by a
factor of two when the low signal level is detected. This means
that the input data amplitude needs to reach twice the set LOS
threshold before SDOUT will signal that the data is again valid.
This corresponds to a 3 dB optical hysteresis.


Similar Part No. - AD807_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD807-155BR AD-AD807-155BR Datasheet
226Kb / 12P
   Fiber Optic Receiver with Quantizer and Clock Recovery and Data Retiming
REV. A
AD807-155BR-REEL AD-AD807-155BR-REEL Datasheet
226Kb / 12P
   Fiber Optic Receiver with Quantizer and Clock Recovery and Data Retiming
REV. A
AD807-155BR-REEL7 AD-AD807-155BR-REEL7 Datasheet
226Kb / 12P
   Fiber Optic Receiver with Quantizer and Clock Recovery and Data Retiming
REV. A
More results

Similar Description - AD807_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD807 AD-AD807_00 Datasheet
472Kb / 12P
   Fiber Optic Receiver with Quantizer and Clock Recovery and Data Retiming
REV. B
AD808 AD-AD808 Datasheet
145Kb / 12P
   Fiber Optic Receiver with Quantizer and Clock Recovery and Data Retiming
REV. 0
AD807 AD-AD807 Datasheet
226Kb / 12P
   Fiber Optic Receiver with Quantizer and Clock Recovery and Data Retiming
REV. A
AD808 AD-AD808_15 Datasheet
153Kb / 12P
   Fiber Optic Receiver with Quantizer and Clock Recovery and Data Retiming
REV. 0
logo
Agere Systems
1345 AGERE-1345 Datasheet
98Kb / 12P
   1345-Type Receiver with Clock Recovery and Data Retiming
logo
Micro Linear Corporatio...
ML4622 MICRO-LINEAR-ML4622 Datasheet
170Kb / 8P
   Fiber Optic Data Quantizer
logo
Analog Devices
AD800 AD-AD800_15 Datasheet
141Kb / 12P
   Clock Recovery and Data Retiming Phase-Locked Loop
REV. B
AD802 AD-AD802_15 Datasheet
141Kb / 12P
   Clock Recovery and Data Retiming Phase-Locked Loop
REV. B
AD800 AD-AD800 Datasheet
253Kb / 12P
   Clock Recovery and Data Retiming Phase-Locked Loop
REV. B
logo
Infineon Technologies A...
FOA3251B1 INFINEON-FOA3251B1 Datasheet
600Kb / 25P
   High Speed Clock and Data Recovery for Fiber Optic Applications
V1.0, Aug. 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com