Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT7164S55TPB Datasheet(PDF) 9 Page - Integrated Device Technology

Part # IDT7164S55TPB
Description  CMOS STATIC RAM 64K (8K x 8-BIT)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7164S55TPB Datasheet(HTML) 9 Page - Integrated Device Technology

  IDT7164S55TPB Datasheet HTML 1Page - Integrated Device Technology IDT7164S55TPB Datasheet HTML 2Page - Integrated Device Technology IDT7164S55TPB Datasheet HTML 3Page - Integrated Device Technology IDT7164S55TPB Datasheet HTML 4Page - Integrated Device Technology IDT7164S55TPB Datasheet HTML 5Page - Integrated Device Technology IDT7164S55TPB Datasheet HTML 6Page - Integrated Device Technology IDT7164S55TPB Datasheet HTML 7Page - Integrated Device Technology IDT7164S55TPB Datasheet HTML 8Page - Integrated Device Technology IDT7164S55TPB Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
6.1
9
IDT7164S/L
CMOS STATIC RAM 64K (8K x 8-BIT)
MILITARY AND COMMERCIAL TEMPERATURE RANGES
ORDERING INFORMATION
LOW VCC DATA RETENTION WAVEFORM
2967 drw 10
DATA
RETENTION
MODE
4.5V
4.5V
V DR
≥ 2V
V IH
V IH
tR
tCDR
V CC
CS
V DR
X
Power
XX
Speed
XXX
Package
X
Process/
Temperature
Range
Blank
Commercial (0
°C to +70°C)
B
Military (–55
°C to +125°C)
Compliant to MIL-STD-883, Class B
Y
TD
D
P
TP
300 mil SOJ (SO28-5)
300 mil CERDIP (D28-3)
600 mil CERDIP (D28-1)
600 mil Plastic DIP (P28-1)
300 mil Plastic DIP (P28-2)
15
20
25
30
35
45
55
70
85
Commercial Only
Military Only
Military Only
Military Only
Military Only
S
L
Standard Power
Low Power
Device
Type
7164
IDT
Speed in nanoseconds
2967 drw 11


Similar Part No. - IDT7164S55TPB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7164S IDT-IDT7164S Datasheet
108Kb / 11P
   CMOS Static RAM 64K (8K x 8-Bit)
IDT7164S IDT-IDT7164S Datasheet
749Kb / 10P
   CMOS Static RAM 64K
IDT7164S IDT-IDT7164S_07 Datasheet
108Kb / 11P
   CMOS Static RAM 64K (8K x 8-Bit)
IDT7164S IDT-IDT7164S_11 Datasheet
280Kb / 10P
   CMOS Static RAM 64K (8K x 8-Bit)
IDT7164S IDT-IDT7164S_16 Datasheet
749Kb / 10P
   CMOS Static RAM 64K
More results

Similar Description - IDT7164S55TPB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
7164S RENESAS-7164S Datasheet
213Kb / 12P
   CMOS Static RAM 64K (8K x 8-Bit)
Jul.30.20
logo
Integrated Device Techn...
IDT7164S IDT-IDT7164S_07 Datasheet
108Kb / 11P
   CMOS Static RAM 64K (8K x 8-Bit)
5962-3829407MXA IDT-5962-3829407MXA Datasheet
280Kb / 10P
   CMOS Static RAM 64K (8K x 8-Bit)
IDT7164S IDT-IDT7164S_11 Datasheet
280Kb / 10P
   CMOS Static RAM 64K (8K x 8-Bit)
5962-3829409MZA IDT-5962-3829409MZA Datasheet
285Kb / 10P
   CMOS Static RAM 64K (8K x 8-Bit)
8302AMI-01 IDT-8302AMI-01 Datasheet
280Kb / 10P
   CMOS Static RAM 64K (8K x 8-Bit)
logo
Sharp Corporation
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
   CMOS 64K (8K x 8) Static RAM
LH5164AV SHARP-LH5164AV Datasheet
84Kb / 11P
   CMOS 64K (8K x 8) Static RAM
LH5164AZ8 SHARP-LH5164AZ8 Datasheet
66Kb / 9P
   CMOS 64K (8K x 8) Static RAM
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
   CMOS 64K (8K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com