Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB1H90-E3 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SB1H90-E3
Description  High Voltage Schottky Plastic Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SB1H90-E3 Datasheet(HTML) 4 Page - Vishay Siliconix

  SB1H90-E3 Datasheet HTML 1Page - Vishay Siliconix SB1H90-E3 Datasheet HTML 2Page - Vishay Siliconix SB1H90-E3 Datasheet HTML 3Page - Vishay Siliconix SB1H90-E3 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Legal Disclaimer Notice
www.vishay.com
Vishay
Revision: 02-Oct-12
1
Document Number: 91000
Disclaimer
ALL PRODUCT, PRODUCT SPECIFICATIONS AND DATA ARE SUBJECT TO CHANGE WITHOUT NOTICE TO IMPROVE
RELIABILITY, FUNCTION OR DESIGN OR OTHERWISE.
Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively,
“Vishay”), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any other
disclosure relating to any product.
Vishay makes no warranty, representation or guarantee regarding the suitability of the products for any particular purpose or
the continuing production of any product. To the maximum extent permitted by applicable law, Vishay disclaims (i) any and all
liability arising out of the application or use of any product, (ii) any and all liability, including without limitation special,
consequential or incidental damages, and (iii) any and all implied warranties, including warranties of fitness for particular
purpose, non-infringement and merchantability.
Statements regarding the suitability of products for certain types of applications are based on Vishay’s knowledge of typical
requirements that are often placed on Vishay products in generic applications. Such statements are not binding statements
about the suitability of products for a particular application. It is the customer’s responsibility to validate that a particular
product with the properties described in the product specification is suitable for use in a particular application. Parameters
provided in datasheets and/or specifications may vary in different applications and performance may vary over time. All
operating parameters, including typical parameters, must be validated for each customer application by the customer’s
technical experts. Product specifications do not expand or otherwise modify Vishay’s terms and conditions of purchase,
including but not limited to the warranty expressed therein.
Except as expressly indicated in writing, Vishay products are not designed for use in medical, life-saving, or life-sustaining
applications or for any other application in which the failure of the Vishay product could result in personal injury or death.
Customers using or selling Vishay products not expressly indicated for use in such applications do so at their own risk. Please
contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications.
No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by
any conduct of Vishay. Product names and markings noted herein may be trademarks of their respective owners.
Material Category Policy
Vishay Intertechnology, Inc. hereby certifies that all its products that are identified as RoHS-Compliant fulfill the
definitions and restrictions defined under Directive 2011/65/EU of The European Parliament and of the Council
of June 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment
(EEE) - recast, unless otherwise specified as non-compliant.
Please note that some Vishay documentation may still make reference to RoHS Directive 2002/95/EC. We confirm that
all the products identified as being compliant to Directive 2002/95/EC conform to Directive 2011/65/EU.
Vishay Intertechnology, Inc. hereby certifies that all its products that are identified as Halogen-Free follow Halogen-Free
requirements as per JEDEC JS709A standards. Please note that some Vishay documentation may still make reference
to the IEC 61249-2-21 definition. We confirm that all the products identified as being compliant to IEC 61249-2-21
conform to JEDEC JS709A standards.


Similar Part No. - SB1H90-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SB1H90 VISHAY-SB1H90 Datasheet
24Kb / 2P
   High Voltage Schottky Rectifiers
25-Jun-02
SB1H90 VISHAY-SB1H90 Datasheet
94Kb / 4P
   High-Voltage Schottky Rectifier High Barrier Technology for Improved High Temperature Performance
Revision: 19-May-08
SB1H90 VISHAY-SB1H90 Datasheet
71Kb / 4P
   High-Voltage Schottky Rectifier
Revision: 04-Aug-09
logo
Shenzhen Taychipst Elec...
SB1H90 TAYCHIPST-SB1H90 Datasheet
14Mb / 2P
   High Voltage Schottky Rectifiers
logo
SUNMATE electronic Co.,...
SB1H90 SUNMATE-SB1H90 Datasheet
161Kb / 2P
   1.0A Axial Leaded High-Voltage Schottky Rectifier
More results

Similar Description - SB1H90-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SB5H90 VISHAY-SB5H90_V01 Datasheet
77Kb / 4P
   High Voltage Schottky Plastic Rectifier
01-Jan-2022
SB1H90 VISHAY-SB1H90_V01 Datasheet
74Kb / 4P
   High Voltage Schottky Plastic Rectifier
01-Jan-2022
SB3H90 VISHAY-SB3H90_15 Datasheet
80Kb / 5P
   High Voltage Schottky Plastic Rectifier
Revision: 13-Aug-13
SB3H90 VISHAY-SB3H90_V01 Datasheet
80Kb / 4P
   High Voltage Schottky Plastic Rectifier
01-Jan-2022
logo
Rugao Dachang Electroni...
CL05-15S DACHANG-CL05-15S Datasheet
99Kb / 1P
   Plastic High Voltage Rectifier
logo
HY ELECTRONIC CORP.
EM513 HY-EM513 Datasheet
41Kb / 2P
   HIGH VOLTAGE PLASTIC RECTIFIER
logo
Sangdest Microelectroni...
SHV30300G SMC-SHV30300G Datasheet
80Kb / 5P
   PLASTIC HIGH-VOLTAGE RECTIFIER
logo
Rugao Dachang Electroni...
CL01-12 DACHANG-CL01-12_15 Datasheet
109Kb / 2P
   Plastic High Voltage Rectifier
CL01-12S DACHANG-CL01-12S_15 Datasheet
109Kb / 2P
   Plastic High Voltage Rectifier
logo
Vishay Siliconix
SB3H90 VISHAY-SB3H90 Datasheet
21Kb / 2P
   High Voltage Schottky Rectifier
1-Jul-02
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com