Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT7130SA35JB Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDT7130SA35JB
Description  HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7130SA35JB Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT7130SA35JB Datasheet HTML 1Page - Integrated Device Technology IDT7130SA35JB Datasheet HTML 2Page - Integrated Device Technology IDT7130SA35JB Datasheet HTML 3Page - Integrated Device Technology IDT7130SA35JB Datasheet HTML 4Page - Integrated Device Technology IDT7130SA35JB Datasheet HTML 5Page - Integrated Device Technology IDT7130SA35JB Datasheet HTML 6Page - Integrated Device Technology IDT7130SA35JB Datasheet HTML 7Page - Integrated Device Technology IDT7130SA35JB Datasheet HTML 8Page - Integrated Device Technology IDT7130SA35JB Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
IDT7130SA/LA AND IDT7140SA/LA
HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM WITH INTERRUPTS
MILITARY AND COMMERCIAL TEMPERATURE RANGES
6.01
4
DC ELECTRICAL CHARACTERISTICS OVER THE
OPERATING TEMPERATURE AND SUPPLY VOLTAGE RANGE(1,6) (VCC = 5.0V
± 10%)
7130X20
(2) 7130X25(3)
7130X35
7130X55
7130X100
7140X25
(3)
7140X35
7140X55
7140X100
Symbol
Parameter
Test Conditions
Version
Typ. Max. Typ. Max. Typ. Max. Typ. Max. Typ. Max.
Unit
ICC
Dynamic Operating
CEL and CER = VIL, MIL.
SA
110
280
110
230
110 190
110 190
mA
Current (Both Ports
Outputs open,
LA
110
220
110
170
110 140
110 140
Active)
f = fMAX
(4)
COM'L. SA
110
250
110
220
110
165
110 155
110 155
LA
110
200
110
170
110
120
110 110
110 110
ISB1
Standby Current
CEL and CER = VIH, MIL.
SA
30
80
25
80
20
65
20
65
mA
(Both Ports - TTL
f = fMAX
(4)
LA
30
60
25
60
20
45
20
45
Level Inputs)
COM'L. SA
30
65
30
65
25
65
20
65
20
55
LA
30
45
30
45
25
45
20
35
20
35
ISB2
Standby Current
CE"A" = VIL and
MIL.
SA
65
160
50
150
40
125
40
125
mA
(One Port - TTL
CE"B" = VIH (7)
LA
65
125
50
115
40
90
40
90
Level Inputs)
Active Port Outputs COM'L. SA
65
165
65
150
50
125
40
110
40
110
Open, f = fMAX
(4)
LA
65
125
65
115
50
90
40
75
40
75
ISB3
Full Standby Current
CEL and
MIL.
SA
1.0
30
1.0
30
1.0
30
1.0
30
mA
(Both Ports - All
CER > VCC -0.2V,
LA
0.2
10
0.2
10
0.2
10
0.2
10
CMOS Level Inputs
VIN > VCC -0.2V or
COM'L. SA
1.0
15
1.0
15
1.0
15
1.0
15
1.0
15
VIN < 0.2V,f = 0
(5)
LA
0.2
5
0.2
5
0.2
4
0.2
4
0.2
4
ISB4
Full Standby Current
CE"A" < 0.2V and
MIL.
SA
60
155
45
145
40
110
40
110
mA
(One Port - All
CE"B" > VCC -0.2V(7)
LA
60
115
45
105
40
85
40
80
CMOS Level Inputs)
VIN > VCC -0.2V or
COM'L. SA
60
155
60
145
45
110
40
100
40
95
VIN < 0.2V,
LA
60
115
60
105
45
85
40
70
40
70
Active Port Outputs
Open, f = fMAX
(4)
NOTES:
2689 tbl 06
1. 'X' in part numbers indicates power rating (SA or LA).
2. Com'l Only, 0
°C to +70°C temperature range. PLCC and TQFP packages.
3. Not available in DIP packages.
4. At f = fMax, address and control lines (except Output Enable) are cycling at the maximum frequency read cycle of 1/tRC, and using “AC TEST CONDITIONS”
of input levels of GND to 3V.
5. f = 0 means no address or control lines change. Applies only to inputs at CMOS level standby.
6. Vcc = 5V, TA=+25
°C for Typ and is not production tested. Vcc DC = 100 mA (Typ.)
7. Port "A" may be either left or right port. Port "B" is opposite from port "A".
Symbol
Parameter
Min.
Typ.
(1)
Max.
Unit
VDR
VCC for Data Retention
2.0
V
ICCDR
Data Retention Current
100
4000
µA
100
1500
µA
tCDR
Chip Deselect to Data
0
ns
Retention Time
tR
Operation Recovery
tRC
——
ns
Time
DATA RETENTION CHARACTERISTICS (LA Version Only)
lDT7130LA/IDT7140LA
Mil.
Com’l.
VCC = 2.0V,
CE > VCC -0.2V
VIN > VCC -0.2V or VIN < 0.2V
(3)
(3)
Test Conditions
2689 tbl 07
(2)
NOTES:
1. VCC = 2V, TA = +25
°C, and is not production tested.
2. tRC = Read Cycle Time
3. This parameter is guaranteed but not production tested.


Similar Part No. - IDT7130SA35JB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7130SA35JG IDT-IDT7130SA35JG Datasheet
155Kb / 19P
   HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM
IDT7130SA35JGB IDT-IDT7130SA35JGB Datasheet
155Kb / 19P
   HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM
IDT7130SA35JGI IDT-IDT7130SA35JGI Datasheet
155Kb / 19P
   HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM
More results

Similar Description - IDT7130SA35JB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
7130SA55P IDT-7130SA55P Datasheet
168Kb / 14P
   HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM
IDT71V30S IDT-IDT71V30S_17 Datasheet
125Kb / 15P
   HIGH-SPEED 3.3V 1K X 8 DUAL-PORT STATIC RAM
IDT71V30S IDT-IDT71V30S_15 Datasheet
628Kb / 15P
   HIGH-SPEED 3.3V 1K X 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
71V30 RENESAS-71V30 Datasheet
376Kb / 16P
   HIGH-SPEED 3.3V 1K X 8 DUAL-PORT STATIC RAM
JUNE 2019
logo
Integrated Device Techn...
IDT71V30 IDT-IDT71V30 Datasheet
120Kb / 14P
   HIGH-SPEED 3.3V 1K X 8 DUAL-PORT STATIC RAM
logo
Cypress Semiconductor
CY7C130 CYPRESS-CY7C130_05 Datasheet
570Kb / 19P
   1K x 8 Dual-Port Static RAM
CY7C130 CYPRESS-CY7C130 Datasheet
305Kb / 16P
   1K x 8 Dual-Port Static Ram
logo
Integrated Device Techn...
IDT7130-LA55J IDT-IDT7130-LA55J Datasheet
278Kb / 10P
   HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM
IDT7130SA IDT-IDT7130SA_16 Datasheet
936Kb / 21P
   HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM
IDT7130SA55JI IDT-IDT7130SA55JI Datasheet
278Kb / 10P
   HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com