Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD823 Datasheet(PDF) 6 Page - Analog Devices

Part # AD823
Description  Dual, 16 MHz, Rail-to-Rail FET Input Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD823 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD823_15 Datasheet HTML 2Page - Analog Devices AD823_15 Datasheet HTML 3Page - Analog Devices AD823_15 Datasheet HTML 4Page - Analog Devices AD823_15 Datasheet HTML 5Page - Analog Devices AD823_15 Datasheet HTML 6Page - Analog Devices AD823_15 Datasheet HTML 7Page - Analog Devices AD823_15 Datasheet HTML 8Page - Analog Devices AD823_15 Datasheet HTML 9Page - Analog Devices AD823_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
AD823
Data Sheet
Rev. E | Page 6 of 20
ABSOLUTE MAXIMUM RATINGS
Table 4.
Parameter
Rating
Supply Voltage
36 V
Internal Power Dissipation
PDIP (N)
1.3 W
SOIC (R)
0.9 W
Input Voltage (Common Mode)
±VS
Differential Input Voltage
±VS
Output Short-Circuit Duration
See Figure 4
Storage Temperature Range N, R
−65°C to +125°C
Operating Temperature Range
−40°C to +85°C
Lead Temperature Range
(Soldering, 10 sec)
300°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Specification is for device in free air.
Table 5. Thermal Resistance
Package Type
θJA
Unit
8-Lead PDIP
90
°C/W
8-Lead SOIC
160
°C/W
AMBIENT TEMPERATURE (°C)
2.0
1.5
0
–50
90
–40 –30 –20 –10
0
10
20
30
50
60
70
80
40
1.0
0.5
8-LEAD PDIP
8-LEAD SOIC
TJ = 150°C
Figure 4. Maximum Power Dissipation vs. Temperature
ESD CAUTION


Similar Part No. - AD823_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD82311 AD-AD82311 Datasheet
217Kb / 10P
   10 MHz, 20 V/關s, G = 1, 10, 100, 1000 i CMOS짰 Programmable Gain Instrumentation Amplifier
Rev. prA
More results

Similar Description - AD823_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD823 AD-AD823_07 Datasheet
465Kb / 20P
   Dual, 16 MHz, Rail-to-Rail FET Input Amplifier
REV. B
AD823 AD-AD823 Datasheet
439Kb / 16P
   Dual, 16 MHz, Rail-to-Rail FET Input Amplifier
REV. 0
logo
Texas Instruments
OPA810 TI1-OPA810_V02 Datasheet
3Mb / 50P
[Old version datasheet]   OPA810 140-MHz, Rail-to-Rail Input/Output, FET-Input Operational Amplifier
OPA810 TI1-OPA810_V03 Datasheet
3Mb / 50P
[Old version datasheet]   OPA810 140-MHz, Rail-to-Rail Input/Output, FET-Input Operational Amplifier
logo
Analog Devices
AD8646 AD-AD8646 Datasheet
475Kb / 12P
   24 MHz Rail-to-Rail Dual Amplifier
REV. 0
AD8042 AD-AD8042_15 Datasheet
556Kb / 17P
   Dual 160 MHz Rail-to-Rail Amplifier
Rev. E
AD8042 AD-AD8042 Datasheet
242Kb / 16P
   Dual 160 MHz Rail-to-Rail Amplifier
REV. C
AD8042 AD-AD8042_07 Datasheet
435Kb / 16P
   Dual 160 MHz Rail-to-Rail Amplifier
Rev. E
AD8042 AD-AD8042_06 Datasheet
405Kb / 16P
   Dual 160 MHz Rail-to-Rail Amplifier
Rev. D
logo
Texas Instruments
OPA2810_1807 TI1-OPA2810_1807 Datasheet
2Mb / 48P
[Old version datasheet]   Dual Channel, 27 V, Rail-to-Rail Input/Output FET-Input Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com