Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD823 Datasheet(PDF) 7 Page - Analog Devices

Part # AD823
Description  Dual, 16 MHz, Rail-to-Rail FET Input Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD823 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD823_15 Datasheet HTML 3Page - Analog Devices AD823_15 Datasheet HTML 4Page - Analog Devices AD823_15 Datasheet HTML 5Page - Analog Devices AD823_15 Datasheet HTML 6Page - Analog Devices AD823_15 Datasheet HTML 7Page - Analog Devices AD823_15 Datasheet HTML 8Page - Analog Devices AD823_15 Datasheet HTML 9Page - Analog Devices AD823_15 Datasheet HTML 10Page - Analog Devices AD823_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Data Sheet
AD823
Rev. E | Page 7 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
INPUT OFFSET VOLTAGE (µV)
80
0
–200
200
–150
–100
–50
0
50
100
150
70
40
30
20
10
60
50
+VS = +5V
314 UNITS
σ = 40µV
Figure 5. Typical Distribution of Input Offset Voltage
INPUT OFFSET VOLTAGE DRIFT (µV/°C)
22
0
–6
7
–5
–4
–3
–2
3
4
5
20
6
4
2
18
16
14
12
10
8
6
–1
0
1
2
+VS = +5V
–55°C TO +125°C
103 UNITS
Figure 6. Typical Distribution of Input Offset Voltage Drift
COMMON-MODE VOLTAGE (V)
–4
–5
0
–1
–2
–3
3
+VS = +5V
1
2
–4
–3
–2
–1
0
1
5
4
3
2
Figure 7. Input Bias Current vs. Common-Mode Voltage
INPUT BIAS CURRENT (pA)
100
0
0
90
40
30
20
10
80
70
+VS = +5V
317 UNITS
σ = 0.4pA
50
60
1
2
3
4
5
6
7
8
9
10
Figure 8. Typical Distribution of Input Bias Current
TEMPERATURE (°C)
0.1
0
100
10
1
10000
+VS = +5V
VCM = 0V
1000
25
50
75
100
125
Figure 9. Input Bias Current vs. Temperature
COMMON-MODE VOLTAGE (V)
0.1
–16
100
10
1
1000
–12
4
8
12
16
VS = ±15V
–8
–4
0
Figure 10. Input Bias Current vs. Common-Mode Voltage


Similar Part No. - AD823_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD82311 AD-AD82311 Datasheet
217Kb / 10P
   10 MHz, 20 V/關s, G = 1, 10, 100, 1000 i CMOS짰 Programmable Gain Instrumentation Amplifier
Rev. prA
More results

Similar Description - AD823_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD823 AD-AD823_07 Datasheet
465Kb / 20P
   Dual, 16 MHz, Rail-to-Rail FET Input Amplifier
REV. B
AD823 AD-AD823 Datasheet
439Kb / 16P
   Dual, 16 MHz, Rail-to-Rail FET Input Amplifier
REV. 0
logo
Texas Instruments
OPA810 TI1-OPA810_V02 Datasheet
3Mb / 50P
[Old version datasheet]   OPA810 140-MHz, Rail-to-Rail Input/Output, FET-Input Operational Amplifier
OPA810 TI1-OPA810_V03 Datasheet
3Mb / 50P
[Old version datasheet]   OPA810 140-MHz, Rail-to-Rail Input/Output, FET-Input Operational Amplifier
logo
Analog Devices
AD8646 AD-AD8646 Datasheet
475Kb / 12P
   24 MHz Rail-to-Rail Dual Amplifier
REV. 0
AD8042 AD-AD8042_15 Datasheet
556Kb / 17P
   Dual 160 MHz Rail-to-Rail Amplifier
Rev. E
AD8042 AD-AD8042 Datasheet
242Kb / 16P
   Dual 160 MHz Rail-to-Rail Amplifier
REV. C
AD8042 AD-AD8042_07 Datasheet
435Kb / 16P
   Dual 160 MHz Rail-to-Rail Amplifier
Rev. E
AD8042 AD-AD8042_06 Datasheet
405Kb / 16P
   Dual 160 MHz Rail-to-Rail Amplifier
Rev. D
logo
Texas Instruments
OPA2810_1807 TI1-OPA2810_1807 Datasheet
2Mb / 48P
[Old version datasheet]   Dual Channel, 27 V, Rail-to-Rail Input/Output FET-Input Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com