Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD823 Datasheet(PDF) 9 Page - Analog Devices

Part # AD823
Description  Dual, 16 MHz, Rail-to-Rail FET Input Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD823 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD823_15 Datasheet HTML 5Page - Analog Devices AD823_15 Datasheet HTML 6Page - Analog Devices AD823_15 Datasheet HTML 7Page - Analog Devices AD823_15 Datasheet HTML 8Page - Analog Devices AD823_15 Datasheet HTML 9Page - Analog Devices AD823_15 Datasheet HTML 10Page - Analog Devices AD823_15 Datasheet HTML 11Page - Analog Devices AD823_15 Datasheet HTML 12Page - Analog Devices AD823_15 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Data Sheet
AD823
Rev. E | Page 9 of 20
FREQUENCY (MHz)
5
–5
0.30
4
–1
–2
–3
–4
3
2
0
1
3.27 6.24 9.21 12.18 15.15 18.12 21.09 24.06 27.03 30.00
–55°C
+125°C
+27°C
CL = 20pF
RL = 2kΩ
G = +1
Figure 17. Closed-Loop Gain vs. Frequency
FREQUENCY (Hz)
0.01
10
100
0.1
1
100
1k
10k
100k
10M
1M
+VS = +5V
GAIN = +1
Figure 18. Output Resistance vs. Frequency, +VS = +5 V, Gain = +1
SETTLING TIME (ns)
–10
10
100
200
400
500
700
600
VS = ±15V
CL = 20pF
–8
0
300
–6
–4
–2
2
4
6
8
1%
0.1%
0.01%
1%
0.1%
0.01%
Figure 19. Output Step Size vs. Settling Time (Inverter)
FREQUENCY (Hz)
20
70
60
90
80
30
40
50
10
VS = ±15V
100
1k
10k
100k
10M
1M
+VS = +5V
Figure 20. Common-Mode Rejection Ratio vs. Frequency
LOAD CURRENT (mA)
0.01
1
10
0.1
0.1
1
10
100
+VS = +5V
VS – VOH
25°C
VOL
25°C
Figure 21. Output Saturation Voltage vs. Load Current
SUPPLY VOLTAGE (±V)
0
0
4
2
10
8
5
10
15
20
6
+125°C
+25°C
–55°C
Figure 22. Quiescent Current vs. Supply Voltage


Similar Part No. - AD823_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD82311 AD-AD82311 Datasheet
217Kb / 10P
   10 MHz, 20 V/關s, G = 1, 10, 100, 1000 i CMOS짰 Programmable Gain Instrumentation Amplifier
Rev. prA
More results

Similar Description - AD823_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD823 AD-AD823_07 Datasheet
465Kb / 20P
   Dual, 16 MHz, Rail-to-Rail FET Input Amplifier
REV. B
AD823 AD-AD823 Datasheet
439Kb / 16P
   Dual, 16 MHz, Rail-to-Rail FET Input Amplifier
REV. 0
logo
Texas Instruments
OPA810 TI1-OPA810_V02 Datasheet
3Mb / 50P
[Old version datasheet]   OPA810 140-MHz, Rail-to-Rail Input/Output, FET-Input Operational Amplifier
OPA810 TI1-OPA810_V03 Datasheet
3Mb / 50P
[Old version datasheet]   OPA810 140-MHz, Rail-to-Rail Input/Output, FET-Input Operational Amplifier
logo
Analog Devices
AD8646 AD-AD8646 Datasheet
475Kb / 12P
   24 MHz Rail-to-Rail Dual Amplifier
REV. 0
AD8042 AD-AD8042_15 Datasheet
556Kb / 17P
   Dual 160 MHz Rail-to-Rail Amplifier
Rev. E
AD8042 AD-AD8042 Datasheet
242Kb / 16P
   Dual 160 MHz Rail-to-Rail Amplifier
REV. C
AD8042 AD-AD8042_07 Datasheet
435Kb / 16P
   Dual 160 MHz Rail-to-Rail Amplifier
Rev. E
AD8042 AD-AD8042_06 Datasheet
405Kb / 16P
   Dual 160 MHz Rail-to-Rail Amplifier
Rev. D
logo
Texas Instruments
OPA2810_1807 TI1-OPA2810_1807 Datasheet
2Mb / 48P
[Old version datasheet]   Dual Channel, 27 V, Rail-to-Rail Input/Output FET-Input Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com