Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD824 Datasheet(PDF) 9 Page - Analog Devices

Part # AD824
Description  Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD824 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD824_15 Datasheet HTML 5Page - Analog Devices AD824_15 Datasheet HTML 6Page - Analog Devices AD824_15 Datasheet HTML 7Page - Analog Devices AD824_15 Datasheet HTML 8Page - Analog Devices AD824_15 Datasheet HTML 9Page - Analog Devices AD824_15 Datasheet HTML 10Page - Analog Devices AD824_15 Datasheet HTML 11Page - Analog Devices AD824_15 Datasheet HTML 12Page - Analog Devices AD824_15 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Data Sheet
AD824
Rev. D | Page 9 of 16
Figure 12. Voltage Noise Density
Figure 13. Total Harmonic Distortion
Figure 14. Input Offset Distribution, VS = 5 V, 0 V
Figure 15. TC VOS Distribution, −55°C to +125°C, VS = 5 V, 0 V
Figure 16. Input Offset Current vs. Temperature
Figure 17. Input Bias Current vs. Temperature
5
10
15
20
60
40
20
3V ≤ VS ≤ ±15V
FREQUENCY (kHz)
0.1
0.01
0.001
0.0001
20
100
1k
10k
20k
FREQUENCY (Hz)
VS = +3V
VS = +5V
VS = ±15V
RL =
AV = +1
280
240
200
160
120
80
40
0
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
OFFSET VOLTAGE (mV)
COUNT = 860
14
12
10
8
6
4
2
0
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
2.5
OFFSET VOLTAGE DRIFT (µV/°C)
COUNT = 60
150
125
100
75
50
25
0
–25
–60
–40
–20
0
20
40
60
80
100
120
140
TEMPERATURE (°C)
VS = 5V, 0V
100k
10k
1k
100
10
1
0.1
20
40
60
80
100
120
140
TEMPERATURE (°C)
VS = 5V, 0V


Similar Part No. - AD824_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AD824-00 ETC2-AD824-00 Datasheet
159Kb / 12P
   Package Drawings and Specifications
logo
Analog Devices
AD8240 AD-AD8240 Datasheet
223Kb / 12P
   LED Driver/Monitor
REV. 0
AD8240YRM AD-AD8240YRM Datasheet
223Kb / 12P
   LED Driver/Monitor
REV. 0
AD8240YRM-REEL AD-AD8240YRM-REEL Datasheet
223Kb / 12P
   LED Driver/Monitor
REV. 0
AD8240YRM-REEL7 AD-AD8240YRM-REEL7 Datasheet
223Kb / 12P
   LED Driver/Monitor
REV. 0
More results

Similar Description - AD824_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD820 AD-AD820_07 Datasheet
588Kb / 24P
   Single-Supply, Rail-to-Rail, Low Power FET-Input Op Amp
Rev. E
AD822ARMZ AD-AD822ARMZ Datasheet
296Kb / 24P
   Single-Supply, Rail-to-Rail Low Power FET-Input Op Amp
Rev. I
AD824ARZ-14 AD-AD824ARZ-14 Datasheet
1Mb / 16P
   Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
REV. C
AD824 AD-AD824_V01 Datasheet
344Kb / 16P
   Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
Rev. E
AD824 AD-AD824_03 Datasheet
552Kb / 16P
   Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
REV. C
AD824ARZ-14-REEL7 AD-AD824ARZ-14-REEL7 Datasheet
1Mb / 16P
   Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
REV. C
AD824 AD-AD824 Datasheet
551Kb / 16P
   Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
REV. A
AD820ARMZ AD-AD820ARMZ Datasheet
428Kb / 24P
   Single-Supply, Rail-to-Rail, Low Power, FET Input Op Amp
Rev. H
AD822 AD-AD822 Datasheet
320Kb / 16P
   Single Supply, Rail-to-Rail Low Power FET-Input Op Amp
REV. A
AD822AN AD-AD822AN Datasheet
296Kb / 24P
   Single-Supply, Rail-to-Rail Low Power FET-Input Op Amp
Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com