Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD834 Datasheet(PDF) 9 Page - Analog Devices

Part # AD834
Description  500 MHz Four-Quadrant Multiplier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD834 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD834_15 Datasheet HTML 5Page - Analog Devices AD834_15 Datasheet HTML 6Page - Analog Devices AD834_15 Datasheet HTML 7Page - Analog Devices AD834_15 Datasheet HTML 8Page - Analog Devices AD834_15 Datasheet HTML 9Page - Analog Devices AD834_15 Datasheet HTML 10Page - Analog Devices AD834_15 Datasheet HTML 11Page - Analog Devices AD834_15 Datasheet HTML 12Page - Analog Devices AD834_15 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Data Sheet
AD834
Rev. F | Page 9 of 20
8
7
6
5
1
2
3
4
X2
X1 +VS W1
NOTES
1. R1, R2 SHOULD BE PRECISION TYPE
RESISTOR (±0.1%).
2. ABSOLUTE VALUE ERRORS OF R1, R2
CAUSE A SMALL FACTOR ERROR.
3. R1, R2 MISMATCHES ARE EXPRESSED
AS LINEARITY ERRORS.
4. VOUT = IW1 R1 – UW2 R2
(IF R1 = R2, VOUT = >IW R1).
Y1
Y2
–VS W2
AD834
–15V
+15V
AD707
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
–15V
+15V
AD707
+
+5V
–5V
VOUT
X
Y
IW1
1kΩ
1kΩ
1kΩ
1kΩ
A1
A2
IW2
Figure 9. Low Frequency Test Circuit
Figure 10. Example Layout for SOIC


Similar Part No. - AD834_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD834 AD-AD834_12 Datasheet
351Kb / 20P
   500 MHz Four-Quadrant Multiplier
Rev. F
More results

Similar Description - AD834_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD834 AD-AD834 Datasheet
258Kb / 8P
   500 MHz Four-Quadrant Multiplier
REV. C
AD834 AD-AD834_12 Datasheet
351Kb / 20P
   500 MHz Four-Quadrant Multiplier
Rev. F
AD734 AD-AD734_15 Datasheet
451Kb / 20P
   10 MHz, Four-Quadrant Multiplier/Divider
Rev. E
AD734ANZ AD-AD734ANZ Datasheet
451Kb / 20P
   10 MHz, Four-Quadrant Multiplier/Divider
Rev. E
AD734SQ AD-AD734SQ Datasheet
451Kb / 20P
   10 MHz, Four-Quadrant Multiplier/Divider
REV. E
logo
Elantec Semiconductor
EL4450C ELANTEC-EL4450C Datasheet
266Kb / 14P
   Wideband Four-Quadrant Multiplier
logo
Intersil Corporation
EL4450 INTERSIL-EL4450 Datasheet
170Kb / 10P
   Wideband Four-Quadrant Multiplier
logo
ON Semiconductor
MC1495 ONSEMI-MC1495 Datasheet
332Kb / 16P
   LINEAR FOUR-QUADRANT MULTIPLIER
August, 2001 ??Rev. 1
logo
Motorola, Inc
MC1494L MOTOROLA-MC1494L Datasheet
519Kb / 14P
   MONOLITHIC FOUR-QUADRANT MULTIPLIER
logo
IC-Haus GmbH
IC-BM ICHAUS-IC-BM Datasheet
329Kb / 7P
   FOUR-CHANNEL FOUR-QUADRANT ANALOG MULTIPLIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com