Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD844 Datasheet(PDF) 3 Page - Analog Devices

Part # AD844
Description  60 MHz 2000 V/s Monolithic Op Amp
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD844 Datasheet(HTML) 3 Page - Analog Devices

  AD844_15 Datasheet HTML 1Page - Analog Devices AD844_15 Datasheet HTML 2Page - Analog Devices AD844_15 Datasheet HTML 3Page - Analog Devices AD844_15 Datasheet HTML 4Page - Analog Devices AD844_15 Datasheet HTML 5Page - Analog Devices AD844_15 Datasheet HTML 6Page - Analog Devices AD844_15 Datasheet HTML 7Page - Analog Devices AD844_15 Datasheet HTML 8Page - Analog Devices AD844_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
AD844
Rev. F | Page 3 of 20
SPECIFICATIONS
TA = 25°C and VS = ±15 V dc, unless otherwise noted.
Table 1.
AD844J/AD844A
AD844B
AD844S
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
INPUT OFFSET VOLTAGE1
50
300
50
150
50
300
μV
TMIN to TMAX
75
500
75
200
125
500
μV
vs. Temperature
1
1
5
1
5
μV/°C
vs. Supply
5 V to 18 V
Initial
4
20
4
10
4
20
μV/V
TMIN to TMAX
4
4
10
4
20
μV/V
vs. Common Mode
VCM = ±10 V
Initial
10
35
10
20
10
35
μV/V
TMIN to TMAX
10
10
20
10
35
μV/V
INPUT BIAS CURRENT
Negative Input Bias Current1
200
450
150
250
200
450
nA
TMIN to TMAX
800
1500
750
1100
1900
2500
nA
vs. Temperature
9
9
15
20
30
nA/°C
vs. Supply
5 V to 18 V
Initial
175
250
175
200
175
250
nA/V
TMIN to TMAX
220
220
240
220
300
nA/V
vs. Common Mode
VCM = ±10 V
Initial
90
160
90
110
90
160
nA/V
TMIN to TMAX
110
110
150
120
200
nA/V
Positive Input Bias Current1
150
400
100
200
100
400
nA
TMIN to TMAX
350
700
300
500
800
1300
nA
vs. Temperature
3
3
7
7
15
nA/°C
vs. Supply
5 V to 18 V
Initial
80
150
80
100
80
150
nA/V
TMIN to TMAX
100
100
120
120
200
nA/V
vs. Common Mode
VCM = ±10 V
Initial
90
150
90
120
90
150
nA/V
TMIN to TMAX
130
130
190
140
200
nA/V
INPUT CHARACTERISTICS
Input Resistance
Negative Input
50
65
50
65
50
65
Ω
Positive Input
7
10
7
10
7
10
Input Capacitance
Negative Input
2
2
2
pF
Positive Input
2
2
2
pF
Input Common-Mode Voltage
Range
±10
±10
±10
V
INPUT VOLTAGE NOISE
f ≥ 1 kHz
2
2
2
nV/√Hz
INPUT CURRENT NOISE
Negative Input
f ≥ 1 kHz
10
10
10
pV/√Hz
Positive Input
f ≥ 1 kHz
12
12
12
pV/√Hz
OPEN-LOOP TRANSRESISTANCE
VOUT = ±10 V
RL = 500 Ω
2.2
3.0
2.8
3.0
2.2
3.0
TMIN to TMAX
1.3
2.0
1.6
2.0
1.3
1.6
Transcapacitance
4.5
4.5
4.5
pF
DIFFERENTIAL GAIN ERROR2
f = 4.4 MHz
0.03
0.03
0.03
%
DIFFERENTIAL PHASE ERROR2
f = 4.4 MHz
0.16
0.16
0.16
Degree


Similar Part No. - AD844_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD844ACHIPS AD-AD844ACHIPS Datasheet
493Kb / 12P
   60 MHz, 2000 V/us Monolithic Op Amp
REV. C
AD844ACHIPS AD-AD844ACHIPS Datasheet
250Kb / 16P
   60 MHz, 2000 V/us Monolithic Op Amp
REV. D
AD844ACHIPS AD-AD844ACHIPS Datasheet
422Kb / 20P
   60 MHz 2000 V Monolithic Op Amp
Rev. F
AD844AN AD-AD844AN Datasheet
493Kb / 12P
   60 MHz, 2000 V/us Monolithic Op Amp
REV. C
AD844AN AD-AD844AN Datasheet
250Kb / 16P
   60 MHz, 2000 V/us Monolithic Op Amp
REV. D
More results

Similar Description - AD844_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD844ANZ AD-AD844ANZ Datasheet
422Kb / 20P
   60 MHz 2000 V Monolithic Op Amp
Rev. F
AD844 AD-AD844_07 Datasheet
250Kb / 16P
   60 MHz, 2000 V/us Monolithic Op Amp
REV. D
AD844 AD-AD844 Datasheet
493Kb / 12P
   60 MHz, 2000 V/us Monolithic Op Amp
REV. C
logo
Texas Instruments
TLV9051_1906 TI1-TLV9051_1906 Datasheet
4Mb / 70P
[Old version datasheet]   5-MHz, 15-V/關s High Slew-Rate, RRIO Op Amp
TLV9051_1904 TI1-TLV9051_1904 Datasheet
3Mb / 63P
[Old version datasheet]   5-MHz, 15-V/關s High Slew-Rate, RRIO Op Amp
logo
National Semiconductor ...
CLC415 NSC-CLC415 Datasheet
338Kb / 6P
   Quad, Wideband Monolithic Op Amp
logo
Microchip Technology
MCP660 MICROCHIP-MCP660 Datasheet
2Mb / 68P
   60 MHz, 32 V/關s Rail-to-Rail Output (RRO) Op Amps
03/25/14
logo
Texas Instruments
OPA140 TI1-OPA140 Datasheet
1Mb / 44P
[Old version datasheet]   11-MHz JFET Op Amp
logo
National Semiconductor ...
MNCLC449A-X NSC-MNCLC449A-X Datasheet
78Kb / 8P
   1.2GHz ULTRA-WIDEBAND MONOLITHIC OP AMP
logo
Linear Technology
LT1360 LINER-LT1360_15 Datasheet
229Kb / 16P
   50MHz, 800V/s Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com