Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCS220AE2C Datasheet(PDF) 1 Page - Rohm

Part # SCS220AE2C
Description  SiC Schottky Barrier Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SCS220AE2C Datasheet(HTML) 1 Page - Rohm

  SCS220AE2C Datasheet HTML 1Page - Rohm SCS220AE2C Datasheet HTML 2Page - Rohm SCS220AE2C Datasheet HTML 3Page - Rohm SCS220AE2C Datasheet HTML 4Page - Rohm SCS220AE2C Datasheet HTML 5Page - Rohm SCS220AE2C Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Datasheet
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
SCS220AE2
SiC Schottky Barrier Diode
*1 Tc=137°C/Tc=137°C *2 PW=8.3ms sinusoidal, Tj=25°C *3 PW=10
ms square, Tj=25°C
*4 PW=8.3ms sinusoidal, Tj=150°C *5 Tc=100°C, Tj=150°C, Duty cycle=10%
*6 Tc=25°C *7 Per leg / Both legs
3) High-speed switching possible
lOutline
lInner circuit
lPackaging specifications
TO-247
2) Reduced temperature dependence
650V
10A/20A*
VR
IF
QC
lFeatures
15nC
1) Shorter recovery time
A
W
Symbol
lConstruction
Silicon carbide epitaxial planer type
Parameter
V
V
A
Tube
-
Type
Packaging
Reel size (mm)
C
SCS220AE2
Basic ordering unit (pcs)
Tape width (mm)
-
30
Marking
Taping code
83/160*
6
40/80*
2
A
A
VRM
Total power disspation
*7
Junction temperature
VR
IF
IFSM
IFRM
PD
Reverse voltage (DC)
Continuous forward current
*7
650
10/20*
1
42/85*
5
150/300*
3
A
*(Per leg / Both legs)
31/63*
4
°C
°C
Tj
Tstg
175
-55 to +175
Range of storage temperature
lAbsolute maximum ratings (Tj = 25°C)
Surge no repetitive forward current
*7
Reverse voltage (repetitive peak)
Unit
Value
Repetitive peak forward current
*7
650
(1) Anode
(2) Cathode
(3) Anode
(1)
(3)
(2)
(1) (2)
(3)
1/5
2013.04 - Rev.B


Similar Part No. - SCS220AE2C

ManufacturerPart #DatasheetDescription
logo
Rohm
SCS220AE2 ROHM-SCS220AE2 Datasheet
923Kb / 6P
   SiC Schottky Barrier Diode
SCS220AE2 ROHM-SCS220AE2 Datasheet
293Kb / 6P
   SiC Schottky Barrier Diode
SCS220AE2HR ROHM-SCS220AE2HR Datasheet
485Kb / 6P
   SiC Schottky Barrier Diode
SCS220AE2HR ROHM-SCS220AE2HR Datasheet
916Kb / 6P
   SiC Schottky Barrier Diode
SCS220AE2HR ROHM-SCS220AE2HR_17 Datasheet
916Kb / 6P
   SiC Schottky Barrier Diode
More results

Similar Description - SCS220AE2C

ManufacturerPart #DatasheetDescription
logo
Rohm
SCS206AGC ROHM-SCS206AGC Datasheet
363Kb / 6P
   SiC Schottky Barrier Diode
SCS205KGHR ROHM-SCS205KGHR Datasheet
478Kb / 6P
   SiC Schottky Barrier Diode
SCS208AGHR ROHM-SCS208AGHR Datasheet
481Kb / 6P
   SiC Schottky Barrier Diode
SCS215AGHR ROHM-SCS215AGHR Datasheet
541Kb / 6P
   SiC Schottky Barrier Diode
SCS220AJ ROHM-SCS220AJ Datasheet
493Kb / 6P
   SiC Schottky Barrier Diode
SVS212AGHR ROHM-SVS212AGHR Datasheet
478Kb / 6P
   SiC Schottky Barrier Diode
SCS210AG ROHM-SCS210AG_17 Datasheet
901Kb / 6P
   SiC Schottky Barrier Diode
SCS210AJHR ROHM-SCS210AJHR Datasheet
1Mb / 6P
   SiC Schottky Barrier Diode
SCS304AP ROHM-SCS304AP Datasheet
989Kb / 7P
   SiC Schottky Barrier Diode
SCS308AP ROHM-SCS308AP Datasheet
1,022Kb / 7P
   SiC Schottky Barrier Diode
SCS210KE2 ROHM-SCS210KE2 Datasheet
913Kb / 6P
   SiC Schottky Barrier Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com