Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD1376 Datasheet(PDF) 3 Page - Analog Devices

Part # AD1376
Description  Complete, High Speed 16-Bit A/D Converters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1376 Datasheet(HTML) 3 Page - Analog Devices

  AD1376_15 Datasheet HTML 1Page - Analog Devices AD1376_15 Datasheet HTML 2Page - Analog Devices AD1376_15 Datasheet HTML 3Page - Analog Devices AD1376_15 Datasheet HTML 4Page - Analog Devices AD1376_15 Datasheet HTML 5Page - Analog Devices AD1376_15 Datasheet HTML 6Page - Analog Devices AD1376_15 Datasheet HTML 7Page - Analog Devices AD1376_15 Datasheet HTML 8Page - Analog Devices AD1376_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AD1376/AD1377
Rev. D | Page 3 of 12
SPECIFICATIONS
Typical at TA = 25°C, VS = ±15 V, +5 V, unless otherwise noted.
Table 1.
AD1376JD/AD1377JD
AD1376KD/AD1377KD
Model
Min
Typ
Max
Min
Typ
Max
Unit
RESOLUTION
16
16
Bits
ANALOG INPUTS
Voltage Ranges
Bipolar
±2.5
±2.5
V
±5
±5
V
±10
±10
V
Unipolar
0 to 5
0 to 5
V
0 to 10
0 to 10
V
0 to 20
0 to 20
V
Impedance (Direct Input)
V
0 V to +5 V, ±2.5 V
1.88
1.88
kΩ
0 V to +10 V, ±5.0 V
3.75
3.75
kΩ
0 V to +20 V, ±10 V
7.50
7.50
kΩ
DIGITAL INPUTS1
Convert Command
Trailing edge of positive 50 ns (min) pulse
Logic Loading
1
1
LS TTL Load
TRANSFER CHARACTERISTICS2
(ACCURACY)
Gain Error
±0.053
±0.2
± 0.053
± 0.2
%
Offset Error
Unipolar
±0.053
±0.1
±0.053
±0.1
% of FSR4
Bipolar
±0.053
±0.2
±0.053
±0.2
% of FSR
Linearity Error (Max)
±0.006
±0.003
% of FSR
Inherent Quantization Error
±1/2
±1/2
LSB
Differential Linearity Error
±0.003
±0.003
% of FSR
POWER SUPPLY SENSITIVITY
±15 V DC (±0.75 V)
0.0015
0.0015
% of FSR/% ∆VS
+5 V DC (±0.25 V)
0.001
0.001
% of FSR/% ∆VS
CONVERSION TIME5
12 Bits (AD1376)
11.5
13
11.5
13
µs
14 Bits (AD1376)
13.5
15
13.5
15
µs
16 Bits (AD1376)
15.5
17
15.5
17
µs
14 Bits (AD1377)
8.75
8.75
µs
16 Bits (AD1377)
10
10
µs
POWER SUPPLY REQUIREMENTS
Analog Supplies
+14.5
+15
+15.5
+14.5
+15
+15.5
V dc
−14.5
−15
−15.5
−14.5
−15
−15.5
V dc
Digital Supply
+4.75
+5
+5.25
+4.75
+5
+5.25
V dc
AD1376 Power Consumption
600
800
600
800
mW
+15 V Supply Drain
+10
+10
mA
−15 V Supply Drain
−23
−23
mA
+5 V Supply Drain
+18
+18
mA
AD1377 Power Consumption
600
800
600
800
mW
+15 V Supply Drain
+10
+10
mA
−15 V Supply Drain
−23
−23
mA
+5 V Supply Drain
+18
+18
mA
WARM-UP TIME
1
1
Minutes


Similar Part No. - AD1376_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1376JD AD-AD1376JD Datasheet
573Kb / 8P
   Complete, High Speed 16-Bit A/D Converter
REV. B
AD1376JD AD-AD1376JD Datasheet
174Kb / 8P
   Complete, High Speed 16-Bit A/D Converters
REV. B
AD1376KD AD-AD1376KD Datasheet
573Kb / 8P
   Complete, High Speed 16-Bit A/D Converter
REV. B
AD1376KD AD-AD1376KD Datasheet
174Kb / 8P
   Complete, High Speed 16-Bit A/D Converters
REV. B
More results

Similar Description - AD1376_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1376 AD-AD1376 Datasheet
174Kb / 8P
   Complete, High Speed 16-Bit A/D Converters
REV. B
AD1377 AD-AD1377_15 Datasheet
403Kb / 12P
   Complete, High Speed 16-Bit A/D Converters
REV. D
ADADC71 AD-ADADC71 Datasheet
647Kb / 8P
   Complete, High Resolution 16-Bit A/D Converters
REV. A
AD1316 AD-AD1316 Datasheet
573Kb / 8P
   Complete, High Speed 16-Bit A/D Converter
REV. B
AD674B AD-AD674B Datasheet
247Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD674B AD-AD674B_15 Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD774B AD-AD774B_15 Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD774BJNZ AD-AD774BJNZ Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD674BTE AD-AD674BTE Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
ADADC85 AD-ADADC85_15 Datasheet
1Mb / 12P
   Fast, Complete 12-Bit A/D Converters
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com