Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMP705CUA Datasheet(PDF) 7 Page - IMP, Inc

Part # IMP705CUA
Description  LOW-POWER 關P SUPERVISOR CIRCUITS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMP [IMP, Inc]
Direct Link  http://www.ds-imp.com.cn/index.asp
Logo IMP - IMP, Inc

IMP705CUA Datasheet(HTML) 7 Page - IMP, Inc

  IMP705CUA Datasheet HTML 1Page - IMP, Inc IMP705CUA Datasheet HTML 2Page - IMP, Inc IMP705CUA Datasheet HTML 3Page - IMP, Inc IMP705CUA Datasheet HTML 4Page - IMP, Inc IMP705CUA Datasheet HTML 5Page - IMP, Inc IMP705CUA Datasheet HTML 6Page - IMP, Inc IMP705CUA Datasheet HTML 7Page - IMP, Inc IMP705CUA Datasheet HTML 8Page - IMP, Inc IMP705CUA Datasheet HTML 9Page - IMP, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
©
1999 IMP, Inc.
408-432-9100/www.impweb.com
7
IMP705/6/7/8, 8
IMP705/6/7/8, 8113L
3L
Monitoring Voltages Other Than VCC
The IMP705-708 can monitor voltages other than VCC using the
Power Fail circuitry. If a resistive divider is connected from the
voltage to be monitored to the Power Fail input, PFI, the PFO
(output) will go LOW if the divider voltage goes below its 1.25V
reference. Should hysteresis be desired, connect a resistor (equal
to approximately 10 times the sum of the two resistors in the
divider) between the PFI and PFO pins. A capacitor between PFI
and GND will reduce circuit sensitivity to input high-frequency
noise. If it is desired to assert a RESET in addition to the PFO flag,
this may be achieved by connecting the PFO output to MR.
Monitoring a Negative Voltage
The Power-Fail circuitry can also monitor a negative supply rail.
When the negative rail is OK, PFO will be LOW, and when the
negative rail is failing (not negative enough), PFO goes HIGH
(the opposite of when positive voltages are monitored). To trigger
a reset, these outputs need to be inverted: adding the resistors
and transistor as shown achieves this. The RESET output will
then have the same sense as for positive voltages: good = HIGH,
bad = LOW. It should be noted that this circuit’s accuracy depends
on the VCC line, the PFI threshold tolerance, and the resistors.
IMP70x
VCC = 5V
VIN = 12V
GND
VCC
RESET
To Processor
12V Threshold
~10.87V
PFO
MR
PFI
1M
9
130k
9
705_07.eps
IMP70x
+
+5V
Negative Input
Voltage
GND
VCC
RESET
PFO
MR
PFI
RP
RN
705_09.eps
5 1 25
1 25
=
..
RP
V
RN
TRIP
Application Information
Figure 4. Monitoring Voltages Other Than VCC
Figure 5. Monitoring a Negative Voltage


Similar Part No. - IMP705CUA

ManufacturerPart #DatasheetDescription
logo
IMP, Inc
IMP706JCPA IMP-IMP706JCPA Datasheet
229Kb / 8P
   3/3.3/4.0V 關P SUPERVISOR CIRCUITS
logo
A1 PROs co., Ltd.
IMP706JCPA A1PROS-IMP706JCPA Datasheet
278Kb / 9P
   3/3..3/4..0V μP Supervisorr Circuits
1999
logo
IMP, Inc
IMP706JCSA IMP-IMP706JCSA Datasheet
229Kb / 8P
   3/3.3/4.0V 關P SUPERVISOR CIRCUITS
logo
A1 PROs co., Ltd.
IMP706JCSA A1PROS-IMP706JCSA Datasheet
278Kb / 9P
   3/3..3/4..0V μP Supervisorr Circuits
1999
logo
IMP, Inc
IMP706JCUA IMP-IMP706JCUA Datasheet
229Kb / 8P
   3/3.3/4.0V 關P SUPERVISOR CIRCUITS
More results

Similar Description - IMP705CUA

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
ASM705 PULSECORE-ASM705 Datasheet
285Kb / 15P
   Low Power 關P Supervisor Circuits
logo
Diodes Incorporated
PT7M7803 DIODES-PT7M7803 Datasheet
1Mb / 15P
   關P Supervisor Circuits
5/10/2017
logo
ON Semiconductor
ASM705 ONSEMI-ASM705 Datasheet
180Kb / 13P
   Low Power P Supervisor Circuits
August, 2011 ??Rev. 3
logo
IMP, Inc
IMP706P IMP-IMP706P Datasheet
229Kb / 8P
   3/3.3/4.0V 關P SUPERVISOR CIRCUITS
logo
Protek Devices
PA4101 PROTEC-PA4101 Datasheet
1Mb / 7P
   PUNK with 關P Supervisor
logo
Alliance Semiconductor ...
ASM705 ALSC-ASM705 Datasheet
190Kb / 15P
   Low Power UP Supervisor Circuits
AS705 ALSC-AS705 Datasheet
198Kb / 16P
   Low Power uP Supervisor Circuits
logo
PulseCore Semiconductor
PCS809 PULSECORE-PCS809 Datasheet
521Kb / 8P
   3-Pin 關P Voltage Supervisor
logo
IMP, Inc
IMP690A IMP-IMP690A Datasheet
225Kb / 10P
   關P POWER SUPPLY SUPERVISOR WITH BATTERY BACKUP SWITCH
logo
PulseCore Semiconductor
ASM690A PULSECORE-ASM690A Datasheet
348Kb / 15P
   關P Power Supply Supervisor With Battery Backup Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com