Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HF32F Datasheet(PDF) 3 Page - Hongfa Technology

Part # HF32F
Description  SUBMINIATURE INTERMEDIATE POWER RELAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HF32F Datasheet(HTML) 3 Page - Hongfa Technology

  HF32F_15 Datasheet HTML 1Page - Hongfa Technology HF32F_15 Datasheet HTML 2Page - Hongfa Technology HF32F_15 Datasheet HTML 3Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
16/>/1@3>7?@71 1A>B3?
NCYKNVN TXKUEJKOI QPXGS
GFVSCOEG EVSWG
EPKM UGNQGSCUVSG SKTG
Ejio\^o Wjgo\b` 0W1
Ejio\^o Epmm`io 0C1
Q`m^`io\b` Pa Ojhdi\g Ejdg Wjgo\b`
97
87
:7
877
;77
977 :77
CES`ndnodq`
FES`ndnodq`
;
87
97
:
9
<7
@:
Fdn^g\dh`m
Uc` nk`^dad^\odji dn ajm m`a`m`i^` jigt5 T`` oj ,U`mhdijgjbt \i_ Ipd_`gdi`n, ajm hjm` diajmh\odji5 Tk`^dad^\odjin np]e`^o oj ^c\ib` rdocjpo ijod^`5
X` ^jpg_ ijo `q\gp\o` \gg oc` k`majmh\i^` \i_ \gg oc` k\m\h`o`mn ajm `q`mt kjnnd]g` \kkgd^\odji5 Ucpn oc` pn`m ncjpg_ ]` di \ mdbco kjndodji oj
^cjjn` oc` npdo\]g` kmj_p^o ajm oc`dm jri \kkgd^\odji5 Ka oc`m` dn \it lp`mt3 kg`\n` ^jio\^o Jjiba\ ajm oc` o`^cid^\g n`mqd^`5 Jjr`q`m3 do dn oc` pn`myn
m`nkjind]dgdot oj _`o`mhdi` rcd^c kmj_p^o ncjpg_ ]` pn`_ jigt5
v Yd\h`i Jjiba\ Gg`^omj\^jpnod^ Ej53 Mo_5 Cgg mdbcon ja Jjiba\ \m` m`n`mq`_5
75;
75:
75?
8?5;
8759
8 Hjmh E
0Djoojh qd`r1
;4x85:
75?
75;
8?5;
75:
8759
95<;
895>
8 Hjmh C
0Djoojh qd`r1
0Djoojh qd`r1
S`h\mfA 81 Ki ^\n` ja ij ojg`m\i^` ncjri di jpogdi` _dh`indjiA jpogdi` _dh`indji Z8hh3 ojg`m\i^` ncjpg_ ]` w759hhB jpogdi` _dh`indji ]8hh
\i_ Z<hh3 ojg`m\i^` ncjpg_ ]` w75:hhB jpogdi` _dh`indji ]<hh3 ojg`m\i^` ncjpg_ ]` w75;hh5
91 Uc` ojg`m\i^` rdocjpo di_d^\odib ajm QED g\tjpo dn \gr\tn w758hh5
:1 Uc` rd_oc ja oc` bmd__dib dn 95<;hh5
0Djoojh qd`r1
75;<s75;<
75;<s75;<
877
7
?7
@7
887
8:7
897
<7
97
;7
:7
87
=7
>7
?7
:
8
7;
877
87
<7
C
D
9<
To\i_\m_
T`indodq`
:PTIS.
85Epmq` CA J otok`
Epmq` DA JM otk`3 [ otk`
95@IST GPOHLTLPOS.
JM otk`3 J otk`A S`ndnodq` gj\_3 Sjjh o`hk53
8n ji 8n jaa
[ otk`A OP6OE3 S`ndnodq` gj\_3 Sjjh o`hk53
85<n ji 85<n jaa
@IST GPOHLTLPOS. <C \o >7[
;A@87:3 2793:?7;:?~ C7>7:5 27/5>/9 /:2 <1 0;/>2 8/D;A@
Ppogdi` Fdh`indjin
Xdmdib Fd\bm\h
QED M\tjpo
VidoA hh
<4x85:
85<
95<;
895>


Similar Part No. - HF32F_15

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HF32F-G HONGFA-HF32F-G Datasheet
55Kb / 2P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF32F-G HONGFA-HF32F-G Datasheet
54Kb / 2P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF32F-G/003-H3XXX HONGFA-HF32F-G/003-H3XXX Datasheet
55Kb / 2P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF32F-G/003-HS3XXX HONGFA-HF32F-G/003-HS3XXX Datasheet
55Kb / 2P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF32F-G/003-HSTXXX HONGFA-HF32F-G/003-HSTXXX Datasheet
55Kb / 2P
   SUBMINIATURE INTERMEDIATE POWER RELAY
More results

Similar Description - HF32F_15

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HF32FV HONGFA-HF32FV_17 Datasheet
64Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF46F HONGFA-HF46F_15 Datasheet
81Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF42F HONGFA-HF42F Datasheet
56Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF33F HONGFA-HF33F Datasheet
62Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF36F HONGFA-HF36F Datasheet
62Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF38F HONGFA-HF38F Datasheet
62Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HFE51 HONGFA-HFE51 Datasheet
1Mb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
logo
List of Unclassifed Man...
JZC-33F ETC-JZC-33F Datasheet
51Kb / 2P
   SUBMINIATURE INTERMEDIATE POWER RELAY
logo
Hongfa Technology
HF43F HONGFA-HF43F Datasheet
57Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
JE7 HONGFA-JE7 Datasheet
64Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF46F HONGFA-HF46F Datasheet
57Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com