Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HF32FA-T012-HNILL1NIL Datasheet(PDF) 1 Page - Hongfa Technology

Part # HF32FA-T012-HNILL1NIL
Description  SUBMINIATURE INTERMEDIATE HIGH TEMPERATURE POWER RELAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HF32FA-T012-HNILL1NIL Datasheet(HTML) 1 Page - Hongfa Technology

  HF32FA-T012-HNILL1NIL Datasheet HTML 1Page - Hongfa Technology HF32FA-T012-HNILL1NIL Datasheet HTML 2Page - Hongfa Technology HF32FA-T012-HNILL1NIL Datasheet HTML 3Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
JPOIHC SGMCZ
1DANOLDM
Eihn[]n l[ncha
/S_m4 fi[^0
Hcf_ Oi4@G79:;7=
Hcf_ Oi4@:666<7>8
;C 8;6WCE
;C 96WFE
;C 8;6WCE
;C 8;6WCE [n 76;
9C :66WCE [n 76;
KTP?6672 KTP5UT7<?:? 2 KTP7:6672 PJTCT7>6672 KGER RE 6>6666 EGSUKHKGF
Tbi]e
l_mcmn[h]_
D_nq__h ]icf . ]ihn[]nm
D_nq__h ij_h ]ihn[]nm
Fc_f_]nlc]
mnl_hanb
;666WCE 7gch
7666WCE 7gch
>gm g[r4
:gm g[r4
;-ni>;-SJ
3:6 ni 76;
?>g5m8
?>6g5m8
76Jt ni ;;Jt 74<;gg FC
QED
Cjjlir4:4<a
Qf[mnc] m_[f_^2 Hfor jlii`_^
867: S_p4 7467
>/0
>;
T_hmcncp_@ Cjjlir4 866gX
Eicf jiq_l
Hcf_ Oi4@ERE6?66868><>?
7JNDM+ 70 Cff p[fo_m ohmj_]c`c_^ [l_ [n liig n_gj_l[nol_4
80 Phfs nsjc][f fi[^m [l_ fcmn_^ [\ip_4 Pnb_l fi[^ mj_]c`c][ncihm
][h \_ [p[cf[\f_ ojih l_ko_mn4
7JNDM+ 1 N[rcgog pifn[a_ l_`_lm ni nb_ g[rcgog pifn[a_ qbc]b l_f[s
]icf ]iof^ _h^ol_ ch [ mbiln j_lci^ i` ncg_4
31*~1,{<
;=-6474,<=:0 47<0:60/4,<0
3423 <0690:,<=:0 98?0: :05,@
.87<,.< /,<,
Khmof[ncih l_mcmn[h]_
Pj_l[n_ ncg_ /[n higc4 pifn40
S_f_[m_ ncg_ /[n higc4 pifn40
Jogc^cns
Cg\c_hn n_gj_l[nol_
Hoh]ncih[f
F_mnlo]ncp_
Wc\l[ncih l_mcmn[h]_
U_lgch[ncih
Vhcn q_cabn
Eihmnlo]ncih
7666N /[n ;66WFE0
.3,:,.<0:4;<4.;
.845
;,10<@ ,99:8>,5 :,<472;
=5|.=5
Z Jcab n_gj_l[nol_@ 76;
Z ;C mqcn]bcha ][j[\cfcns
Z 7 Hilg C ]ih`caol[ncih
Z El__j[a_5]f_[l[h]_ ^cmn[h]_B>gg
Z ;eW ^c_f_]nlc] mnl_hanb /\_nq__h ]icf [h^ ]ihn[]nm0
Z VM chmof[ncih msmn_g@ Ef[mm H
Z N__ncha WFG 6=662 6<97 l_ch`il]_ chmof[ncih
Z Qli^o]n ch []]il^[h]_ ni KGE <699;37 [p[cf[\f_
Z Ghpclihg_hn[f `lc_h^fs jli^o]n /SiJT ]igjfc[hn0
Z Ponfch_ Fcg_hmcihm@ /7=4< r 7647 r 78490 gg
7C
=6g g[r4/[n 7C <WFE0
CaOc
8;6WCE596WFE
;C
78;6WC57;6X
7r76<PQT
7r76;PQT / ;C 8;6WCE2 S_mcmncp_ fi[^2
Siig n_gj42 74;m ih 74;m i``0
Eihn[]n [ll[ha_g_hn
Eihn[]n l_mcmn[h]_
Eihn[]n g[n_lc[f
N[r4 mqcn]bcha pifn[a_
N[r4 mqcn]bcha ]oll_hn
N[r4 mqcn]bcha jiq_l
N_]b[hc][f _h^ol[h]_
.845 /,<,
;DIMFNFPD NRKD
78;r /7 76-0
7>6r/7 76-0
:66r/7 76-0
=86r/7 76-0
7<66 r /7 76-0
8>66 r /7 76-0
:;r /7 76-0
Oigch[f
Wifn[a_
WFE
Eicf
S_mcmn[h]_
Qc]e3oj
Wifn[a_
WFE
g[r4
Flij3ion
Wifn[a_
WFE
gch4
N[r4
Wifn[a_
WFE 1
;
<
?
78
7>
8:
94=;
:4;6
<4=;
?466
794;
7>46
648;
6496
64:;
64<6
64?6
7486
9
848;647;
>4;
7648
7;49
864:
964<
:64>
;47
[n 89
Gf_]nlc][f _h^ol[h]_
7JNDM+ 70 Ub_ ^[n[ mbiqh [\ip_ [l_ chcnc[f p[fo_m4
80 Qf_[m_ `ch^ ]icf n_gj_l[nol_ ]olp_ ch nb_ ]b[l[]n_lcmnc] ]olp_m \_fiq4
>
/0


Similar Part No. - HF32FA-T012-HNILL1NIL

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HF32FA-T HONGFA-HF32FA-T Datasheet
69Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER HIGH TEMPERATURE RELAY
HF32FA-T HONGFA-HF32FA-T Datasheet
66Kb / 3P
   SUBMINIATURE INTERMEDIATE HIGH TEMPERATURE POWER RELAY
HF32FA-T/003-HL1GXXX HONGFA-HF32FA-T/003-HL1GXXX Datasheet
69Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER HIGH TEMPERATURE RELAY
HF32FA-T/003-HL1XXX HONGFA-HF32FA-T/003-HL1XXX Datasheet
69Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER HIGH TEMPERATURE RELAY
HF32FA-T/003-HL2GXXX HONGFA-HF32FA-T/003-HL2GXXX Datasheet
69Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER HIGH TEMPERATURE RELAY
More results

Similar Description - HF32FA-T012-HNILL1NIL

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HF8 HONGFA-HF8 Datasheet
58Kb / 3P
   SUBMINIATURE INTERMEDIATE HIGH TEMPERATURE POWER RELAY
HF32FA-T HONGFA-HF32FA-T Datasheet
69Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER HIGH TEMPERATURE RELAY
HF32FA-T HONGFA-HF32FA-T Datasheet
66Kb / 3P
   SUBMINIATURE INTERMEDIATE HIGH TEMPERATURE POWER RELAY
HF32FV HONGFA-HF32FV_17 Datasheet
64Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF46F HONGFA-HF46F_15 Datasheet
81Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF42F HONGFA-HF42F Datasheet
56Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF33F HONGFA-HF33F Datasheet
62Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF36F HONGFA-HF36F Datasheet
62Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF38F HONGFA-HF38F Datasheet
62Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HFE51 HONGFA-HFE51 Datasheet
1Mb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com