Electronic Components Datasheet Search |
|
SLR-332YY Datasheet(PDF) 1 Page - Rohm |
|
SLR-332YY Datasheet(HTML) 1 Page - Rohm |
1 / 4 page Data Sheet (2.5) □0.4 Cathode φ3.2 φ4.0 2.5 or 5.0 2.0 1.0 ±0.1 Tolerance : ±0.2 (unit : mm) (unit : mm) RELATIVE INTENSITY (%) 10° 10° 20° 20° 40° 50° 70° 80° 40° 50° 70° 80° 0 50 100 50 100 0° 30° 60° 90° 30° 60° 90° SCANNING ANGLE (deg) Viewing angle 2θ 1/2 / 85 : Standard *:Duty1/5, 200Hz Part No. Chip Structure Emitting Color Absolute Maximum Ratings (Ta=25℃) Electrical and Optical Characteristics (Ta=25℃) Power Dissipation PD(mW) Forward Current IF(mA) Peak Forward Current IFP(mA) Reverse Voltage VR(V) Operating Temperature Topr(℃) Storage Temperature Tstg(℃) Forward Voltage VF Reverse Current IR Dominant Wavelength Luminous Intensity IV Typ.(V) IF(mA) Max. (μA) V R (V) λD Typ.(nm) IF(mA) Min. (mcd) Typ. (mcd) I F (mA) ■ SLR-332VC GaAsP on GaP Red 60 20 60※ 3 -25 to +85 -30 to +100 2.0 10 10 3 630 10 3.6 10 10 ■ SLR-332DC Orange 605 5.6 16 ■ SLR-332YC Yellow 2.1 587 3.6 10 ■ SLR-332MC GaP Yellowish Green 75 25 572 5.6 16 ■ SLR-332VR GaAsP on GaP Red 60 20 2.0 630 3.6 10 ■ SLR-332DU Orange 605 ■ SLR-332YY Yellow 2.1 587 2.2 6.3 ■ SLR-332MG GaP Yellowish Green 75 25 572 5.6 16 Directivity (deg) RELATIVE INTENSITY (%) Diffused Clear Specifications Dimensions Recommended Solder Pattern Viewing Angle 1/3 © 2010 ROHM Co., Ltd. All rights reserved. www.rohm.com 2010.12 - Rev.A Features ・Viewing angle 2θ 1/2 : 85° Color Type V D Y M SLR-332 Series |
Similar Part No. - SLR-332YY |
|
Similar Description - SLR-332YY |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |