Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMP706TEPA Datasheet(PDF) 5 Page - IMP, Inc

Part # IMP706TEPA
Description  3/3.3/4.0V 關P SUPERVISOR CIRCUITS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMP [IMP, Inc]
Direct Link  http://www.ds-imp.com.cn/index.asp
Logo IMP - IMP, Inc

IMP706TEPA Datasheet(HTML) 5 Page - IMP, Inc

  IMP706TEPA Datasheet HTML 1Page - IMP, Inc IMP706TEPA Datasheet HTML 2Page - IMP, Inc IMP706TEPA Datasheet HTML 3Page - IMP, Inc IMP706TEPA Datasheet HTML 4Page - IMP, Inc IMP706TEPA Datasheet HTML 5Page - IMP, Inc IMP706TEPA Datasheet HTML 6Page - IMP, Inc IMP706TEPA Datasheet HTML 7Page - IMP, Inc IMP706TEPA Datasheet HTML 8Page - IMP, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Pin Number
IMP706P
IMP706R/S/T/J IMP708R/S/T/J
DIP/SO MicroSO DIP/SO MicroSO DIP/SO MicroSO Name
Function
Manual reset input. The active LOW input triggers
a reset pulse. It is pulled HIGH by a 20k
Ω pull-up
1
3
1
3
1
3
MR
resistor. It is compatible with TTL/CMOS signals
when VCC = 5V. It can be shorted to ground
through a mechanical switch. Leave floating or
connect to VCC if the function is not used.
2
424
2
4
VCC
Monitored power supply input.
3
5
3
5
3
5
GND
Ground
Power-fail input voltage monitor. With PFI less than
4
6
4
6
4
6
PFI
1.25V, PFO goes LOW. Connect PFI to ground
when not used.
Power-fail output. The output is active LOW and
5
7
5
7
5
7
PFO
sinks current when PFI is less than 1.25V. If not
used, leave the pin unconnected.
Watchdog input. WDI controls the internal watchdog
timer. A HIGH or LOW signal for 1.6 sec at WDI
allows the internal timer to run-out, setting WDO low.
6
868
——
WDI
A rising or falling edge must occur at WDI within
1.6 seconds or WDO goes LOW. The watchdog
function is disabled by floating WDI. The internal
watchdog timer clears when: RESET is asserted;
WDI is three-stated; or WDI sees a rising or falling edge.
———
6
8
NC
Not connected.
Active-LOW reset output. Pulses LOW for 200ms
when triggered, and stays LOW whenever VCC is
——
7
1
7
1
RESET
below the reset threshold. RESET remains LOW for
200ms after VCC rises above the RESET threshold
or MR goes from HIGH to LOW. A watchdog timeout
will not trigger RESET unless WDO is connected to MR.
Watchdog output. WDO goes LOW when the 1.6
second internal watchdog timer times-out and does
not go HIGH until a transition occurs at WDI. In
8
282
——
WDO
addition, when VCC falls below the reset threshold,
WDO goes LOW. Unlike RESET, WDO does not have
a minimum pulse width and as soon as VCC exceeds
the reset threshold, WDO becomes HIGH with no delay.
71
——
8
2
RESET
Active-HIGH reset output. RESET is the inverse of
RESET.
IMP706P/R/S/T/J, IMP708R/S/T/J
IMP706P/R/S/T/J, IMP708R/S/T/J
Pin Descriptions
Feature Summary
©
1999 IMP, Inc.
408-432-9100/www.impweb.com
5
IMP706P IMP706R IMP706S IMP706T IMP706J IMP708R IMP708S IMP708T IMP708J
Power-fail detector
III
I
I
I
I
I
I
Brownout detection
III
I
I
I
I
I
I
Debounced manual RESET input
III
I
I
I
I
I
I
Power-up/down RESET
III
I
I
I
I
I
I
Watchdog timer
III
I
I
Active-HIGH RESET
I
Active-LOW RESET
II
I
I
Active-LOW and HIGH RESETs
II
I
I
RESET threshold
2.63V
2.63V
2.93V
3.08V
4.00V
2.63V
2.93V
3.08V
4.00V


Similar Part No. - IMP706TEPA

ManufacturerPart #DatasheetDescription
logo
A1 PROs co., Ltd.
IMP706TEPA A1PROS-IMP706TEPA Datasheet
278Kb / 9P
   3/3..3/4..0V μP Supervisorr Circuits
1999
More results

Similar Description - IMP706TEPA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PT7M7803 DIODES-PT7M7803 Datasheet
1Mb / 15P
   關P Supervisor Circuits
5/10/2017
logo
IMP, Inc
IMP705 IMP-IMP705 Datasheet
167Kb / 9P
   LOW-POWER 關P SUPERVISOR CIRCUITS
logo
PulseCore Semiconductor
PCS809 PULSECORE-PCS809 Datasheet
521Kb / 8P
   3-Pin 關P Voltage Supervisor
ASM705 PULSECORE-ASM705 Datasheet
285Kb / 15P
   Low Power 關P Supervisor Circuits
logo
Alliance Semiconductor ...
ASM706 ALSC-ASM706 Datasheet
274Kb / 16P
   3/3.3/4.0 V uP Supervisor Circuits
logo
Fairchild Semiconductor
FM809 FAIRCHILD-FM809 Datasheet
54Kb / 8P
   3-Pin 關C Supervisor Circuits
logo
Protek Devices
PA4101 PROTEC-PA4101 Datasheet
1Mb / 7P
   PUNK with 關P Supervisor
logo
ON Semiconductor
ASM705 ONSEMI-ASM705 Datasheet
180Kb / 13P
   Low Power P Supervisor Circuits
August, 2011 ??Rev. 3
logo
Fairchild Semiconductor
FM1233E FAIRCHILD-FM1233E Datasheet
31Kb / 7P
   3-Pin 關C Supervisor Circuit
FM1233D FAIRCHILD-FM1233D Datasheet
31Kb / 7P
   3-Pin 關C Supervisor Circuit
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com