Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1206R33M Datasheet(PDF) 2 Page - Frontier Electronics.

Part # 1206R33M
Description  RF COATED CHOKES (AXIAL LEADS)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

1206R33M Datasheet(HTML) 2 Page - Frontier Electronics.

  1206R33M Datasheet HTML 1Page - Frontier Electronics. 1206R33M Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1206 Series –RF COATED CHOKES (AXIAL LEADS) Rev. A
B. Dimensions: mm (Inch)
Series
a
b
c
d
1206
10.41
(0.410)
64.0
(2.52)
0.635
(0.025)
4.44
(0.175)
Tol.
Max
±2.0
(0.079)
0.05
(0.002)
Max
C. General Information:
1.
Coil Form Material: Ferrite
2.
Inductance Tolerance: M:
±20%, K: ±10%, J:±5%.
3.
Other information:
Spec. / Series
1206-Series
Operating Temperature:
- 20
°Χ to + 80°Χ
Temp. Rise:
20
°Χ
Ambient Temperature:
90
°Χ Max.
Terminal Strength:
3 lb.
Marking:
Color Code
in accordance with EIA
Moisture & Heat Resist.:
∆ L/L < +5% ∆ Q/Q < +10%
Dielectric Strength:
1KV rms.
Test Equipment:
L & Q = HP4342A at specified frequency
DCR = Milli-Ohm meter, SRF = HP4191A
4.
Color Code for RF Coated Chokes:
Color
Black
Brown
Red
Orange Yellow Green
Blue
Violet
Gray
White Gold Silver None
Digit
0
1
2
3
4
5
6
7
8
9
- -
- -
- -
Multiplier
1
10
100
1000
10,000
- -
- -
- -
- -
- -
0.1
0.01
- -
Tolerance
- -
- -
- -
3%
- -
- -
- -
- -
- -
- -
5%
10%
20%
Color Code
Example foe color code on Molded Inductor:
Inductance
(µH)
1st Band 2nd Band 3rd Band 4th Band
0.68 + 10%
Blue
Gray
Silver
Silver
6.8 + 10%
Blue
Gray
Gold
Silver
68 + 10%
Blue
Gray
Black
Silver
Frontier Electronics Corp.
®
Page 2 of 2
667 E. Cochran St., Simi Valley, CA 93065
http://www.frontierusa.com
Phone: 1-805-522-9998, Fax: 1-805-522-9989


Similar Part No. - 1206R33M

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
1206R33M FRONTIER-1206R33M Datasheet
124Kb / 2P
   RF Coated Chokes (Axial Leads)
1206R33M-LFR FRONTIER-1206R33M-LFR Datasheet
124Kb / 2P
   RF Coated Chokes (Axial Leads)
More results

Similar Description - 1206R33M

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
1201 FRONTIER-1201 Datasheet
144Kb / 2P
   RF Coated Chokes (Axial Leads)
1205 FRONTIER-1205 Datasheet
124Kb / 2P
   RF Coated Chokes (Axial Leads)
1206 FRONTIER-1206 Datasheet
124Kb / 2P
   RF Coated Chokes (Axial Leads)
1202 FRONTIER-1202 Datasheet
125Kb / 2P
   RF Coated Chokes (Axial Leads)
1211 FRONTIER-1211 Datasheet
130Kb / 2P
   RF Coated Chokes (Axial Leads)
1205 FRONTIER-1205_15 Datasheet
126Kb / 2P
   RF COATED CHOKES (AXIAL LEADS)
1210 FRONTIER-1210 Datasheet
133Kb / 2P
   RF Coated Chokes (Axial Leads)
11407 FRONTIER-11407 Datasheet
113Kb / 2P
   High Current RF Varnished Chokes (Axial Leads)
114073R9_-LFR FRONTIER-114073R9_-LFR Datasheet
46Kb / 2P
   High Current RF Varnished Chokes (Axial Leads)
11411 FRONTIER-11411 Datasheet
113Kb / 2P
   High Current RF Varnished Chokes (Axial Leads)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com