Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDPC8012S Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FDPC8012S
Description  PowerTrench Power Clip 25V Asymmetric Dual N-Channel MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDPC8012S Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button FDPC8012S Datasheet HTML 3Page - Fairchild Semiconductor FDPC8012S Datasheet HTML 4Page - Fairchild Semiconductor FDPC8012S Datasheet HTML 5Page - Fairchild Semiconductor FDPC8012S Datasheet HTML 6Page - Fairchild Semiconductor FDPC8012S Datasheet HTML 7Page - Fairchild Semiconductor FDPC8012S Datasheet HTML 8Page - Fairchild Semiconductor FDPC8012S Datasheet HTML 9Page - Fairchild Semiconductor FDPC8012S Datasheet HTML 10Page - Fairchild Semiconductor FDPC8012S Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
©2012 Fairchild Semiconductor Corporation
7
www.fairchildsemi.com
FDPC8012S Rev.C1
Typical Characteristics (Q2 N-Channel) T
J = 25 °C unless otherwise noted
Figure 14. On-Region Characteristics
Figure 15. Normalized on-Resistance vs Drain
Current and Gate Voltage
Figure 16. Normalized On-Resistance
vs Junction Temperature
Figure 17. On-Resistance vs Gate to
Source Voltage
Figure 18. Transfer Characteristics
Figure 19. Source to Drain Diode
Forward Voltage vs Source Current
0.0
0.2
0.4
0.6
0.8
0
30
60
90
120
V
GS = 4 V
VGS = 3.5 V
VGS = 4.5 V
PULSE DURATION = 80 μs
DUTY CYCLE = 0.5% MAX
V
GS = 3 V
VGS = 10 V
V
DS, DRAIN TO SOURCE VOLTAGE (V)
030
60
90
120
0
1
2
3
4
5
V
GS = 3.5 V
PULSE DURATION = 80 μs
DUTY CYCLE = 0.5% MAX
ID, DRAIN CURRENT (A)
VGS = 4 V
VGS = 4.5 V
VGS = 3 V
VGS = 10 V
-75
-50
-25
0
25
50
75
100
125
150
0.6
0.8
1.0
1.2
1.4
1.6
ID = 26 A
VGS = 10 V
TJ, JUNCTION TEMPERATURE (
oC)
23
456789
10
0
2
4
6
8
TJ = 125 oC
ID = 26 A
TJ = 25 oC
VGS, GATE TO SOURCE VOLTAGE (V)
PULSE DURATION = 80 μs
DUTY CYCLE = 0.5% MAX
1.01.5
2.02.5
3.03.5
0
20
40
60
80
100
120
TJ = 125 oC
VDS = 5 V
PULSE DURATION = 80 μs
DUTY CYCLE = 0.5% MAX
TJ = -55 oC
TJ = 25 oC
VGS, GATE TO SOURCE VOLTAGE (V)
0.0
0.2
0.4
0.6
0.8
1.0
0.001
0.01
0.1
1
10
100
200
TJ = -55 oC
TJ = 25 oC
TJ = 125 oC
VGS = 0 V
VSD, BODY DIODE FORWARD VOLTAGE (V)


Similar Part No. - FDPC8012S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDPC8011S FAIRCHILD-FDPC8011S Datasheet
3Mb / 12P
   New Products, Tips and Tools for Power and Mobile Applications
FDPC8013S FAIRCHILD-FDPC8013S Datasheet
509Kb / 12P
   PowerTrench짰 Power Clip 30 V Asymmetric Dual N-Channel MOSFET
logo
ON Semiconductor
FDPC8014AS ONSEMI-FDPC8014AS Datasheet
555Kb / 12P
   MOSFET ??Dual, N-Channel, POWERTRENCH, Power Clip, Asymmetric 25 V
December, 2020 - Rev. 2
logo
Fairchild Semiconductor
FDPC8014S FAIRCHILD-FDPC8014S Datasheet
437Kb / 13P
   PowerTrench Power Clip
logo
ON Semiconductor
FDPC8016S ONSEMI-FDPC8016S Datasheet
353Kb / 12P
   MOSFET - Dual N?륝hannel, Asymmetric, POWERTRENCH Power Clip 25 V
November, 2019 - Rev. 6
More results

Similar Description - FDPC8012S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMS3626S FAIRCHILD-FDMS3626S Datasheet
394Kb / 12P
   PowerTrench Power Stage 25V Asymmetric Dual N-Channel MOSFET
logo
ON Semiconductor
FDPC8014AS ONSEMI-FDPC8014AS Datasheet
555Kb / 12P
   MOSFET ??Dual, N-Channel, POWERTRENCH, Power Clip, Asymmetric 25 V
December, 2020 - Rev. 2
FDPC5030SG ONSEMI-FDPC5030SG Datasheet
485Kb / 13P
   MOSFET - Dual N-Channel, Asymmetric, POWERTRENCH Power Clip 30 V
May, 2021 - Rev. 6
logo
Fairchild Semiconductor
FDPC5018SG FAIRCHILD-FDPC5018SG Datasheet
341Kb / 12P
   PowerTrench® Power Clip 30V Asymmetric Dual N-Channel MOSFET
Rev.1.1 September 2015
logo
ON Semiconductor
NTMFD1D1N02X ONSEMI-NTMFD1D1N02X Datasheet
386Kb / 11P
   MOSFET - Power, Dual, N-Channel, Power Clip, POWERTRENCH, Asymmetric 25 V
July, 2022 - Rev. 0
NTTFD1D8N02P1E ONSEMI-NTTFD1D8N02P1E Datasheet
483Kb / 11P
   MOSFET - Power, N-Channel PowerTrench Power Clip 25 V Asymmetric Dual
February, 2020 ??Rev. 1
logo
Alpha & Omega Semicondu...
AON6918 AOSMD-AON6918 Datasheet
400Kb / 10P
   25V Dual Asymmetric N-Channel MOSFET
AON6922 AOSMD-AON6922 Datasheet
393Kb / 10P
   25V Dual Asymmetric N-Channel MOSFET
logo
Fairchild Semiconductor
FDMS3615S FAIRCHILD-FDMS3615S Datasheet
525Kb / 16P
   25V Asymmetric Dual N-Channel MOSFET
logo
ON Semiconductor
FDPC8016S ONSEMI-FDPC8016S Datasheet
353Kb / 12P
   MOSFET - Dual N?륝hannel, Asymmetric, POWERTRENCH Power Clip 25 V
November, 2019 - Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com