Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1205560K Datasheet(PDF) 1 Page - Frontier Electronics.

Part # 1205560K
Description  RF COATED CHOKES (AXIAL LEADS)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

1205560K Datasheet(HTML) 1 Page - Frontier Electronics.

  1205560K Datasheet HTML 1Page - Frontier Electronics. 1205560K Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1205 Series –RF COATED CHOKES (AXIAL LEADS) Rev. A
A. Electrical Specifications:
Part Number
Inductance(µH)
Q Min.
Test Freq.
(MHz)
SRF Min.
(MHz)
DCR (OHM)
Max.
Rated Current (mA)
Max.
1205R10M
0.10
35
25
380
0.075
1150
1205R12M
0.12
35
25
380
0.075
1150
1205R15M
0.15
35
25
380
0.075
1150
1205R18M
0.18
35
25
380
0.075
1150
1205R22M
0.22
35
25
380
0.075
1150
1205R27M
0.27
35
25
360
0.08
1110
1205R33M
0.33
35
25
350
0.08
1110
1205R39M
0.39
35
25
320
0.09
1000
1205R47M
0.47
40
25
300
0.10
1000
1205R56M
0.56
40
25
280
0.11
950
1205R68M
0.68
40
25
250
0.12
900
1205R82M
0.82
40
25
200
0.12
900
12051R0K
1.0
50
25
180
0.15
815
12051R2K
1.2
50
7.9
165
0.18
740
12051R5K
1.5
50
7.9
150
0.20
700
12051R8K
1.8
50
7.9
125
0.23
655
12052R2K
2.2
50
7.9
110
0.25
630
12052R7K
2.7
50
7.9
95
0.28
595
12053R3K
3.3
50
7.9
70
0.30
575
12053R9K
3.9
50
7.9
65
0.32
555
12054R7K
4.7
50
7.9
50
0.35
530
12055R6K
5.6
50
7.9
40
0.40
500
12056R8K
6.8
50
7.9
30
0.45
470
12058R2K
8.2
50
7.9
28
0.55
425
1205100K
10
50
7.9
22
0.72
370
1205120K
12
50
2.5
20
0.80
350
1205150K
15
50
2.5
16
0.88
335
1205180K
18
50
2.5
15
1.0
315
1205220K
22
50
2.5
13
1.2
285
1205270K
27
50
2.5
11
1.35
270
1205330K
33
50
2.5
10
1.5
255
1205390K
39
50
2.5
9.5
1.7
240
1205470K
47
50
2.5
8.5
2.3
205
1205560K
56
50
2.5
7.5
2.6
195
1205680K
68
50
2.5
6.5
2.9
185
1205820K
82
50
2.5
6.0
3.2
175
1205101K
100
50
2.5
5.5
3.5
165
1205121K
120
50
0.79
5.4
3.8
160
1205151K
150
50
0.79
4.75
4.4
150
1205181K
180
50
0.79
4.35
5.0
140
1205221K
220
50
0.79
4.0
5.7
130
1205271K
270
50
0.79
3.7
6.5
120
1205331K
330
50
0.79
3.4
9.5
100
1205391K
390
50
0.79
2.8
10.5
95
1205471K
470
50
0.79
2.55
11.6
90
1205561K
560
50
0.79
2.35
13
85
1205681K
680
50
0.79
2.0
18
75
1205821K
820
50
0.79
1.5
23
65
1205102K
1000
50
0.79
1.2
26
60
Note: 1. Inductance (Current) ranges: 0.10uH (1.15A) - 1000uH (60mA)
2. DCR: from 0.075 - 26.0 Ohms.
3. Body Size: 7.37 x 2.79 mm
Frontier Electronics Corp.
®
Page 1 of 2
667 E. Cochran St., Simi Valley, CA 93065
http://www.frontierusa.com
Phone: 1-805-522-9998, Fax: 1-805-522-9989


Similar Part No. - 1205560K

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
1205560K FRONTIER-1205560K Datasheet
124Kb / 2P
   RF Coated Chokes (Axial Leads)
1205560K-LFR FRONTIER-1205560K-LFR Datasheet
124Kb / 2P
   RF Coated Chokes (Axial Leads)
More results

Similar Description - 1205560K

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
1201 FRONTIER-1201 Datasheet
144Kb / 2P
   RF Coated Chokes (Axial Leads)
1205 FRONTIER-1205 Datasheet
124Kb / 2P
   RF Coated Chokes (Axial Leads)
1206 FRONTIER-1206 Datasheet
124Kb / 2P
   RF Coated Chokes (Axial Leads)
1202 FRONTIER-1202 Datasheet
125Kb / 2P
   RF Coated Chokes (Axial Leads)
1211 FRONTIER-1211 Datasheet
130Kb / 2P
   RF Coated Chokes (Axial Leads)
1206 FRONTIER-1206_15 Datasheet
126Kb / 2P
   RF COATED CHOKES (AXIAL LEADS)
1210 FRONTIER-1210 Datasheet
133Kb / 2P
   RF Coated Chokes (Axial Leads)
11407 FRONTIER-11407 Datasheet
113Kb / 2P
   High Current RF Varnished Chokes (Axial Leads)
114073R9_-LFR FRONTIER-114073R9_-LFR Datasheet
46Kb / 2P
   High Current RF Varnished Chokes (Axial Leads)
11411 FRONTIER-11411 Datasheet
113Kb / 2P
   High Current RF Varnished Chokes (Axial Leads)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com