Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMP707 Datasheet(PDF) 5 Page - IMP, Inc

Part # IMP707
Description  LOW-POWER 關P SUPERVISOR CIRCUITS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMP [IMP, Inc]
Direct Link  http://www.ds-imp.com.cn/index.asp
Logo IMP - IMP, Inc

IMP707 Datasheet(HTML) 5 Page - IMP, Inc

  IMP707 Datasheet HTML 1Page - IMP, Inc IMP707 Datasheet HTML 2Page - IMP, Inc IMP707 Datasheet HTML 3Page - IMP, Inc IMP707 Datasheet HTML 4Page - IMP, Inc IMP707 Datasheet HTML 5Page - IMP, Inc IMP707 Datasheet HTML 6Page - IMP, Inc IMP707 Datasheet HTML 7Page - IMP, Inc IMP707 Datasheet HTML 8Page - IMP, Inc IMP707 Datasheet HTML 9Page - IMP, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
©
1999 IMP, Inc.
408-432-9100/www.impweb.com
5
IMP705/6/7/8, 8
IMP705/6/7/8, 8113L
3L
Detail Descriptions
RESET/RESET Operation
The RESET/RESET signals are designed to start a
µP/µC in a
known state or return the system to a known state.
The IMP707/708 have two RESET outputs, one active-HIGH
RESET and one active-LOW RESET output. The IMP813L has
only an active-HIGH output. RESET is simply the complement
of RESET.
RESET is guaranteed to be LOW with VCC above 1.2V. During a
power-up sequence, RESET remains low until the supply rises
above the threshold level, either 4.65V, 4.40V or 4.00V.. RESET goes
high approximately 200ms after crossing the threshold.
During power-down, RESET goes LOW as VCC falls below the
threshold level and is guaranteed to be under 0.4V with VCC
above 1.2V.
In a brownout situation where VCC falls below the threshold
level, RESET pulses low. If a brownout occurs during an already-
initiated reset, the pulse will continue for a minimum of 140ms.
Auxiliary Comparator
All devices have an auxiliary comparator with 1.25V trip point
and uncommitted output (PFO) and noninverting input (PFI).
This comparator can be used as a supply voltage monitor with an
external resistor voltage divider. The attenuated voltage at PFI
should be set just below the 1.25 threshold. As the supply level
falls, PFI is reduced causing the PFO output to transit LOW.
Normally PFO interrupts the processor so the system can be shut
down in a controlled manner.
5V
0V
5V
t
WD
t
RS
t
WP
t
WD
t
WD
0V
5V
0V
5V
0V
RESET triggered by MR
WDI
WDO
RESET
IMP813L
(RESET)
705_05.eps
Figure 1. WDI Three-state operation
Figure 2. Watchdog Timing
5V
0V
5V
0V
5V
0V
5V
0V
VCC
v
RT
WDO
RESET
MR
t
MD
t
RS
t
RS
t
MR
MR extermally
set low
705_04.eps
Manual Reset (MR)
The active-LOW manual reset input is pulled high by a 250
µA
pull-up current and can be driven low by CMOS/TTL logic or a
mechanical switch to ground. An external debounce circuit is
unnecessary since the 140ms minimum reset time will debounce
mechanical pushbutton switches.
By connecting the watchdog output (WDO) and MR, a watchdog
timeout forces RESET to be generated. The IMP813L should be
used when an active-HIGH RESET is required.
Watchdog Timer
The watchdog timer available on the IMP705/706/813L monitors
µP/µC activity. If activity is not detected within 1.6 seconds, the
internal timer puts the watchdog output, WDO, into a LOW
state. WDO will remain LOW until activity is detected at WDI.
The watchdog function is disabled, meaning it is cleared and not
counting, if WDI is floated or connected to a three-stated circuit.
The watchdog timer is also disabled if RESET is asserted. When
RESET becomes inactive and the WDI input sees a high or low
transition as short as 50ns, the watchdog timer will begin a 1.6
second countdown. Additional transitions at WDI will reset the
watchdog timer and initiate a new countdown sequence.
WDO will also become LOW and remain so, whenever the
supply voltage, VCC , falls below the device threshold level. WDO
goes HIGH as soon as VCC transitions above the threshold. There
is no minimum pulse width for WDO as there is for the RESET
outputs. If WDI is floated, WDO essentially acts as a low-power
output indicator.


Similar Part No. - IMP707

ManufacturerPart #DatasheetDescription
logo
IMP, Inc
IMP706JCPA IMP-IMP706JCPA Datasheet
229Kb / 8P
   3/3.3/4.0V 關P SUPERVISOR CIRCUITS
logo
A1 PROs co., Ltd.
IMP706JCPA A1PROS-IMP706JCPA Datasheet
278Kb / 9P
   3/3..3/4..0V μP Supervisorr Circuits
1999
logo
IMP, Inc
IMP706JCSA IMP-IMP706JCSA Datasheet
229Kb / 8P
   3/3.3/4.0V 關P SUPERVISOR CIRCUITS
logo
A1 PROs co., Ltd.
IMP706JCSA A1PROS-IMP706JCSA Datasheet
278Kb / 9P
   3/3..3/4..0V μP Supervisorr Circuits
1999
logo
IMP, Inc
IMP706JCUA IMP-IMP706JCUA Datasheet
229Kb / 8P
   3/3.3/4.0V 關P SUPERVISOR CIRCUITS
More results

Similar Description - IMP707

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
ASM705 PULSECORE-ASM705 Datasheet
285Kb / 15P
   Low Power 關P Supervisor Circuits
logo
Diodes Incorporated
PT7M7803 DIODES-PT7M7803 Datasheet
1Mb / 15P
   關P Supervisor Circuits
5/10/2017
logo
ON Semiconductor
ASM705 ONSEMI-ASM705 Datasheet
180Kb / 13P
   Low Power P Supervisor Circuits
August, 2011 ??Rev. 3
logo
IMP, Inc
IMP706P IMP-IMP706P Datasheet
229Kb / 8P
   3/3.3/4.0V 關P SUPERVISOR CIRCUITS
logo
Protek Devices
PA4101 PROTEC-PA4101 Datasheet
1Mb / 7P
   PUNK with 關P Supervisor
logo
Alliance Semiconductor ...
ASM705 ALSC-ASM705 Datasheet
190Kb / 15P
   Low Power UP Supervisor Circuits
AS705 ALSC-AS705 Datasheet
198Kb / 16P
   Low Power uP Supervisor Circuits
logo
PulseCore Semiconductor
PCS809 PULSECORE-PCS809 Datasheet
521Kb / 8P
   3-Pin 關P Voltage Supervisor
logo
IMP, Inc
IMP690A IMP-IMP690A Datasheet
225Kb / 10P
   關P POWER SUPPLY SUPERVISOR WITH BATTERY BACKUP SWITCH
logo
PulseCore Semiconductor
ASM690A PULSECORE-ASM690A Datasheet
348Kb / 15P
   關P Power Supply Supervisor With Battery Backup Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com