Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD1849 Datasheet(PDF) 5 Page - Analog Devices

Part # AD1849
Description  Serial-Port 16-Bit SoundPort Stereo Codec
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1849 Datasheet(HTML) 5 Page - Analog Devices

  AD1849_15 Datasheet HTML 1Page - Analog Devices AD1849_15 Datasheet HTML 2Page - Analog Devices AD1849_15 Datasheet HTML 3Page - Analog Devices AD1849_15 Datasheet HTML 4Page - Analog Devices AD1849_15 Datasheet HTML 5Page - Analog Devices AD1849_15 Datasheet HTML 6Page - Analog Devices AD1849_15 Datasheet HTML 7Page - Analog Devices AD1849_15 Datasheet HTML 8Page - Analog Devices AD1849_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
DIGITAL TIMING PARAMETERS (Guaranteed over 4.75 V to 5.25 V, 0 C to 70 C)
Min
Typ
Max
Unit
SCLK Period (tCLK)
Slave Mode, MS = 0
80
ns
Master Mode, MS = 1
*
1/(FS
× Bits per Frame)
s
SCLK HI (tHI)*
Slave Mode, MS = 0
25
ns
SCLK LO (tLO)*
Slave Mode, MS = 0
25
ns
CLKIN Frequency
13.5
MHz
CLKIN HI
30
ns
CLKIN LO
30
ns
Crystals Frequency
27
MHz
Input Setup Time (tS)15
ns
Input Hold Time (tIH)10
ns
Output Delay (tD)
25
ns
Output Hold Time (tOH)0
ns
Output Hi-Z to Valid (tZV)15
ns
Output Valid to Hi-Z (tVZ)
20
ns
Power Up
RESET LO Time
50
ms
Operating
RESET LO Time
100
ns
POWER SUPPLY
Min
Typ
Max
Unit
Power Supply Voltage Range
*
4.75
5.25
V
–Digital and Analog
Power Supply Current—Operating
100
130
mA
(50% IVDD, 50% IVCC, Unloaded Outputs)
Power Supply Current—Power Down
20
200
µA
Power Supply Rejection (@ 1 kHz)
*
40
dB
(At Both Analog and Digital
Supply Pins, Both ADCs and DACs)
CLOCK SPECIFICATIONS
*
Min
Max
Unit
Input Clock Frequency, Crystals
27
MHz
Clock Duty Cycle Tolerance
±10
%
Sample Rate (FS)
5.5125
50
kHz
*Guaranteed, not tested.
Specifications subject to change without notice.
AD1849K
REV. A
–5–


Similar Part No. - AD1849_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1849K AD-AD1849K Datasheet
293Kb / 28P
   Serial-Port 16-Bit SoundPort Stereo Codec
REV. 0
AD1849K AD-AD1849K Datasheet
662Kb / 28P
   Serial-Port 16-Bit SoundPort짰 Stereo Codec
REV. A
AD1849KP AD-AD1849KP Datasheet
293Kb / 28P
   Serial-Port 16-Bit SoundPort Stereo Codec
REV. 0
AD1849KPZ AD-AD1849KPZ Datasheet
662Kb / 28P
   Serial-Port 16-Bit SoundPort짰 Stereo Codec
REV. A
More results

Similar Description - AD1849_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1849K AD-AD1849K Datasheet
293Kb / 28P
   Serial-Port 16-Bit SoundPort Stereo Codec
REV. 0
AD1847 AD-AD1847 Datasheet
311Kb / 28P
   Serial-Port 16-Bit SoundPort Stereo Codec
REV. B
AD1847 AD-AD1847_15 Datasheet
241Kb / 28P
   Serial-Port 16-Bit SoundPort Stereo Codec
REV. B
AD1845 AD-AD1845_15 Datasheet
1Mb / 40P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. C
AD1848K AD-AD1848K_15 Datasheet
242Kb / 28P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. 0
AD1845 AD-AD1845 Datasheet
333Kb / 40P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. C
AD1848K AD-AD1848K Datasheet
320Kb / 28P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. 0
AD1845JSTZ AD-AD1845JSTZ Datasheet
676Kb / 40P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. C
AD1846 AD-AD1846 Datasheet
277Kb / 28P
   Low Cost Parallel-Port 16-Bit SoundPort Stereo Codec
REV. A
AD1846 AD-AD1846_15 Datasheet
249Kb / 28P
   Low Cost Parallel-Port 16-Bit SoundPort Stereo Codec
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com