Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD1858 Datasheet(PDF) 8 Page - Analog Devices

Part # AD1858
Description  Stereo, Single Supply 16-, 18- and 20-Bit Sigma-Delta DACs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1858 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD1858_15 Datasheet HTML 4Page - Analog Devices AD1858_15 Datasheet HTML 5Page - Analog Devices AD1858_15 Datasheet HTML 6Page - Analog Devices AD1858_15 Datasheet HTML 7Page - Analog Devices AD1858_15 Datasheet HTML 8Page - Analog Devices AD1858_15 Datasheet HTML 9Page - Analog Devices AD1858_15 Datasheet HTML 10Page - Analog Devices AD1858_15 Datasheet HTML 11Page - Analog Devices AD1858_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AD1857/AD1858
REV. 0
–8–
Typical Performance Characteristics (continued)
kHz
–70
0
2.5
20.0
RIGHT CHANNEL
5.0
7.5
10.0
12.5
15.0
17.5
–40
–45
–55
–65
–50
–60
–80
–75
–40
–44
–48
–52
–56
–60
–64
–68
–72
–76
–80
LEFT CHANNEL
Figure 5. Power Supply Rejection to 300 mV p-p on AVDD
kHz
0
–100
0
2.5
20.0
5.0
7.5
10.0
12.5
15.0
17.5
–10
–40
–50
–70
–90
–20
–30
–60
–80
–120
–130
–140
–110
Figure 6. Channel Separation vs. Frequency at –0.5 dBFS
0.0
3.5
0.5
1.0
1.5
2.0
2.5
3.0
0
–10
–90
–50
–60
–70
–80
–30
–40
–20
–100
–110
–120
–130
–140
–150
–160
FS
Figure 7. Digital Filter Signal Transfer Function to 3.5
FS


Similar Part No. - AD1858_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1858JRS AD-AD1858JRS Datasheet
263Kb / 16P
   Stereo, Single Supply 16-, 18- and 20-Bit Sigma-Delta DACs
REV. 0
AD1858JRS AD-AD1858JRS Datasheet
177Kb / 16P
   Stereo, Single Supply 16-, 18- and 20-Bit Sigma-Delta DACs
REV. 0
AD1858JRSRL AD-AD1858JRSRL Datasheet
263Kb / 16P
   Stereo, Single Supply 16-, 18- and 20-Bit Sigma-Delta DACs
REV. 0
AD1858JRSRL AD-AD1858JRSRL Datasheet
177Kb / 16P
   Stereo, Single Supply 16-, 18- and 20-Bit Sigma-Delta DACs
REV. 0
More results

Similar Description - AD1858_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1857 AD-AD1857 Datasheet
263Kb / 16P
   Stereo, Single Supply 16-, 18- and 20-Bit Sigma-Delta DACs
REV. 0
AD1857 AD-AD1857_15 Datasheet
266Kb / 16P
   Stereo, Single Supply 16-, 18- and 20-Bit Sigma-Delta DACs
REV. 0
AD1857JRSZ AD-AD1857JRSZ Datasheet
177Kb / 16P
   Stereo, Single Supply 16-, 18- and 20-Bit Sigma-Delta DACs
REV. 0
logo
STMicroelectronics
TDA7535 STMICROELECTRONICS-TDA7535_06 Datasheet
128Kb / 9P
   DELTA/SIGMA CASCADE 20 BIT STEREO DAC
logo
Texas Instruments
TLC320AD75C TI-TLC320AD75C Datasheet
211Kb / 43P
[Old version datasheet]   20-Bit Sigma-Delta Stereo ADA Circuit
logo
STMicroelectronics
TDA7535 STMICROELECTRONICS-TDA7535 Datasheet
160Kb / 9P
   DELTA/SIGMA CASCADE 20 BIT STEREO DAC
logo
Texas Instruments
TLC320AD75 TI1-TLC320AD75 Datasheet
224Kb / 43P
[Old version datasheet]   20-Bit Sigma-Delta Stereo ADA Circuit
logo
STMicroelectronics
TDA7535013TR STMICROELECTRONICS-TDA7535013TR Datasheet
157Kb / 12P
   Delta/sigma cascade 20 bit stereo DAC
logo
Cirrus Logic
CS5510 CIRRUS-CS5510 Datasheet
406Kb / 24P
   16-bit and 20-bit, 8-pin Sigma-Delta ADC
logo
Motorola, Inc
MC145073 MOTOROLA-MC145073 Datasheet
228Kb / 16P
   Dual 16-Bit Stereo Audio Sigma-Delta ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com