Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD1862 Datasheet(PDF) 9 Page - Analog Devices

Part # AD1862
Description  Ultralow Noise 20-Bit Audio DAC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1862 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD1862_15 Datasheet HTML 4Page - Analog Devices AD1862_15 Datasheet HTML 5Page - Analog Devices AD1862_15 Datasheet HTML 6Page - Analog Devices AD1862_15 Datasheet HTML 7Page - Analog Devices AD1862_15 Datasheet HTML 8Page - Analog Devices AD1862_15 Datasheet HTML 9Page - Analog Devices AD1862_15 Datasheet HTML 10Page - Analog Devices AD1862_15 Datasheet HTML 11Page - Analog Devices AD1862_15 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AD1862
–9–
REV. A
The AD1862 is an extremely high performance DAC designed
for high-end consumer and professional digital audio applica-
tions. Compact disc players, digital preamplifiers, digital musi-
cal instruments and sound processors benefit from the extended
dynamic range, low THD+Noise and high signal-to-noise ratio.
For the first time, the D/A converter is no longer the basic limi-
tation in the performance of a CD player.
The performance of professional audio gear, such as mixing
consoles, digital tape recorders and multivoice synthesizers can
utilize the wide dynamic range and signal-to-noise ratio to
achieve greater performance. And, the AD1862’s space saving
16-pin package contributes to compact system design. This per-
mits a system designer to incorporate more voices in multivoice
synthesizers, more tracks in multitrack tape recorders and more
channels in multichannel mixing consoles.
Furthermore, high-resolution signal processing and waveform
generation applications are equally well served by the AD1862.
HIGH PERFORMANCE CD PLAYER
Figure 13 illustrates the application of AD1862s in a high per-
formance CD player. Two AD1862s are used, one for the left
channel and one for the right channel. The CXD11XX chip de-
codes the digital data coming from the read electronics and
sends it to the SM5813. Input data is sent to each AD1862 by
the SM5813 digital interpolating filter. This device operates at
8 times oversampling. The NE5534 op amps are chosen for
current-to-voltage converters due to their low distortion and low
noise. The output filters are 5-pole designs. For the purpose of
clarity, all bypass capacitors have been omitted from the schematic.
5V DIGITAL
SUPPLY
NE5534
LEFT
CHANNEL
OUTPUT
RIGHT
CHANNEL
OUTPUT
5V DIGITAL
SUPPLY
16.9344MHz
XTI
XTO DOL
CKO
BCKO
WCKO
DOR
BCKI
DIN
LRCI
SM5813
XTAI
LRCK
DATA
C210
SLOB
PSSL
SONY
CXD1125
1130
1135
OW20 CKDV
LOW PASS
FILTER
10
µF
1
µF
12V ANALOG
SUPPLY
1
2
3
4
5
6
7
89
10
11
12
13
14
15
16
LOW PASS
FILTER
10
µF
1
µF
12V ANALOG
SUPPLY
1
2
3
4
5
6
7
89
10
11
12
13
14
15
16
12V ANALOG
SUPPLY
NE5534
+
+
+
+
V
+
L
LE
V
S
TRIM
CLK
DATA
V
L
V
S
V
+
S
NR
2
ADJ
NR
1
AGND
I
OUT
R
F
DGND
AD1862
AD1862
V
+
S
NR
2
ADJ
NR
1
AGND
I
OUT
R
F
DGND
V
+
L
LE
V
S
TRIM
CLK
DATA
V
L
V
S
Figure 13. High Performance 20-Bit 8
× Oversampling CD Player Application
OBSOLETE


Similar Part No. - AD1862_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1862N AD-AD1862N Datasheet
183Kb / 12P
   Ultralow Noise 20-Bit Audio DAC
REV. A
AD1862N-J AD-AD1862N-J Datasheet
183Kb / 12P
   Ultralow Noise 20-Bit Audio DAC
REV. A
More results

Similar Description - AD1862_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1862 AD-AD1862 Datasheet
183Kb / 12P
   Ultralow Noise 20-Bit Audio DAC
REV. A
logo
Asahi Kasei Microsystem...
AK7712A-VT AKM-AK7712A-VT Datasheet
968Kb / 87P
   Built-in 20-bit ADC/DAC Sophisticated Audio DSP
logo
Linear Technology
LT1115 LINER-LT1115_15 Datasheet
252Kb / 16P
   Ultralow Noise, Low Distortion, Audio Op Amp
logo
Linear Integrated Syste...
LT1115 LINEAR-LT1115_1 Datasheet
246Kb / 16P
   Ultralow Noise, Low Distortion, Audio Op Amp
logo
ESS Technology,Inc
ES9018 ESS-ES9018 Datasheet
276Kb / 2P
   32-bit Hyperstream??Audio DAC
ES9018 ESS-ES9018_V01 Datasheet
75Kb / 2P
   Reference 32-bit Audio DAC
logo
Texas Instruments
DAC8551-Q1 TI1-DAC8551-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   Automotive 16-Bit, Ultralow-Glitch, Voltage-Output DAC
logo
Analog Devices
AD1856 AD-AD1856 Datasheet
870Kb / 8P
   16-BIT PCM Audio DAC
REV. B
logo
ESS Technology,Inc
ES9018S ESS-ES9018S Datasheet
1Mb / 54P
   Reference 32-bit Audio DAC
August 9, 2021
logo
NXP Semiconductors
SAA7350 NXP-SAA7350 Datasheet
532Kb / 19P
   20-bit input bistrean conversion DAC for digital audio systems
November 1991
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com