Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD1866 Datasheet(PDF) 3 Page - Analog Devices

Part # AD1866
Description  Single Supply Dual 16-Bit Audio DAC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1866 Datasheet(HTML) 3 Page - Analog Devices

  AD1866_15 Datasheet HTML 1Page - Analog Devices AD1866_15 Datasheet HTML 2Page - Analog Devices AD1866_15 Datasheet HTML 3Page - Analog Devices AD1866_15 Datasheet HTML 4Page - Analog Devices AD1866_15 Datasheet HTML 5Page - Analog Devices AD1866_15 Datasheet HTML 6Page - Analog Devices AD1866_15 Datasheet HTML 7Page - Analog Devices AD1866_15 Datasheet HTML 8Page - Analog Devices AD1866_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Typical Performance–AD1866
REV. 0
–3–
–100
–90
–80
–70
–60
–50
–40
–30
20500
5500
500
15500
10500
FREQUENCY – Hz
–60dB
–20dB
0dB
Figure 1. THD+N vs. Frequency
125
120
123
121
103
122
102
124
104
FREQUENCY – Hz
105
Figure 2. Channel Separation vs. Frequency
–20dB
SUPPLY VOLTAGE
0dB
–30
–100
5.6
–70
–90
4.6
–80
4.4
–40
–60
–50
5.4
5.2
5.0
4.8
–60dB
Figure 3. THD+N vs. Supply Voltage
INPUT AMPLITUDE – dB
6
–8
20
–2
–6
–80
–4
–100
4
0
2
0
–20
–40
–60
125°C
–35°C
0°C
25°C
70°C
Figure 4. Gain Linearity Error vs. Input Amplitude
TEMPERATURE – °C
–30
–100
125
–70
–90
–50
–80
–75
–40
–60
–50
100
75
50
25
0
–25
–60dB
–20dB
0dB
Figure 5. THD+N vs. Temperature
FREQUENCY – Hz
80
40
103
105
70
50
104
60
Figure 6. Power Supply Rejection Ratio vs. Frequency
(Supply Modulation Amplitude at 500 mV p-p)


Similar Part No. - AD1866_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1866N AD-AD1866N Datasheet
251Kb / 12P
   Single Supply Dual 16-Bit Audio DAC
REV. 0
AD1866N AD-AD1866N Datasheet
183Kb / 12P
   Single Supply Dual 16-Bit Audio DAC
REV. 0
AD1866R AD-AD1866R Datasheet
251Kb / 12P
   Single Supply Dual 16-Bit Audio DAC
REV. 0
AD1866R AD-AD1866R Datasheet
183Kb / 12P
   Single Supply Dual 16-Bit Audio DAC
REV. 0
AD1866R-REEL AD-AD1866R-REEL Datasheet
251Kb / 12P
   Single Supply Dual 16-Bit Audio DAC
REV. 0
More results

Similar Description - AD1866_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1866RZ AD-AD1866RZ Datasheet
183Kb / 12P
   Single Supply Dual 16-Bit Audio DAC
REV. 0
AD1866 AD-AD1866 Datasheet
251Kb / 12P
   Single Supply Dual 16-Bit Audio DAC
REV. 0
AD1868 AD-AD1868 Datasheet
246Kb / 12P
   Single Supply Dual 18-Bit Audio DAC
REV. A
AD1868 AD-AD1868_15 Datasheet
250Kb / 12P
   Single Supply Dual 18-Bit Audio DAC
REV. A
AD1856 AD-AD1856 Datasheet
870Kb / 8P
   16-BIT PCM Audio DAC
REV. B
logo
NXP Semiconductors
TDA1541 PHILIPS-TDA1541 Datasheet
91Kb / 12P
   Dual 16-bit DAC
November 1985
logo
MOSA ELECTRONICS
MS6333 MOSA-MS6333_1 Datasheet
302Kb / 13P
   16-Bit Stereo Audio DAC & Headphone Driver Single Supply Voltage and Low Voltage
logo
Analog Devices
AD1865N-K AD-AD1865N-K Datasheet
693Kb / 12P
   Complete Dual 18-Bit 16 x FS Audio DAC
REV. 0
logo
MOSA ELECTRONICS
MS6336 MOSA-MS6336_1 Datasheet
743Kb / 21P
   16-bit Stereo Audio DAC Dual 1.6W Power Amplifiers
MS6336 MOSA-MS6336 Datasheet
699Kb / 18P
   16-bit Stereo Audio DAC Dual 1.6W Power Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com