Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SML4757A-E3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SML4757A-E3
Description  Surface Mount Zener Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SML4757A-E3 Datasheet(HTML) 1 Page - Vishay Siliconix

  SML4757A-E3 Datasheet HTML 1Page - Vishay Siliconix SML4757A-E3 Datasheet HTML 2Page - Vishay Siliconix SML4757A-E3 Datasheet HTML 3Page - Vishay Siliconix SML4757A-E3 Datasheet HTML 4Page - Vishay Siliconix SML4757A-E3 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SML4728 to SML4764A
www.vishay.com
Vishay Semiconductors
Rev. 1.9, 26-May-14
1
Document Number: 85782
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Surface Mount Zener Diodes
FEATURES
• Plastic package has underwriters laboratory
flammability classification 94 V-0
• For surface mounted applications
• Low Zener impedance
• Low regulation factor
• High temperature soldering guaranteed:
260 °C/10 s at terminals
• Standard voltage tolerance is ± 10 %, suffix A ± 5 %
• AEC-Q101 qualified
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
MECHANICAL DATA
Base P/N-E3 - RoHS-compliant, commercial grade
Base P/NHE3 - RoHS-compliant, AEC-Q101 qualified
PRIMARY CHARACTERISTICS
PARAMETER
VALUE
UNIT
VZ range nom.
3.3 to 100
V
Test current IZT
2.5 to 76
mA
VZ specification
Pulse current
Int. construction
Single
DO-214AC (SMA)
ORDERING INFORMATION
DEVICE NAME
ORDERING CODE
TAPED UNITS PER REEL
MINIMUM ORDER QUANTITY
SML4728 to SML4764A
SML4728-E3/5A
SML4728HE3/5A
7500 (12 mm tape on 13" plastic reel)
SML4728 to SML4764A
SML4728-E3/61
SML4728HE3/61
1800 (12 mm tape on 7" plastic reel)
PACKAGE
PACKAGE NAME
WEIGHT
MOLDING COMPOUND
FLAMMABILITY RATING
MOISTURE SENSITIVITY
LEVEL
SOLDERING
CONDITIONS
DO-214AC
64 mg
UL 94 V-0
MSL level 1
(according J-STD-020)
260 °C/10 s at terminals
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Power dissipation
TL = 75 °C
Ptot
1000
mW
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
-65 to +150
°C


Similar Part No. - SML4757A-E3

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SML4757A EIC-SML4757A Datasheet
99Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
SUNMATE electronic Co.,...
SML4757A SUNMATE-SML4757A Datasheet
343Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Anova Technologies CO.,...
SML4757A ANOVA-SML4757A Datasheet
267Kb / 3P
   Surface Mount Zener Diodes
More results

Similar Description - SML4757A-E3

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
   Surface Mount Zener Diodes
CZRL47 COMCHIP-CZRL47 Datasheet
62Kb / 3P
   Surface Mount Zener Diodes
CZRB5926 COMCHIP-CZRB5926 Datasheet
73Kb / 3P
   Surface Mount Zener Diodes
logo
Formosa MS
MM3Z FORMOSA-MM3Z Datasheet
543Kb / 5P
   Surface Mount Zener Diodes
logo
Pan Jit International I...
BZM55-C2V4 PANJIT-BZM55-C2V4 Datasheet
75Kb / 3P
   SURFACE MOUNT ZENER DIODES
GLZ2.0 PANJIT-GLZ2.0 Datasheet
111Kb / 4P
   SURFACE MOUNT ZENER DIODES
GLZJ2.0 PANJIT-GLZJ2.0 Datasheet
151Kb / 5P
   SURFACE MOUNT ZENER DIODES
GMZJ2.0 PANJIT-GMZJ2.0 Datasheet
159Kb / 5P
   SURFACE MOUNT ZENER DIODES
logo
Weitron Technology
BZT52C2V4 WEITRON-BZT52C2V4 Datasheet
106Kb / 3P
   Surface Mount Zener Diodes
ZS4728A WEITRON-ZS4728A Datasheet
337Kb / 3P
   Surface Mount Zener Diodes
ZMM55C WEITRON-ZMM55C Datasheet
332Kb / 4P
   Surface Mount Zener Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com