Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IA82050-PDW28C-01 Datasheet(PDF) 7 Page - InnovASIC, Inc

Part # IA82050-PDW28C-01
Description  ASYNCHRONOUS SERIAL CONTROLLER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA82050-PDW28C-01 Datasheet(HTML) 7 Page - InnovASIC, Inc

Back Button IA82050-PDW28C-01 Datasheet HTML 3Page - InnovASIC, Inc IA82050-PDW28C-01 Datasheet HTML 4Page - InnovASIC, Inc IA82050-PDW28C-01 Datasheet HTML 5Page - InnovASIC, Inc IA82050-PDW28C-01 Datasheet HTML 6Page - InnovASIC, Inc IA82050-PDW28C-01 Datasheet HTML 7Page - InnovASIC, Inc IA82050-PDW28C-01 Datasheet HTML 8Page - InnovASIC, Inc IA82050-PDW28C-01 Datasheet HTML 9Page - InnovASIC, Inc IA82050-PDW28C-01 Datasheet HTML 10Page - InnovASIC, Inc IA82050-PDW28C-01 Datasheet HTML 11Page - InnovASIC, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
IA82050
Data Sheet
ASYNCHRONOUS SERIAL CONTROLLER
As of Production Ver. 01
Copyright
© 2001
ENG211010326-00
www.innovasic.com
innovASIC
Customer Support:
The End of Obsolescence
Page 7 of 11
1-888-824-4184
AC Characteristics
Parameter
Min
Max
Notes
CLK period
54 ns
250 ns
Divide by Two
CLK period
54 ns
108 ns
No Divide by
CLK Low Time
25 ns
CLK High Time
25 ns
CLK Rise Time
10 ns
Divide by Two
Measured between 0.3 * VDD
and 0.7 * VDD
CLK Fall Time
10 ns
Divide by Two
Measured between 0.3 * VDD
and 0.7 * VDD
CLK Rise Time
15 ns
No Divide by
CLK Fall Time
15 ns
No Divide by
Crystal Frequency
1 Mhz
20 Mhz
Reset Width
8 * Clock Period
RTS/DTR Low Setup
to Reset inactive
6 * Clock Period
RTS/DTR Low Hold
after Reset inactive
Clock Period – 20 ns
RDn Active Width
2* clock period +
65 ns
Address/CSn Setup
Time to RDn Active
7 ns
Address/CSn Hold
after RDn Inactive
0 ns
RDn or WRn Inactive
to Active Delay
Clock Period +
15 ns
Data Out Float Delay
after RDn Inactive
40 ns
WRn Active Width
2 * Clock Period
+ 15 ns
Address CSn Setup
Time to WRn Active
7 ns
Address and CSn hold
Time after WRn
0 ns
Data in Setup Time to
WRn Inactive
90 ns
Data In Hold Time after
WRn Inactive
12 ns
SCLK Period
216 ns
16x Clocking Mode
SCLK Period
3500 ns
1x Clocking Mode
RXD Setup Time to
SCLK High
250 ns
RXD Hold Time after
SCLK High
250 ns
TXD Valid after SCLK
Low
170 ns
TXD Delay after RXD
170 ns
Remote Loopback


Similar Part No. - IA82050-PDW28C-01

ManufacturerPart #DatasheetDescription
logo
InnovASIC, Inc
IA82050-PDW28I-R-01 INNOVASIC-IA82050-PDW28I-R-01 Datasheet
342Kb / 22P
   Asynchronous Serial Controller
More results

Similar Description - IA82050-PDW28C-01

ManufacturerPart #DatasheetDescription
logo
InnovASIC, Inc
IA82510 INNOVASIC-IA82510_11 Datasheet
374Kb / 25P
   Asynchronous Serial Controller
logo
Intel Corporation
M82510 INTEL-M82510 Datasheet
463Kb / 40P
   ASYNCHRONOUS SERIAL CONTROLLER
logo
InnovASIC, Inc
IA82510 INNOVASIC-IA82510 Datasheet
76Kb / 14P
   ASYNCHRONOUS SERIAL CONTROLLER
IA82050 INNOVASIC-IA82050_11 Datasheet
342Kb / 22P
   Asynchronous Serial Controller
logo
Feeling Technology Corp...
FP5139 FEELING-FP5139 Datasheet
432Kb / 15P
   Asynchronous Boost Controller
logo
STMicroelectronics
ST72344XX STMICROELECTRONICS-ST72344XX Datasheet
1Mb / 247P
   SCI asynchronous serial interface
July 2012 Rev 6
logo
Intel Corporation
82050 INTEL-82050 Datasheet
834Kb / 14P
   ASYNCHRONOUS COMMUICATIONS CONTROLLER
logo
STMicroelectronics
ST72325XXX STMICROELECTRONICS-ST72325XXX Datasheet
2Mb / 243P
   SCI asynchronous serial interface
August 2010 Rev 3
logo
Global Mixed-mode Techn...
G5320 GMT-G5320 Datasheet
66Kb / 1P
   Asynchronous Voltage Mode Controller
logo
Major-Power Technology ...
MA5821 MPOWER-MA5821 Datasheet
172Kb / 2P
   58V Asynchronous Buck Controller
Rev.1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com