Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HF3504 Datasheet(PDF) 1 Page - Hongfa Technology

Part # HF3504
Description  WIPER INTERMITTENT CONTROLLER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HF3504 Datasheet(HTML) 1 Page - Hongfa Technology

  HF3504 Datasheet HTML 1Page - Hongfa Technology HF3504 Datasheet HTML 2Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
45<
Oeb_Z XWi[ Z[i_]d/ ijWXb[ ijhkYjkh[
Okh\WY[ cekdj_d] j[Y^debe]o/ WZlWdY[Z
YhW\jmeha
Fd]h[ii fhej[Yj_ed= FL83
Fdj[hc_jj[dj j_c[
Bb[Yjh_YWb [dZkhWdY[
Fdj[hdWb lebjW][ Zhef
>cX_[dj j[cf[hWjkh[
EC6837= 618i . 518i
EC683:= 6i.6i
818i r 418i
4s438 KLO ,dehc_dWb cejeh beWZ-
483cR cWn1 ,Wj 8>-
073 je ;8
5348N[l1 4133
O^eYa h[i_ijWdY[
S[_]^j
43Ep je 533Ep 7<c2i5
43Ep je 4333Ep 4<19c2i5
4<9c2i5
>ffhen1 5;]
@el[h h[j[dj_ed= 493J c_d1
P[hc_dWb h[j[dj_ed= 433J c_d1
Jec_dWb lebjW][
@edjheb ceZ[
EC6837 2450D
,63 s 63 s 73-cc
,63 s 63 s 63-cc
,63 s 63 s 73-cc
,63 s 63 s 73-cc
I_YheYedjhebb[h
I_YheYedjhebb[h
O[fWhWj[Z Y^_f
O[fWhWj[Z Y^_f
EC6837> 2450D
EC683: 2450D
EC683: >2570D
Kf[hWj_d] lebjW][
hWd][
45RA@
45RA@
45RA@
57RA@
<RA@ je 49RA@
<RA@ je 49RA@
<RA@ je 49RA@
4;RA@ je 65RA@
83S
83S
83S
;3S
R_XhWj_ed h[i_ijWdY[
1= S_j^ XhWYa[j
;JL= S_j^ekj XhWYa[j
=EFKJNI RSVLH
,TTT-
5HESTQHR
S_f[h _dj[hc_jj[dj Yedjheb
@VPJFEL 0PPLJFESJONR
EKJDC> NBH>U
FOK<334/ FOK2PO49<7< / FOK47334/ KEO>O4;334/ FB@M M@ 3;3333 @BNPFCFBA
I[Y^Wd_YWb ZWjW
Pof[
Jec_dWb cejeh
beWZ
A_c[di_edi
Ok\\_n,>0V- _i \eh if[Y_\_Y
[nj[dZ_d] Wffb_YWj_ed
O_d[
NWdZec
S_f_d] j_c[
75+-}, | 75+-}.
y
y
y
@D=4
EC6837 2
EC6837> 2
EC683: 2
0D
45
0?
;OMJNEL UOLSEIH
~*= 45RA@
*,= 57RA@
@QJIIHQ LHUHL
6= E_]^ b[l[b ijWhj0kf
9= Hem b[l[b ijWhj0kf
B8=4> 8;@4>:8@@4;@ 2<;@><994>
270>02@4>8?@82?
<>34>8;6 8;5<>:0@8<;
@VPH
?PHFJEL FOGH4-
CCC/ @kijec[h if[Y_Wb h[gk_h[c[dj
;JL/ OjWdZWhZ
;OSHR/ 4- P^[ Ykijec[h if[Y_Wb h[gk_h[c[dj [nfh[ii Wi if[Y_Wb YeZ[ W\j[h [lWbkWj_d] Xo Eed]\W1


Similar Part No. - HF3504

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HF3504 HONGFA-HF3504 Datasheet
54Kb / 2P
   WIPER INTERMITTENT CONTROLLER
More results

Similar Description - HF3504

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HF3504 HONGFA-HF3504 Datasheet
54Kb / 2P
   WIPER INTERMITTENT CONTROLLER
logo
Sanyo Semicon Device
LB8050 SANYO-LB8050 Datasheet
93Kb / 4P
   Intermittent Windshield Wiper Controller
logo
TEMIC Semiconductors
U842B TEMIC-U842B Datasheet
264Kb / 12P
   Wiper Control for Intermittent and Wipe/ Wash Mode
U2642B TEMIC-U2642B Datasheet
178Kb / 10P
   Intermittent- and Wipe/Wash Control for Wiper Systems
logo
Hongfa Technology
JA3507A HONGFA-JA3507A Datasheet
39Kb / 1P
   WIPER CONTROLLER
JA3507 HONGFA-JA3507 Datasheet
38Kb / 1P
   WIPER CONTROLLER
JA3504 HONGFA-JA3504 Datasheet
38Kb / 1P
   WIPER CONTROLLER
JA3502 HONGFA-JA3502 Datasheet
37Kb / 1P
   WIPER CONTROLLER
HF3606 HONGFA-HF3606 Datasheet
61Kb / 3P
   WIPER CONTROLLER
logo
TEMIC Semiconductors
U846B TEMIC-U846B Datasheet
201Kb / 13P
   Digital Wiper Control for Intermittent and Wipe/ Wash Mode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com