Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD1891 Datasheet(PDF) 4 Page - Analog Devices

Part # AD1891
Description  SamplePort Stereo Asynchronous Sample Rate Converters
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1891 Datasheet(HTML) 4 Page - Analog Devices

  AD1891_15 Datasheet HTML 1Page - Analog Devices AD1891_15 Datasheet HTML 2Page - Analog Devices AD1891_15 Datasheet HTML 3Page - Analog Devices AD1891_15 Datasheet HTML 4Page - Analog Devices AD1891_15 Datasheet HTML 5Page - Analog Devices AD1891_15 Datasheet HTML 6Page - Analog Devices AD1891_15 Datasheet HTML 7Page - Analog Devices AD1891_15 Datasheet HTML 8Page - Analog Devices AD1891_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AD1890/AD1891
–4–
REV. 0
(continued from Page 1)
PRODUCT OVERVIEW (Continued)
automatically limited to avoid alias distortion on the output sig-
nal. The AD1890/AD1891 dynamically alter the low-pass filter
cutoff frequency smoothly and slowly, so that real-time varia-
tions in the sample rate ratio are possible without degradation of
the audio quality.
The AD1890/AD1891 have a pin selectable slow- or fast-settling
mode. This mode determines how quickly the ASRCs adapt to a
change in either the input sample clock frequency (FSIN) or the
output sample clock frequency (FSOUT). In the slow-settling
mode, the control loop which computes the ratio between FSIN
and FSOUT settles in approximately 800 ms and begins to reject
jitter above 3 Hz. The slow-settling mode offers the best signal
quality and the greatest jitter rejection. In the fast-settling mode,
the control loop settles in approximately 200 ms and begins to
reject jitter above 12 Hz. The fast-settling mode allows rapid,
real time sample rate changes to be tracked without error, at the
expense of some narrow-band noise modulation products on the
output signal.
The AD1890 also has a pin selectable, short or long group delay
mode. This pin determines the depth of the First-In, First-Out
(FIFO) memory which buffers the input data samples before
they are processed by the FIR convolver. In the short mode, the
group delay is approximately 700
µs. The ASRC is more sensi-
tive to sample rate changes in this mode (i.e., the pointers which
manage the FIFO are more likely to cross and become momen-
tarily invalid during a sample rate step change), but the group
delay is minimized. In the long mode, the group delay is ap-
proximately 3 ms. The ASRC is tolerant of large dynamic
sample rate changes in this mode, and it should be used when
the device is required to track fast sample rate changes, such as
in varispeed applications. The AD1891 features the short group
delay mode only. In either device, if the read and write pointers
that manage the FIFO cross (indicating underflow or overflow),
the ASRC asserts the mute output (MUTE_O) pin HI for 128
output clock cycles. If MUTE_O is connected to the mute input
(MUTE_I) pin, as it normally should be, the serial output will
be muted (i.e., all bits zero) during this transient event.
The AD1890/AD1891 are fabricated in a 0.8
µm single poly,
double metal CMOS process and are packaged in a 0.6" wide
28-pin plastic DIP and a 28-pin PLCC. The AD1890/AD1891
operate from a +5 V power supply over the temperature range of
0
°C to +70°C.
28
27
26
22
21
20
19
18
17
25
24
23
16
15
SERIAL IN
SERIAL OUT
MULT
CLOCK
TRACKING
ACCUM
RESET
LR_I
LR_O
1
2
3
7
8
9
10
11
12
4
5
6
13
14
COEF ROM
FIFO
GPDLYS (AD1890)
N/C (AD1891)
MCLK
DATA_I
BCLK_I
WCLK_I
V
DD
GND
N/C
BKPOL_I
TRGLR_I
MSBDLY_I
GND
SETSLW
GND
BCLK_O
WCLK_O
DATA_O
V
DD
GND
N/C
BKPOL_O
TRGLR_O
MSBDLY_O
MUTE_O
MUTE_I
AD1890/AD1891
N/C = NO CONNECT
AD1890/AD1891 DIP Pinout
22
21
20
19
25
24
23
7
8
9
10
11
5
6
LR_I
LR_O
SERIAL IN
SERIAL OUT
ACCUM
COEF ROM
FIFO
MULT
N/C
WCLK_I
V
DD
GND
BKPOL_I
TRGLR_I
WCLK_O
DATA_O
V
DD
GND
N/C
BKPOL_O
1
2
3
4
282726
12
13
14
18
17
16
15
CLOCK
TRACKING
AD1890/AD1891
N/C = NO CONNECT
AD1890/AD1891 PLCC Pinout


Similar Part No. - AD1891_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1891JN AD-AD1891JN Datasheet
416Kb / 20P
   SamplePort Stereo Asynchronous Sample Rate Converters
REV. 0
AD1891JP AD-AD1891JP Datasheet
416Kb / 20P
   SamplePort Stereo Asynchronous Sample Rate Converters
REV. 0
More results

Similar Description - AD1891_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1890 AD-AD1890 Datasheet
416Kb / 20P
   SamplePort Stereo Asynchronous Sample Rate Converters
REV. 0
AD1890 AD-AD1890_15 Datasheet
419Kb / 20P
   SamplePort Stereo Asynchronous Sample Rate Converters
REV. 0
logo
Texas Instruments
SRC4192-Q1 TI1-SRC4192-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   Stereo Asynchronous Sample-Rate Converters
SRC4192 TI1-SRC4192 Datasheet
1Mb / 43P
[Old version datasheet]   Stereo Asynchronous Sample-Rate Converters
logo
Burr-Brown (TI)
SRC4192 BURR-BROWN-SRC4192 Datasheet
1Mb / 10P
   192kHz Stereo Asynchronous Sample Rate Converters
SRC4190 BURR-BROWN-SRC4190 Datasheet
1Mb / 10P
   192kHz Stereo Asynchronous Sample Rate Converters
logo
Texas Instruments
SRC4192IDBR TI-SRC4192IDBR Datasheet
1Mb / 34P
[Old version datasheet]   192kHz Stereo Asynchronous Sample Rate Converters
SRC4192IDB TI-SRC4192IDB Datasheet
1Mb / 34P
[Old version datasheet]   192kHz Stereo Asynchronous Sample Rate Converters
SRC4190 TI1-SRC4190_14 Datasheet
1Mb / 29P
[Old version datasheet]   192kHz Stereo Asynchronous Sample Rate Converters
logo
Burr-Brown (TI)
SRC4190 BURR-BROWN-SRC4190 Datasheet
1Mb / 25P
   192kHz Stereo Asynchronous Sample Rate Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com