Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD1893 Datasheet(PDF) 9 Page - Analog Devices

Part # AD1893
Description  Low Cost SamplePort 16-Bit Stereo Asynchronous Sample Rate Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1893 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD1893_15 Datasheet HTML 5Page - Analog Devices AD1893_15 Datasheet HTML 6Page - Analog Devices AD1893_15 Datasheet HTML 7Page - Analog Devices AD1893_15 Datasheet HTML 8Page - Analog Devices AD1893_15 Datasheet HTML 9Page - Analog Devices AD1893_15 Datasheet HTML 10Page - Analog Devices AD1893_15 Datasheet HTML 11Page - Analog Devices AD1893_15 Datasheet HTML 12Page - Analog Devices AD1893_15 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
AD1893
REV. A
–9–
AMP
TIME
SUBFILTER COEFFICIENTS
ALIGNED TO THE LEFT
TSIN = 1/FSIN
FREQ
FSIN/2
FSIN/2
FSIN/2
FSIN/2
FSIN/2
PHASE
DELAY = NOMINAL
DELAY = NOMINAL
DELAY = NOMINAL – .25/FSIN
DELAY = NOMINAL – .5/FSIN
DELAY = NOMINAL – .75/FSIN
Figure 3. Four Polyphase Subfilters Realigned to Coarse Time Grid
POLYPHASE FILTER 1
POLYPHASE FILTER 2
POLYPHASE FILTER 3
POLYPHASE FILTER 4
POLYPHASE FILTER 5
POLYPHASE FILTER 6
POLYPHASE FILTER 7
INPUT
SIGNAL
POLYPHASE FILTER N-1
POLYPHASE FILTER N
SELECT
N TO 1
MUX
OUTPUT
SIGNAL
SAMPLE
CLOCK
TRACKING
CIRCUIT
Figure 4. Polyphase Filter Bank Model—Conceptual Block
Diagram
The full set of subfilters can be considered to form a parallel
bank of “polyphase” filters which have decrementing, linear
phase group delays. All of the polyphase filters conceptually
process the input signal simultaneously, as illustrated in Figure
4, at the input sample rate.
Asynchronous sample rate conversion under the polyphase filter
bank model is accomplished by selecting the output of a particu-
lar polyphase filter on the basis of the temporal relationship
between the input sample clock and the output sample clock
events. Figure 5 shows the desired filter group delay as a func-
tion of the relative time difference between the current output
sample clock and the last input sample clock. If an output
sample is requested late in the input sample period, then a short
filter delay is required, and if an output sample is requested
early in the input sample period, then a long filter delay is re-
quired. This nonintuitive result arises from the fact that FIR
filters always produce some delay, so that selecting a filter with
shorter delay moves the interpolated sample closer to the newest
input sample.


Similar Part No. - AD1893_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1893JN AD-AD1893JN Datasheet
216Kb / 20P
   Low Cost SamplePort 16-Bit Stereo Asynchronous Sample Rate Converter
REV. A
AD1893JST AD-AD1893JST Datasheet
216Kb / 20P
   Low Cost SamplePort 16-Bit Stereo Asynchronous Sample Rate Converter
REV. A
More results

Similar Description - AD1893_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1893 AD-AD1893 Datasheet
216Kb / 20P
   Low Cost SamplePort 16-Bit Stereo Asynchronous Sample Rate Converter
REV. A
AD1890 AD-AD1890 Datasheet
416Kb / 20P
   SamplePort Stereo Asynchronous Sample Rate Converters
REV. 0
AD1890 AD-AD1890_15 Datasheet
419Kb / 20P
   SamplePort Stereo Asynchronous Sample Rate Converters
REV. 0
AD1891 AD-AD1891_15 Datasheet
419Kb / 20P
   SamplePort Stereo Asynchronous Sample Rate Converters
REV. 0
AD1895 AD-AD1895 Datasheet
1Mb / 24P
   192 kHz Stereo Asynchronous Sample Rate Converter
REV. B
AD1896 AD-AD1896_15 Datasheet
1Mb / 28P
   192 kHz Stereo Asynchronous Sample Rate Converter
REV. A
logo
Texas Instruments
SRC4190-Q1 TI1-SRC4190-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   192-kHz STEREO ASYNCHRONOUS SAMPLE-RATE CONVERTER
logo
Analog Devices
AD1896 AD-AD1896 Datasheet
1Mb / 28P
   192 kHz Stereo Asynchronous Sample Rate Converter
REV. A
AD1896AYRSZ AD-AD1896AYRSZ Datasheet
1Mb / 28P
   192 kHz Stereo Asynchronous Sample Rate Converter
REV. A
AD1895 AD-AD1895_15 Datasheet
860Kb / 24P
   192 kHz Stereo Asynchronous Sample Rate Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com