Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD1941 Datasheet(PDF) 3 Page - Analog Devices

Part # AD1941
Description  SigmaDSP Multichannel 28-Bit Audio Processor
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1941 Datasheet(HTML) 3 Page - Analog Devices

  AD1941_15 Datasheet HTML 1Page - Analog Devices AD1941_15 Datasheet HTML 2Page - Analog Devices AD1941_15 Datasheet HTML 3Page - Analog Devices AD1941_15 Datasheet HTML 4Page - Analog Devices AD1941_15 Datasheet HTML 5Page - Analog Devices AD1941_15 Datasheet HTML 6Page - Analog Devices AD1941_15 Datasheet HTML 7Page - Analog Devices AD1941_15 Datasheet HTML 8Page - Analog Devices AD1941_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
AD1940/AD1941
Rev. B | Page 3 of 3
6
SPECIFICATIONS
Test conditions, unless otherwise noted.
Table 1.
Parameter
Conditions
Supply Voltage (VDD)
2.5 V
PLL Voltage (PLL_VDD)
2.5 V
Output Voltage (ODVDD)
5.0 V
INVDD Voltage
5.0 V
Ambient Temperature
25°C
Master Clock Input
3.072 MHz, 64 × fs mode
Load Capacitance
50 pF
Load Current
±1 mA
Input Voltage, HI
2.4 V
Input Voltage, LO
0.8 V
DIGITAL I/O
VDD = 2.25 V to 2.75 V. Specifications measured across −40°C to 125°C (case).
Table 2.
Parameter
Comments
Min
Max
Unit
Input Voltage, HI (VIH)
2.1
V
Input Voltage, LO (VIL)
0.8
V
Input Leakage (IIH)
10
μA
Input Leakage (IIL)
10
μA
High Level Output Voltage (VOH)
ODVDD = 4.5 V, IOH = 1 mA
3.9
V
High Level Output Voltage (VOH)
ODVDD = 3.0 V, IOH = 1 mA
2.6
V
Low Level Output Voltage (VOL)
ODVDD = 4.5 V, IOL = 1 mA1
0.4
V
Low Level Output Voltage (VOL)
ODVDD = 3.0 V, IOL = 1 mA1
0.3
V
Input Capacitance
5
pF
1 SDA is measured with a 3 mA sink current.
POWER
Table 3.
Parameter
Min
Typ
Max1
Unit
SUPPLIES
Voltage
2.25
2.5
2.75
V
Digital Current
92
1552
mA
PLL Current
3.5
8
mA
Digital Current, Reset
4.53
133
mA
PLL Current, Reset
3
8.5
mA
DISSIPATION
Operation, All Supplies
238.8
mW
Reset, All Supplies
10.8
mW
1 Maximum specifications are measured across
−40°C to 125°C (case) and across VDD = 2.25 V to 2.75 V.
2 Measurement running a typical large program that writes to all 16 outputs with 0 dB digital sine waves applied to all eight inputs. The end user’s program may differ.
3 The digital reset current is specified for the given test conditions. This current scales with the input MCLK rate, so higher input clocks draw more current while in reset.


Similar Part No. - AD1941_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1941YSTZ AD-AD1941YSTZ Datasheet
314Kb / 32P
   SigmaDSP-TM Multichannel 28-Bit Audio Processor
Rev. PrE
AD1941YSTZRL AD-AD1941YSTZRL Datasheet
314Kb / 32P
   SigmaDSP-TM Multichannel 28-Bit Audio Processor
Rev. PrE
More results

Similar Description - AD1941_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1940 AD-AD1940_15 Datasheet
421Kb / 36P
   SigmaDSP Multichannel 28-Bit Audio Processor
REV. B
AD1940 AD-AD1940 Datasheet
690Kb / 32P
   SigmaDSP-TM Multichannel 28-Bit Audio Processor
REV. 0
AD1941 AD-AD1941 Datasheet
314Kb / 32P
   SigmaDSP-TM Multichannel 28-Bit Audio Processor
Rev. PrE
ADAU1702 AD-ADAU1702_17 Datasheet
1Mb / 53P
   SigmaDSP 28-/56-Bit Audio Processor
ADAU1701 AD-ADAU1701_16 Datasheet
1Mb / 52P
   SigmaDSP 28-/56-Bit Audio Processor
ADAU1401A AD-ADAU1401A_17 Datasheet
859Kb / 53P
   SigmaDSP 28-/56-Bit Audio Processor
ADAU1701 AD-ADAU1701 Datasheet
624Kb / 43P
   SigmaDSP 28/56-Bit Audio Processor with 2ADC/4DAC
Rev. PrF
ADAU1401 AD-ADAU1401_15 Datasheet
903Kb / 52P
   SigmaDSP 28-/56-Bit Audio Processor with Two ADCs and Four DACs
REV. C
ADAU1401A AD-ADAU1401A Datasheet
1Mb / 52P
   SigmaDSP 28-/56-Bit Audio Processor with Two ADCs and Four DACs
REV. 0
ADAU1452 AD-ADAU1452 Datasheet
9Mb / 180P
   SigmaDSP Digital Audio Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com