Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRF10200CT Datasheet(PDF) 2 Page - Goodwork Semiconductor Co., Ltd .

Part # SRF10200CT
Description  10 AMP SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .

SRF10200CT Datasheet(HTML) 2 Page - Goodwork Semiconductor Co., Ltd .

  SRF10200CT Datasheet HTML 1Page - Goodwork Semiconductor Co., Ltd . SRF10200CT Datasheet HTML 2Page - Goodwork Semiconductor Co., Ltd .  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0.1
1.0
.01
10
50
RATING AND CHARACTERISTIC CURVES (SRF10150CT THRU SRF10200CT)
FORWARD VOLTAGE,(V)
Pulse Width 300us
1% Duty Cycle
.1
.3
.5
.7
.9
1.1
1.3
1.5
5.0
Tj=25 C
FIG.2-TYPICAL FORWARD
CHARACTERISTICS
FIG.1-TYPICAL FORWARD CURRENT DERATING CURVE
2
4
6
8
10
12
0
0
20
40
60
80
100
120
140
160
180
200
FIG.5 - TYPICAL REVERSE
CHARACTERISTICS
.1
1.0
10
100
PERCENTAGE RATED PEAK REVERSE VOLTAGE
0
20
40
60
80
100 120 140
.01
Tj=25 C
Tj=100 C
59
CASE TEMPERATURE,( C)
FIG.3-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
100
50
0
150
250
200
NUMBER OF CYCLES AT 60Hz
1
10
5
50
100
Tj=25 C
8.3ms Single Half
Sine Wave
JEDEC method
FIG.4-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,(V)
1000
1200
1400
800
600
400
200
0
.01
.05
.1
.5
1
5
10
50
100


Similar Part No. - SRF10200CT

ManufacturerPart #DatasheetDescription
logo
Gaomi Xinghe Electronic...
SRF10200CT GXELECTRONICS-SRF10200CT Datasheet
333Kb / 2P
   SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 200 Volts Forward Current - 10.0Amperes
logo
Nanjing International G...
SRF10200CT DGNJDZ-SRF10200CT Datasheet
82Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Jinan Jing Heng Electro...
SRF10200CT JINGHENG-SRF10200CT Datasheet
64Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
SAMYANG ELECTRONICS CO....
SRF10200CT SAMYANG-SRF10200CT Datasheet
1Mb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
SUNMATE electronic Co.,...
SRF10200CT SUNMATE-SRF10200CT Datasheet
2Mb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SRF10200CT

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MS1002 MICROSEMI-MS1002 Datasheet
131Kb / 2P
   10 AMP SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SR10150S SECOS-SR10150S_15 Datasheet
240Kb / 2P
   10 Amp Schottky Barrier Rectifiers
SM10150C SECOS-SM10150C_15 Datasheet
255Kb / 2P
   10 Amp Schottky Barrier Rectifiers
logo
UNIOHM CORPORATION
SR1680 UNIOHM-SR1680 Datasheet
69Kb / 2P
   10 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Goodwork Semiconductor ...
SR1020D GWSEMI-SR1020D Datasheet
66Kb / 2P
   10 AMP SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SM10150C SECOS-SM10150C Datasheet
266Kb / 2P
   10 Amp Schottky Barrier Rectifiers
SR10200S SECOS-SR10200S Datasheet
208Kb / 2P
   10 Amp Schottky Barrier Rectifiers
logo
UNIOHM CORPORATION
SR1080 UNIOHM-SR1080 Datasheet
68Kb / 2P
   10 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Goodwork Semiconductor ...
SR10150CT GWSEMI-SR10150CT Datasheet
70Kb / 2P
   10 AMP SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SMPB1020 SECOS-SMPB1020_15 Datasheet
277Kb / 2P
   10 Amp Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com