Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32671L8122 Datasheet(PDF) 5 Page - TDK Electronics

Part # B32671L8122
Description  Metallized Polypropylene Film Capacitors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B32671L8122 Datasheet(HTML) 5 Page - TDK Electronics

  B32671L8122 Datasheet HTML 1Page - TDK Electronics B32671L8122 Datasheet HTML 2Page - TDK Electronics B32671L8122 Datasheet HTML 3Page - TDK Electronics B32671L8122 Datasheet HTML 4Page - TDK Electronics B32671L8122 Datasheet HTML 5Page - TDK Electronics B32671L8122 Datasheet HTML 6Page - TDK Electronics B32671L8122 Datasheet HTML 7Page - TDK Electronics B32671L8122 Datasheet HTML 8Page - TDK Electronics B32671L8122 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Technical data
Operating temperature range
Max. operating temperature Top,max
+125
°C
Upper category temperature Tmax
+110
°C
Lower category temperature Tmin
55
°C
Rated temperature TR
+85
°C
Dissipation factor tan
δ (in 10-3) at
≤27 nF 27 nF< C
R
≤0.1 µF 0.1 µF < C
R
≤1 µF >1 µF
at 20
°C
1 kHz 0.8
0.8
0.8
0.8
(upper limit values)
10 kHz 1.0
1.0
1.0
100 kHz 2.0
3.0
Insulation resistance Rins
at 20
°C, rel. humidity ≤ 65%
(minimum as-delivered values)
> 100 G
Ω (500 V, 1 min)
DC test voltage
1.6
VR, 2 s
Category voltage VC
TA (
°C)
DC voltage derating
AC voltage derating
(continuous operation with VDC TA
≤ 85
VC = VR
VC,RMS = VRMS
or VAC at f
≤ 1 kHz)
85<TA
≤110 V
C = VR
(165 TA)/80
VC,RMS=VRMS (165 TA)/80
Operating voltage Vop for
TA (
°C)
DC voltage (max. hours)
AC voltage (max. hours)
short operating periods
TA
≤ 100
Vop = 1.25 VC (2000 h)
Vop = 1.0 VC,RMS (2000 h)
(VDC or VAC at f
≤ 1 kHz)
100<TA
≤125 V
op = 1.25
VC (1000 h)
Vop = 1.0 VC,RMS (1000 h)
Damp heat test
56 days/40
°C/93% relative humidity
Limit values after damp
Capacitance change
∆C/C
≤ 2%
heat test
Dissipation factor change
∆ tan δ
≤ 1.0 10-3 (at 1 kHz)
Insulation resistance Rins
≥ 50 GΩ
Endurance test conditions
+85
°C / 2500 V DC / 2000 h
+85
°C / 880 V AC / 2000 h
+110
°C / 1700 V DC / 2000 h
+110
°C / 610 V AC / 2000 h
Reliability:
Failure rate
λ
1 fit (
≤ 1 10-9/h) at 0.5 V
R, 40
°C
Service life tSL
200 000 h at 1.0
VR, 85
°C
For conversion to other operating conditions and temperatures,
refer to chapter "Quality, 2 Reliability".
Failure criteria:
Total failure
Short circuit or open circuit
Failure due to variation
Capacitance change
∆C/C
> 10%
of parameters
Dissipation factor tan
δ
> 4
upper limit values
Insulation resistance Rins
< 1500 M
B32671L8
High V AC, high temperature (wound)
Page 5 of 16
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32671L8122

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32671L8122 EPCOS-B32671L8122 Datasheet
570Kb / 30P
   Metallized Polypropylene Film Capacitors
B32671L8122 EPCOS-B32671L8122 Datasheet
570Kb / 30P
   Metallized Polypropylene Film Capacitors (MKP)
logo
TDK Electronics
B32671L8122 TDK-B32671L8122 Datasheet
546Kb / 30P
   Metallized Polypropylene Film Capacitors
B32671L8122 TDK-B32671L8122 Datasheet
863Kb / 39P
   Metallized Polypropylene Film Capacitors
More results

Similar Description - B32671L8122

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
MPR RUBYCON-MPR Datasheet
60Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
MERITEK ELECTRONICS COR...
TMPP MERITEK-TMPP Datasheet
219Kb / 1P
   Metallized Polypropylene Film Capacitors
logo
Illinois Capacitor, Inc...
755DCB112K2J ILLINOISCAPACITOR-755DCB112K2J_13 Datasheet
274Kb / 2P
   Metallized Polypropylene Film Capacitors
logo
TDK Electronics
MKP-B32620621 TDK-MKP-B32620621 Datasheet
500Kb / 28P
   Metallized Polypropylene Film Capacitors
logo
Vishay Siliconix
MKP1848S-DC VISHAY-MKP1848S-DC Datasheet
167Kb / 15P
   Metallized Polypropylene Film Capacitors
Revision: 19-Mar-13
logo
RUBYCON CORPORATION
121MPE153J RUBYCON-121MPE153J Datasheet
184Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
630MPB224J RUBYCON-630MPB224J Datasheet
149Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
Cornell Dubilier Electr...
950 CDE-950 Datasheet
265Kb / 3P
   Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
MPN RUBYCON-MPN Datasheet
204Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
WESTECH COMPONENT CO., ...
CBB62 WESTECH-CBB62 Datasheet
89Kb / 1P
   Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
MPS RUBYCON-MPS Datasheet
80Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com