Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT7143SA20GI Datasheet(PDF) 7 Page - Integrated Device Technology

Part # IDT7143SA20GI
Description  HIGH-SPEED 2K x 16 CMOS DUAL-PORT STATIC RAMS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7143SA20GI Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button IDT7143SA20GI Datasheet HTML 3Page - Integrated Device Technology IDT7143SA20GI Datasheet HTML 4Page - Integrated Device Technology IDT7143SA20GI Datasheet HTML 5Page - Integrated Device Technology IDT7143SA20GI Datasheet HTML 6Page - Integrated Device Technology IDT7143SA20GI Datasheet HTML 7Page - Integrated Device Technology IDT7143SA20GI Datasheet HTML 8Page - Integrated Device Technology IDT7143SA20GI Datasheet HTML 9Page - Integrated Device Technology IDT7143SA20GI Datasheet HTML 10Page - Integrated Device Technology IDT7143SA20GI Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
6.42
IDT7133SA/LA, IDT7143SA/LA
High-Speed 2K x 16 Dual-Port RAM
Military, Industrial and Commercial Temperature Ranges
7
AC Electrical Characteristics Over the
Operating Temperature and Supply Voltage(3)
NOTES:
1. Transition is measured 0mV fromLow or High-impedance voltage with load (Figure 2).
2.
This parameter is guaranteed by device characterization, but is not production tested.
3.
'X' in part number indicates power rating (SA or LA).
7133X20
7143X20
Com'l Only
7133X25
7143X25
Com'l, Ind
& Military
7133X35
7143X35
Com'l, Ind
& Military
Unit
Symbol
Parameter
Min.Max.
Min.Max.Min.Max.
READ CYCLE
tRC
Read Cycle Time
20
____
25
____
35
____
ns
tAA
Address Access Time
____
20
____
25
____
35
ns
tACE
Chip Enable Access Time
____
20
____
25
____
35
ns
tAOE
Output Enable Access Time
____
12
____
15
____
20
ns
tOH
Output Hold from Address Change
0
____
0
____
0
____
ns
tLZ
Output Low-Z Time
(1,2)
0
____
0
____
0
____
ns
tHZ
Output High-Z Time
(1,2)
____
12
____
15
____
20
ns
tPU
Chip Enable to Power Up Time
(2)
0
____
0
____
0
____
ns
tPD
Chip Disable to Power Down Time
(2)
____
20
____
50
____
50
ns
2746 tbl 10a
7133X45
7143X45
Com'l &
Military
7133X55
7143X55
Com'l, Ind
& Military
7133X70/90
7143X70/90
Com'l &
Military
Unit
Symbol
Parameter
Min.Max.
Min.Max.Min.Max.
READ CYCLE
tRC
Read Cycle Time
45
____
55
____
70/90
____
ns
tAA
Address Access Time
____
45
____
55
____
70/90
ns
tACE
Chip Enable Access Time
____
45
____
55
____
70/90
ns
tAOE
Output Enable Access Time
____
25
____
30
____
40/40
ns
tOH
Output Hold from Address Change
0
____
0
____
0/0
____
ns
tLZ
Output Low-Z Time
(1,2)
0
____
5
____
5/5
____
ns
tHZ
Output High-Z Time
(1,2)
____
20
____
20
____
25/25
ns
tPU
Chip Enable to Power Up Time
(2)
0
____
0
____
0/0
____
ns
tPD
Chip Disable to Power Down Time
(2)
____
50
____
50
____
50/50
ns
2746 tbl 10b


Similar Part No. - IDT7143SA20GI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7143SA IDT-IDT7143SA Datasheet
174Kb / 17P
   HIGH SPEED 2K X 16 DUAL-PORT SRAM
IDT7143SALA IDT-IDT7143SALA Datasheet
143Kb / 16P
   HIGH SPEED 2K X 16 DUAL-PORT SRAM
More results

Similar Description - IDT7143SA20GI

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
P4C116 PYRAMID-P4C116 Datasheet
239Kb / 14P
   ULTRA HIGH SPEED 2K x 8 STATIC CMOS RAMS
logo
List of Unclassifed Man...
P4C116 ETC-P4C116 Datasheet
76Kb / 8P
   ULTRA HIGH SPEED 2K x 8 STATIC CMOS RAMS
logo
Cypress Semiconductor
CY7C133 CYPRESS-CY7C133 Datasheet
506Kb / 13P
   2K x 16 Dual-Port Static RAM
logo
Integrated Device Techn...
IDT7132SA IDT-IDT7132SA_15 Datasheet
203Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
IDT71321SA IDT-IDT71321SA_08 Datasheet
143Kb / 17P
   HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
IDT7132SA IDT-IDT7132SA_18 Datasheet
169Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
IDT71321SA IDT-IDT71321SA_18 Datasheet
184Kb / 18P
   HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
logo
List of Unclassifed Man...
P4C187 ETC-P4C187 Datasheet
70Kb / 8P
   ULTRA HIGH SPEED 64K x 1 STATIC CMOS RAMS
logo
Pyramid Semiconductor C...
P4C1257 PYRAMID-P4C1257 Datasheet
957Kb / 11P
   ULTRA HIGH SPEED 256K x 1 STATIC CMOS RAMS
P4C167 PYRAMID-P4C167 Datasheet
192Kb / 10P
   ULTRA HIGH SPEED 16K X 1 STATIC CMOS RAMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com