Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD1970 Datasheet(PDF) 3 Page - Analog Devices

Part # AD1970
Description  Digital BTSC Encoder with Integrated ADC and DAC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1970 Datasheet(HTML) 3 Page - Analog Devices

  AD1970_15 Datasheet HTML 1Page - Analog Devices AD1970_15 Datasheet HTML 2Page - Analog Devices AD1970_15 Datasheet HTML 3Page - Analog Devices AD1970_15 Datasheet HTML 4Page - Analog Devices AD1970_15 Datasheet HTML 5Page - Analog Devices AD1970_15 Datasheet HTML 6Page - Analog Devices AD1970_15 Datasheet HTML 7Page - Analog Devices AD1970_15 Datasheet HTML 8Page - Analog Devices AD1970_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
AD1970
Rev. 0 | Page 3 of 20
SPECIFICATIONS
Test conditions, unless otherwise noted
Table 1.
Parameters
Conditions
Unit
Supply Voltages (AVDD, DVDD)
3.3
V
Ambient Temperature
25
°C
Input Signal
1 kHz, 0.8 VRMS analog, 0 dBFS digital
Hz, V rms, dBFS
Input Sample Rate
48
kHz
Measurement Bandwidth
20 Hz to 14 kHz
kHz
Word Width
24
Bits
Load Capacitance
50
pF
Load Current
±1
mA
Input Voltage High
2.0
V
Input Voltage Low
0.8
V
Table 2. Analog Input Performance
Parameter
Min
Typ
Max
Unit
Maximum Input Level
1.0 (2.8)
V rms (V p-p)
Output Level
250
mV rms
Dynamic Range (20 Hz to 14 kHz, –60 dB Input) (Encoded Output, Left = Right)
68
74
dB
THD + Noise (Encoded Output, Left = Right, 20 Hz to 14 kHz)
VIN = 0 dBV rms
–72
–65
dB
Table 3. Digital Input Performance
Parameter
Min
Typ
Max
Unit
Resolution
24
Bits
Output Level
250
mV rms
Dynamic Range (20 Hz to 14 kHz, –60 dB Input) (Encoded Output, Left = Right)
81
87
dB
THD + Noise (Encoded Output, Left = Right, 20 Hz to 14 kHz)
VIN = 0 dBFS
–83
–74
dB
Table 4. Video Input
Parameter
Min
Typ
Max
Unit
Input Signal Level
0.35
1.0
VP-P
Input Impedance
2
kΩ
Table 5. Crystal Oscillator
Parameter
Min
Typ
Max
Unit
Transconductance
7
10
13
mmhos


Similar Part No. - AD1970_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1970JSTZ AD-AD1970JSTZ Datasheet
449Kb / 20P
   Digital BTSC Encoder with Integrated ADC and DAC
REV. 0
AD1970JSTZRL AD-AD1970JSTZRL Datasheet
449Kb / 20P
   Digital BTSC Encoder with Integrated ADC and DAC
REV. 0
More results

Similar Description - AD1970_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1970 AD-AD1970 Datasheet
449Kb / 20P
   Digital BTSC Encoder with Integrated ADC and DAC
REV. 0
AD71028 AD-AD71028 Datasheet
427Kb / 20P
   Dual Digital BTSC Encoder with Integrated DAC
REV. 0
AD71028 AD-AD71028_15 Datasheet
427Kb / 20P
   Dual Digital BTSC Encoder with Integrated DAC
REV. 0
logo
Asahi Kasei Microsystem...
AK4145 AKM-AK4145 Datasheet
238Kb / 11P
   Digital BTSC Stereo Encoder
AK4145 AKM-AK4145 Datasheet
320Kb / 27P
   Digital BTSC Stereo Encoder
AK4140 AKM-AK4140 Datasheet
635Kb / 42P
   Digital BTSC Decoder
AK4140 AKM-AK4140 Datasheet
822Kb / 42P
   Digital BTSC Decoder
logo
NXP Semiconductors
SAA7325 PHILIPS-SAA7325 Datasheet
273Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
SAA7326 PHILIPS-SAA7326 Datasheet
391Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC CD10
1999 Jun 17
logo
Texas Instruments
MSC1200 TI1-MSC1200_06 Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Current-Output Digital Converter (DAC)
MAY 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com