Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32671Z6153 Datasheet(PDF) 11 Page - TDK Electronics

Part # B32671Z6153
Description  Metallized Polypropylene Film Capacitors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B32671Z6153 Datasheet(HTML) 11 Page - TDK Electronics

Back Button B32671Z6153 Datasheet HTML 7Page - TDK Electronics B32671Z6153 Datasheet HTML 8Page - TDK Electronics B32671Z6153 Datasheet HTML 9Page - TDK Electronics B32671Z6153 Datasheet HTML 10Page - TDK Electronics B32671Z6153 Datasheet HTML 11Page - TDK Electronics B32671Z6153 Datasheet HTML 12Page - TDK Electronics B32671Z6153 Datasheet HTML 13Page - TDK Electronics B32671Z6153 Datasheet HTML 14Page - TDK Electronics B32671Z6153 Datasheet HTML 15Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Permissible AC voltage VRMS versus frequency f (for sinusoidal waveforms TA
≤ 100 °C)
For TA >100
°C, please refer to "General technical information", section 3.2.3.
Lead spacing 22.5 mm
450 V DC/220 V AC
520 V DC/277 V AC
630 V DC/310 V AC
B32673Z
Power Factor Correction
Page 11 of 20
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32671Z6153

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32671Z6153 EPCOS-B32671Z6153 Datasheet
377Kb / 22P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32671Z6153 EPCOS-B32671Z6153 Datasheet
373Kb / 20P
   Film Capacitors
More results

Similar Description - B32671Z6153

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
MPR RUBYCON-MPR Datasheet
60Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
MERITEK ELECTRONICS COR...
TMPP MERITEK-TMPP Datasheet
219Kb / 1P
   Metallized Polypropylene Film Capacitors
logo
Illinois Capacitor, Inc...
755DCB112K2J ILLINOISCAPACITOR-755DCB112K2J_13 Datasheet
274Kb / 2P
   Metallized Polypropylene Film Capacitors
logo
TDK Electronics
MKP-B32620621 TDK-MKP-B32620621 Datasheet
500Kb / 28P
   Metallized Polypropylene Film Capacitors
logo
Vishay Siliconix
MKP1848S-DC VISHAY-MKP1848S-DC Datasheet
167Kb / 15P
   Metallized Polypropylene Film Capacitors
Revision: 19-Mar-13
logo
RUBYCON CORPORATION
121MPE153J RUBYCON-121MPE153J Datasheet
184Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
630MPB224J RUBYCON-630MPB224J Datasheet
149Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
Cornell Dubilier Electr...
950 CDE-950 Datasheet
265Kb / 3P
   Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
MPN RUBYCON-MPN Datasheet
204Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
WESTECH COMPONENT CO., ...
CBB62 WESTECH-CBB62 Datasheet
89Kb / 1P
   Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
MPS RUBYCON-MPS Datasheet
80Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com