Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32620A4333 Datasheet(PDF) 6 Page - TDK Electronics

Part # B32620A4333
Description  Metallized Polypropylene Film Capacitors
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B32620A4333 Datasheet(HTML) 6 Page - TDK Electronics

Back Button B32620A4333 Datasheet HTML 2Page - TDK Electronics B32620A4333 Datasheet HTML 3Page - TDK Electronics B32620A4333 Datasheet HTML 4Page - TDK Electronics B32620A4333 Datasheet HTML 5Page - TDK Electronics B32620A4333 Datasheet HTML 6Page - TDK Electronics B32620A4333 Datasheet HTML 7Page - TDK Electronics B32620A4333 Datasheet HTML 8Page - TDK Electronics B32620A4333 Datasheet HTML 9Page - TDK Electronics B32620A4333 Datasheet HTML 10Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
Ordering codes and packing units (lead spacing 10 mm)
VR
V DC
VRMS
f
≤1 kHz
V AC
CR
nF
Max. dimensions
w
× h × l
mm
Ordering code
(composition see
below)
Ammo
pack
pcs./MOQ
Reel
pcs./
MOQ
Untaped
pcs./
MOQ
MOQ = Minimum Order Quantity, consisting of 4 packing units.
Further E series and intermediate capacitance values on request.
Composition of ordering code
+ =
Capacitance tolerance code:
*** = Packaging code:
K =
±10%
J =
±5%
289 = Ammo pack
189 = Reel
000 = Untaped (lead length 6
1 mm)
160
90
47
4.0
× 7.0 × 13.0
B32621A5473+***
4000
6800
4000
68
4.0
× 9.0 × 13.0
B32621A5683+***
4000
6800
4000
100
5.0
× 11.0 × 13.0
B32621A5104+***
3320
5200
4000
150
5.0
× 11.0 × 13.0
B32621A5154+***
3320
5200
4000
220
6.0
× 12.0 × 13.0
B32621A5224+***
2720
4400
4000
250
140
2.2
4.0
× 7.0 × 13.0
B32621A3222+***
4000
6800
4000
3.3
4.0
× 9.0 × 13.0
B32621A3332+***
4000
6800
4000
4.7
4.0
× 9.0 × 13.0
B32621A3472+***
4000
6800
4000
6.8
4.0
× 9.0 × 13.0
B32621A3682+***
4000
6800
4000
10
4.0
× 9.0 × 13.0
B32621A3103+***
4000
6800
4000
15
4.0
× 9.0 × 13.0
B32621A3153+***
4000
6800
4000
22
4.0
× 9.0 × 13.0
B32621A3223+***
4000
6800
4000
33
4.0
× 9.0 × 13.0
B32621A3333+***
4000
6800
4000
47
4.0
× 9.0 × 13.0
B32621A3473+***
4000
6800
4000
68
5.0
× 11.0 × 13.0
B32621A3683+***
3320
5200
4000
100
6.0
× 12.0 × 13.0
B32621A3104+***
2720
4400
4000
400
200
10
4.0
× 9.0 × 13.0
B32621A4103+***
4000
6800
4000
15
4.0
× 9.0 × 13.0
B32621A4153+***
4000
6800
4000
22
5.0
× 11.0 × 13.0
B32621A4223+***
3320
5200
4000
33
5.0
× 11.0 × 13.0
B32621A4333+***
3320
5200
4000
47
6.0
× 12.0 × 13.0
B32621A4473+***
2720
4400
4000
630
400
2.2
4.0
× 7.0 × 13.0
B32621A6222+***
4000
6800
4000
3.3
4.0
× 9.0 × 13.0
B32621A6332+***
4000
6800
4000
4.7
4.0
× 9.0 × 13.0
B32621A6472+***
4000
6800
4000
6.8
4.0
× 9.0 × 13.0
B32621A6682+***
4000
6800
4000
10
4.0
× 9.0 × 13.0
B32621A6103+***
4000
6800
4000
15
5.0
× 11.0 × 13.0
B32621A6153+***
3320
5200
4000
22
6.0
× 12.0 × 13.0
B32621A6223+***
2720
4400
4000
33
6.0
× 12.0 × 13.0
B32621A6333+***
2720
4400
4000
B32621
High pulse (stacked)
Page 6 of 28
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32620A4333

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32620A4333 EPCOS-B32620A4333 Datasheet
525Kb / 30P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
More results

Similar Description - B32620A4333

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
MPR RUBYCON-MPR Datasheet
60Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
MERITEK ELECTRONICS COR...
TMPP MERITEK-TMPP Datasheet
219Kb / 1P
   Metallized Polypropylene Film Capacitors
logo
Illinois Capacitor, Inc...
755DCB112K2J ILLINOISCAPACITOR-755DCB112K2J_13 Datasheet
274Kb / 2P
   Metallized Polypropylene Film Capacitors
logo
Vishay Siliconix
MKP1848S-DC VISHAY-MKP1848S-DC Datasheet
167Kb / 15P
   Metallized Polypropylene Film Capacitors
Revision: 19-Mar-13
logo
RUBYCON CORPORATION
121MPE153J RUBYCON-121MPE153J Datasheet
184Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
630MPB224J RUBYCON-630MPB224J Datasheet
149Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
Cornell Dubilier Electr...
950 CDE-950 Datasheet
265Kb / 3P
   Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
MPN RUBYCON-MPN Datasheet
204Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
WESTECH COMPONENT CO., ...
CBB62 WESTECH-CBB62 Datasheet
89Kb / 1P
   Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
MPS RUBYCON-MPS Datasheet
80Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com