Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32674D8474000 Datasheet(PDF) 9 Page - TDK Electronics

Part # B32674D8474000
Description  Metallized Polypropylene Film Capacitors
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B32674D8474000 Datasheet(HTML) 9 Page - TDK Electronics

Back Button B32674D8474000 Datasheet HTML 5Page - TDK Electronics B32674D8474000 Datasheet HTML 6Page - TDK Electronics B32674D8474000 Datasheet HTML 7Page - TDK Electronics B32674D8474000 Datasheet HTML 8Page - TDK Electronics B32674D8474000 Datasheet HTML 9Page - TDK Electronics B32674D8474000 Datasheet HTML 10Page - TDK Electronics B32674D8474000 Datasheet HTML 11Page - TDK Electronics B32674D8474000 Datasheet HTML 12Page - TDK Electronics B32674D8474000 Datasheet HTML 13Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
Ordering codes and packing units (lead spacing 37.5 mm)
CR
µF
Max. dimensions
w
× h × l
mm
P1
mm
Ordering code
(composition see
below)
IRMS,max
70
°C
10 kHz
A
IRMS,max
70
°C
20 kHz
A
ESRtyp
70
°C
10 kHz
m
Straight
terminals,
Untaped
pcs./MOQ
MOQ = Minimum Order Quantity, consisting of 4 packing units.
Further E series and intermediate capacitance values on request.
Composition of ordering code
+ =
Capacitance tolerance code:
K =
±10%
J =
±5%
VR,85 °C = 750 V DC, Vop,70 °C = 900 V DC
2.0
24.0
× 15.0 × 41.5
B32676T1205+000
7.5
7.5
10.0
1040
2.7
24.0
× 19.0 × 41.5
B32676T1275+000
8.5
8.5
8.0
780
4.7
20.0
× 39.5 × 42.0 10.2 B32676G1475+000 11.0
10.0
7.8
640
5.6
20.0
× 39.5 × 42.0 10.2 B32676G1565+000 11.5
10.5
7.1
640
6.8
28.0
× 37.0 × 42.0 10.2 B32676G1685+000 12.5
11.5
6.7
440
9.0
30.0
× 45.0 × 42.0 20.3 B32676G1905+000 14.0
13.0
6.0
440
10
30.0
× 45.0 × 42.0 20.3 B32676G1106+000 15.0
14.0
5.8
400
12
33.0
× 48.0 × 42.0 20.3 B32676G1126+000 19.5
19.0
2.7
192
VR,85 °C = 875 V DC, Vop,70 °C = 1050 V DC
1.5
24.0
× 15.0 × 41.5
B32676T8155+000
7.0
7.0
12.0
1040
2.0
24.0
× 19.0 × 41.5
B32676T8205+000
8.0
7.5
9.0
780
3.3
20.0
× 39.5 × 42.0 10.2 B32676G8335+000 11.0
10.0
11.0
640
4.0
20.0
× 39.5 × 42.0 10.2 B32676G8405+000 11.5
10.5
9.8
640
4.7
28.0
× 37.0 × 42.0 10.2 B32676G8475+000 12.5
11.5
8.6
440
6.8
28.0
× 42.5 × 42.0 10.2 B32676G8685+000 14.0
13.0
8.3
440
7.5
30.0
× 45.0 × 42.0 20.3 B32676G8755+000 15.0
14.0
8.0
400
10
33.0
× 48.0 × 42.0 20.3 B32676G8106K000 19.5
19.0
3.7
192
B32676
MKP DC link
high power series
Page 9 of 22
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32674D8474000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32674D8474000 TDK-B32674D8474000 Datasheet
2Mb / 40P
   Metallized Polypropylene Film Capacitors (MKP)
More results

Similar Description - B32674D8474000

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
MPR RUBYCON-MPR Datasheet
60Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
MERITEK ELECTRONICS COR...
TMPP MERITEK-TMPP Datasheet
219Kb / 1P
   Metallized Polypropylene Film Capacitors
logo
Illinois Capacitor, Inc...
755DCB112K2J ILLINOISCAPACITOR-755DCB112K2J_13 Datasheet
274Kb / 2P
   Metallized Polypropylene Film Capacitors
logo
TDK Electronics
MKP-B32620621 TDK-MKP-B32620621 Datasheet
500Kb / 28P
   Metallized Polypropylene Film Capacitors
logo
Vishay Siliconix
MKP1848S-DC VISHAY-MKP1848S-DC Datasheet
167Kb / 15P
   Metallized Polypropylene Film Capacitors
Revision: 19-Mar-13
logo
RUBYCON CORPORATION
121MPE153J RUBYCON-121MPE153J Datasheet
184Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
630MPB224J RUBYCON-630MPB224J Datasheet
149Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
Cornell Dubilier Electr...
950 CDE-950 Datasheet
265Kb / 3P
   Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
MPN RUBYCON-MPN Datasheet
204Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
WESTECH COMPONENT CO., ...
CBB62 WESTECH-CBB62 Datasheet
89Kb / 1P
   Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
MPS RUBYCON-MPS Datasheet
80Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com